Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54LV165A Datasheet(PDF) 7 Page - Texas Instruments

Part # SN54LV165A
Description  PARALLEL-LOAD 8-BIT SHIFT REGISTERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54LV165A Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN54LV165A_10 Datasheet HTML 3Page - Texas Instruments SN54LV165A_10 Datasheet HTML 4Page - Texas Instruments SN54LV165A_10 Datasheet HTML 5Page - Texas Instruments SN54LV165A_10 Datasheet HTML 6Page - Texas Instruments SN54LV165A_10 Datasheet HTML 7Page - Texas Instruments SN54LV165A_10 Datasheet HTML 8Page - Texas Instruments SN54LV165A_10 Datasheet HTML 9Page - Texas Instruments SN54LV165A_10 Datasheet HTML 10Page - Texas Instruments SN54LV165A_10 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
SN54LV165A, SN74LV165A
PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SCLS402L − APRIL 1998 − REVISED MAY 2010
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching
characteristics
over
recommended
operating
free-air
temperature
range,
VCC = 2.5 V ± 0.2 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54LV165A
SN74LV165A
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
f
CL = 15 pF
50*
80*
45*
45
MHz
fmax
CL = 50 pF
40
65
35
35
MHz
CLK
12.2*
19.8*
1*
22*
1
22
tpd
SH/LD
QH or QH
CL = 15 pF
13.1*
21.5*
1*
23.5*
1
23.5
ns
pd
H
QH or QH
CL
15 pF
12.9*
21.7*
1*
24*
1
24
CLK
15.3
23.3
1
26
1
26
tpd
SH/LD
QH or QH
CL = 50 pF
16.1
25.1
1
28
1
28
ns
pd
H
QH or QH
CL
50 pF
15.9
25.3
1
28
1
28
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
switching
characteristics
over
recommended
operating
free-air
temperature
range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54LV165A
SN74LV165A
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
f
CL = 15 pF
65*
115*
55*
55
MHz
fmax
CL = 50 pF
60
90
50
50
MHz
CLK
8.6*
15.4*
1*
18*
1
18
tpd
SH/LD
QH or QH
CL = 15 pF
9.1*
15.8*
1*
18.5*
1
18.5
ns
tpd
H
QH or QH
CL
15 pF
8.9*
14.1*
1*
16.5*
1
16.5
ns
CLK
10.9
14.9
1
16.9
1
16.9
tpd
SH/LD
QH or QH
CL = 50 pF
11.3
19.3
1
22
1
22
ns
pd
H
QH or QH
CL
50 pF
11.1
17.6
1
20
1
20
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
switching
characteristics
over
recommended
operating
free-air
temperature
range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54LV165A
SN74LV165A
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
f
CL = 15 pF
110*
165*
90*
90
MHz
fmax
CL = 50 pF
95
125
85
85
MHz
CLK
6*
9.9*
1*
11.5*
1
11.5
tpd
SH/LD
QH or QH
CL = 15 pF
6*
9.9*
1*
11.5*
1
11.5
ns
tpd
H
QH or QH
CL
15 pF
6*
9*
1*
10.5*
1
10.5
ns
CLK
7.7
11.9
1
13.5
1
13.5
tpd
SH/LD
QH or QH
CL = 50 pF
7.7
11.9
1
13.5
1
13.5
ns
pd
H
QH or QH
CL
50 pF
7.6
11
1
12.5
1
12.5
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
VCC
TYP
UNIT
C
Power dissipation capacitance
C =50pF
f = 10 MHz
3.3 V
36.1
pF
Cpd
Power dissipation capacitance
CL = 50 pF,
f = 10 MHz
5 V
37.5
pF


Similar Part No. - SN54LV165A_10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV165A_101 TI-SN54LV165A_101 Datasheet
730Kb / 22P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
More results

Similar Description - SN54LV165A_10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC165 TI-SN54HC165 Datasheet
579Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54LV165 TI-SN54LV165 Datasheet
168Kb / 8P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54HC166 TI-SN54HC166_07 Datasheet
636Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54LV165A_101 TI-SN54LV165A_101 Datasheet
730Kb / 22P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54166 TI-SN54166 Datasheet
646Kb / 16P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54HC166 TI1-SN54HC166_16 Datasheet
1Mb / 34P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54165 TI-SN54165_07 Datasheet
342Kb / 15P
[Old version datasheet]   PARALLEL-LOAD-8-BIT SHIFT REGISTERS
SN54HC165 TI-SN54HC165_10 Datasheet
832Kb / 24P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54165 TI-SN54165 Datasheet
199Kb / 13P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54165 TI-SN54165_08 Datasheet
371Kb / 15P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54165 TI1-SN54165_15 Datasheet
755Kb / 16P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com