Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG3524NSRE4 Datasheet(PDF) 12 Page - Texas Instruments

Part # SG3524NSRE4
Description  REGULATING PULSE-WIDTH MODULATORS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SG3524NSRE4 Datasheet(HTML) 12 Page - Texas Instruments

Back Button SG3524NSRE4 Datasheet HTML 8Page - Texas Instruments SG3524NSRE4 Datasheet HTML 9Page - Texas Instruments SG3524NSRE4 Datasheet HTML 10Page - Texas Instruments SG3524NSRE4 Datasheet HTML 11Page - Texas Instruments SG3524NSRE4 Datasheet HTML 12Page - Texas Instruments SG3524NSRE4 Datasheet HTML 13Page - Texas Instruments SG3524NSRE4 Datasheet HTML 14Page - Texas Instruments SG3524NSRE4 Datasheet HTML 15Page - Texas Instruments SG3524NSRE4 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
SG2524, SG3524
REGULATING PULSEWIDTH MODULATORS
SLVS077D – APRIL 1977 – REVISED FEBRUARY 2003
12
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
SG2524
COMP
.
CURR LIM+
EMIT 2
COL 2
COL 1
EMIT 1
GND
OSC OUT
CT
RT
REF OUT
IN+
IN–
0.01
µF
0.1
µF
5 k
5 k
2 k
50
µF
–5 V
20 mA
1N916
1N916
20
µF
1N916
15 k
VCC = 15 V
VCC
CURR LIM–
SHUTDOWN
+
1
2
16
6
7
10
3
11
12
13
14
4
5
9
8
15
5 k
+
Figure 12. Capacitor-Diode Output Circuit
VCC = 5 V
0.1
µF
1 M
300
1N916
1N916
20T
200
–15 V
20 mA
15 V
50
µF
50
µF
50T
50T
TIP29A
1
1N916
620
510
2N2222
4.7
µF
0.001
µF
0.02
µF
5 k
2 k
100
µF
5 k
5 k
SG2524
VCC
OSC OUT
GND
COMP
CURR LIM+
EMIT 2
COL 2
COL 1
EMIT 1
CURR LIM–
CT
RT
REF OUT
IN+
IN–
+
+
SHUTDOWN
25 k
+
+
1
2
16
6
7
10
3
11
12
13
14
4
5
9
15
8
Input
Return
Figure 13. Flyback Converter Circuit
†Throughout these discussions, references to the SG2524 apply also to the SG3524.


Similar Part No. - SG3524NSRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SG3524NSRE4 TI-SG3524NSRE4 Datasheet
521Kb / 20P
[Old version datasheet]   REGULATING PULSE-WIDTH MODULATORS
More results

Similar Description - SG3524NSRE4

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP1524 SEME-LAB-IP1524 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATORS
IP1525A SEME-LAB-IP1525A Datasheet
63Kb / 6P
   REGULATING PULSE WIDTH MODULATORS
logo
STMicroelectronics
SG2524 STMICROELECTRONICS-SG2524 Datasheet
93Kb / 9P
   REGULATING PULSE WIDTH MODULATORS
SG2525AP013TR STMICROELECTRONICS-SG2525AP013TR Datasheet
939Kb / 12P
   REGULATING PULSE WIDTH MODULATORS
logo
Texas Instruments
UC1525B TI-UC1525B Datasheet
653Kb / 14P
[Old version datasheet]   Regulating Pulse Width Modulators
logo
STMicroelectronics
SG2525A STMICROELECTRONICS-SG2525A Datasheet
117Kb / 12P
   REGULATING PULSE WIDTH MODULATORS
logo
Linear Technology
LT1525A LINER-LT1525A Datasheet
536Kb / 8P
   Regulating Pulse Width Modulators
logo
Seme LAB
IP1P125 SEME-LAB-IP1P125 Datasheet
28Kb / 4P
   REGULATING PULSE WIDTH MODULATORS
logo
Texas Instruments
UC1525A TI1-UC1525A_15 Datasheet
745Kb / 17P
[Old version datasheet]   REGULATING PULSE WIDTH MODULATORS
UC1525A TI-UC1525A Datasheet
440Kb / 9P
[Old version datasheet]   Regulating Pulse Width Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com