Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SG3524NE4 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part No. SG3524NE4
Description  REGULATING PULSE-WIDTH MODULATORS
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo TI - Texas Instruments

SG3524NE4 Datasheet(HTML) 13 Page - Texas Instruments

Back Button SG3524NE4 Datasheet HTML 9Page - Texas Instruments SG3524NE4 Datasheet HTML 10Page - Texas Instruments SG3524NE4 Datasheet HTML 11Page - Texas Instruments SG3524NE4 Datasheet HTML 12Page - Texas Instruments SG3524NE4 Datasheet HTML 13Page - Texas Instruments SG3524NE4 Datasheet HTML 14Page - Texas Instruments SG3524NE4 Datasheet HTML 15Page - Texas Instruments SG3524NE4 Datasheet HTML 16Page - Texas Instruments SG3524NE4 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
SG2524, SG3524
REGULATING PULSEWIDTH MODULATORS
SLVS077D – APRIL 1977 – REVISED FEBRUARY 2003
13
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
Input Return
0.1
3 k
1N3880
500
µF
1 A
5 V
0.9 mH
TIP115
SG2524
VCC
OSC OUT
GND
VCC = 28 V
0.001
µF
50 k
5 k
3 k
0.1
µF
0.02
µF
5 k
CURR LIM+
EMIT 2
COL 2
COL 1
EMIT 1
SHUT
DOWN
CT
RT
REF OUT
IN+
IN–
CURR LIM–
COMP
1
2
16
6
7
10
3
11
12
13
14
4
5
9
15
8
5 k
5 k
+
Figure 14. Single-Ended LC Circuit
5 k
0.01
µF
0.1
µF
2 k
5 k
20 k
1500
µF
0.1
100
µF
+
5 A
5 V
20T
20T
5T
5T
TIR101A
1 mH
TIP31A
100
100
TIP31A
1W
1 k
VCC = 28 V
GND
OSC OUT
VCC
SG2524
CURR LIM+
EMIT 2
COL 2
COL 1
EMIT 1
SHUT
DOWN
CT
RT
REF OUT
IN+
IN–
CURR LIM–
COMP
1
2
16
6
7
10
3
11
12
13
14
4
5
9
15
8
5 k
5 k
0.001
µF
+
+
1W
1 k
Figure 15. Push-Pull Transformer-Coupled Circuit
†Throughout these discussions, references to the SG2524 apply also to the SG3524.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn