Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SG3524NE4 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part No. SG3524NE4
Description  REGULATING PULSE-WIDTH MODULATORS
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo TI - Texas Instruments

SG3524NE4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SG3524NE4 Datasheet HTML 5Page - Texas Instruments SG3524NE4 Datasheet HTML 6Page - Texas Instruments SG3524NE4 Datasheet HTML 7Page - Texas Instruments SG3524NE4 Datasheet HTML 8Page - Texas Instruments SG3524NE4 Datasheet HTML 9Page - Texas Instruments SG3524NE4 Datasheet HTML 10Page - Texas Instruments SG3524NE4 Datasheet HTML 11Page - Texas Instruments SG3524NE4 Datasheet HTML 12Page - Texas Instruments SG3524NE4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
SG2524, SG3524
REGULATING PULSEWIDTH MODULATORS
SLVS077D – APRIL 1977 – REVISED FEBRUARY 2003
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
shutdown circuitry
COMP also can be employed to introduce external control of the SG2524. Any circuit that can sink 200
µA can
pull the compensation terminal to ground and, thus, disable the SG2524.
In addition to constant-current limiting, CURR LIM+ and CURR LIM– also can be used in transformer-coupled
circuits to sense primary current and shorten an output pulse should transformer saturation occur. CURR LIM–
also can be grounded to convert CURR LIM+ into an additional shutdown terminal.
current limiting
A current-limiting sense amplifier is provided in the SG2524. The current-limiting sense amplifier exhibits a
threshold of 200 mV
±25 mV and must be applied in the ground line since the voltage range of the inputs is limited
to 1 V to –1 V. Caution should be taken to ensure the –1-V limit is not exceeded by either input, otherwise,
damage to the device may result.
Foldback current limiting can be provided with the network shown in Figure 7. The current-limit schematic is
shown in Figure 8.
VO
Rs
R2
R1
EMIT 2
EMIT 1
SG2524
I
O(max) +
1
Rs
200 mV
)
V
O
R2
R1
) R2
I
OS +
200 mV
Rs
CURR LIM+
CURR LIM–
11
14
5
4
Figure 7. Foldback Current Limiting for Shorted Output Conditions
Constant-Current Source
CURR LIM+
COMP
CT
Comparator
Error Amplifier
CURR LIM–
Figure 8. Current-Limit Schematic
† Throughout these discussions, references to the SG2524 apply also to the SG3524.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn