Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SG3524NE4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part No. SG3524NE4
Description  REGULATING PULSE-WIDTH MODULATORS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SG3524NE4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SG3524NE4 Datasheet HTML 4Page - Texas Instruments SG3524NE4 Datasheet HTML 5Page - Texas Instruments SG3524NE4 Datasheet HTML 6Page - Texas Instruments SG3524NE4 Datasheet HTML 7Page - Texas Instruments SG3524NE4 Datasheet HTML 8Page - Texas Instruments SG3524NE4 Datasheet HTML 9Page - Texas Instruments SG3524NE4 Datasheet HTML 10Page - Texas Instruments SG3524NE4 Datasheet HTML 11Page - Texas Instruments SG3524NE4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
SG2524, SG3524
REGULATING PULSEWIDTH MODULATORS
SLVS077D – APRIL 1977 – REVISED FEBRUARY 2003
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
synchronous operation (continued)
If two or more SG2524 regulators are operated synchronously, all oscillator output terminals must be tied
together. The oscillator programmed for the minimum clock period is the master from which all the other
SG2524s operate. In this application, the CTRT values of the slaved regulators must be set for a period
approximately 10% longer than that of the master regulator. In addition, CT (master) = 2 CT (slave) to ensure
that the master output pulse, which occurs first, has a longer pulse duration and, subsequently, resets the slave
regulators.
voltage reference
The 5-V internal reference can be employed by use of an external resistor divider network to establish a
reference common-mode voltage range (1.8 V to 3.4 V) within the error amplifiers (see Figure 6), or an external
reference can be applied directly to the error amplifier. For operation from a fixed 5-V supply, the internal
reference can be bypassed by applying the input voltage to both the VCC and VREF terminals. In this
configuration, however, the input voltage is limited to a maximum of 6 V.
To Negative
Output Voltage
REF OUT
5 k
R1
To Positive
Output Voltage
R2
5 k
REF OUT
+
+
5 k
5 k
R2
R1
V
O +
2.5 V R1 ) R2
R1
V
O +
2.5 V 1
* R2
R1
2.5 V
2.5 V
Figure 6. Error-Amplifier Bias Circuits
error amplifier
The error amplifier is a differential-input transconductance amplifier. The output is available for dc gain control
or ac phase compensation. The compensation node (COMP) is a high-impedance node (RL = 5 MΩ). The gain
of the amplifier is AV = (0.002 Ω–1)RL and easily can be reduced from a nominal 10,000 by an external shunt
resistance from COMP to ground. Refer to Figure 3 for data.
compensation
COMP, as previously discussed, is made available for compensation. Since most output filters introduce one
or more additional poles at frequencies below 200 Hz, which is the pole of the uncompensated amplifier,
introduction of a zero to cancel one of the output filter poles is desirable. This can be accomplished best with
a series RC circuit from COMP to ground in the range of 50 k
Ω and 0.001 µF. Other frequencies can be canceled
by use of the formula f
≈ 1/RC.
† Throughout these discussions, references to the SG2524 apply also to the SG3524.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn