Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SG3524NE4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part No. SG3524NE4
Description  REGULATING PULSE-WIDTH MODULATORS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SG3524NE4 Datasheet(HTML) 5 Page - Texas Instruments

  SG3524NE4 Datasheet HTML 1Page - Texas Instruments SG3524NE4 Datasheet HTML 2Page - Texas Instruments SG3524NE4 Datasheet HTML 3Page - Texas Instruments SG3524NE4 Datasheet HTML 4Page - Texas Instruments SG3524NE4 Datasheet HTML 5Page - Texas Instruments SG3524NE4 Datasheet HTML 6Page - Texas Instruments SG3524NE4 Datasheet HTML 7Page - Texas Instruments SG3524NE4 Datasheet HTML 8Page - Texas Instruments SG3524NE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
SG2524, SG3524
REGULATING PULSEWIDTH MODULATORS
SLVS077D – APRIL 1977 – REVISED FEBRUARY 2003
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
0.1
µF
2 k
10 k
RT
1 W
2 k
8
4
2
1
9
6
7
10
11
14
16
3
12
13
(Open)
Outputs
VCC = 8 V to 40 V
15
SHUTDOWN
CT
RT
COMP
IN–
IN+
CURR LIM+
COL 2
COL 1
OSC OUT
REF OUT
EMIT 2
EMIT 1
GND
SG2524 or SG3524
VCC
CT
2 k
1 W
2 k
2 k
10 k
1 k
5
CURR LIM–
VREF
VREF
Figure 1. General Test Circuit
≈0 V
≈VCC
VOLTAGE WAVEFORMS
90%
10%
10%
90%
tr
tf
TEST CIRCUIT
Circuit Under Test
Output
2 k
VCC
Output
Figure 2. Switching Times


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn