Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDS9637ADR Datasheet(PDF) 5 Page - Texas Instruments

Part # SN65LVDS9637ADR
Description  HIGH-SPEED DIFFERENTIAL RECEIVERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS9637ADR Datasheet(HTML) 5 Page - Texas Instruments

  SN65LVDS9637ADR Datasheet HTML 1Page - Texas Instruments SN65LVDS9637ADR Datasheet HTML 2Page - Texas Instruments SN65LVDS9637ADR Datasheet HTML 3Page - Texas Instruments SN65LVDS9637ADR Datasheet HTML 4Page - Texas Instruments SN65LVDS9637ADR Datasheet HTML 5Page - Texas Instruments SN65LVDS9637ADR Datasheet HTML 6Page - Texas Instruments SN65LVDS9637ADR Datasheet HTML 7Page - Texas Instruments SN65LVDS9637ADR Datasheet HTML 8Page - Texas Instruments SN65LVDS9637ADR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
SN65LVDS32A, SN65LVDT32A, SN65LVDS3486A
SN65LVDT3486A, SN65LVDS9637A, SN65LVDT9637A
HIGHSPEED DIFFERENTIAL RECEIVERS
SLLS368E − JULY 1999 − REVISED JUNE 2001
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VITH1
Positive-going differential input voltage threshold
VIB =-2 V or 4.4 V, See Figure 1
50
mV
VITH2
Negative-going differential input voltage threshold
VIB =-2 V or 4.4 V, See Figure 1
−50
mV
VITH3
Differential input fail-safe voltage threshold
See Figure 2 and Table 1
−70
−100
mV
VID(HYS)
Differential input voltage hysteresis,
VITH1 - VITH2
50
mV
VOH
High-level output voltage
IOH = −8 mA
2.4
V
VOL
Low-level output voltage
IOL = 8 mA
0.4
V
ICC
Supply current
‘32A or ‘3486A
G or EN at VCC,
No load,
Steady-state
16
23
mA
ICC
Supply current
‘32A or ‘3486A
G or EN at GND
1.1
5
mA
‘9637A
No load,
Steady-state
8
12
VI = 0 V,
Other input open
±20
SN65LVDS
VI =2.4 V,
Other input open
±20
A
SN65LVDS
VI =-2 V,
Other input open
±40
µA
II
Input current (A or B inputs)
VI = 4.4 V,
Other input open
±40
II
Input current (A or B inputs)
VI = 0 V,
Other input open
±40
SN65LVDT
VI =2.4 V,
Other input open
±40
A
SN65LVDT
VI =-2 V,
Other input open
±80
µA
VI = 4.4 V,
Other input open
±80
IID
Differential input current
SN65LVDS
VID= 100 mV,
VIC= −2 V or 4.4 V,
See Figure 1
±2
µA
IID
Differential input current
(IIA - IIB)
SN65LVDT
VID= 0.4 V,
VIC= −2 V or 4.4 V
3.1
4.5
mA
(IIA - IIB)
SN65LVDT
VID= −0.4 V,
VIC= −2 V or 4.4 V
−3.1
−4.5
mA
II(OFF)
Power-off input current (A or B inputs)
VA or VB =0 or 2.4 V,
VCC= 0 V
±30
A
II(OFF)
Power-off input current (A or B inputs)
VA or VB =−2 V or 4.4 V,
VCC= 0 V
±50
µA
IIH
High-level input current (enables)
VIH = 2 V
10
µA
IIL
Low-level input current (enables)
VIL = 0.8 V
10
µA
IOZ
High-impedance output current
±10
µA
CIN
Input capacitance, A or B input to GND
VI = 0.4 sin (4E6πt) + 0.5 V
5
pF
† All typical values are at 25°C and with a 3.3 V supply.


Similar Part No. - SN65LVDS9637ADR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS9637AD TI-SN65LVDS9637AD Datasheet
191Kb / 14P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
More results

Similar Description - SN65LVDS9637ADR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS32B TI-SN65LVDS32B Datasheet
294Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS33 TI-SN65LVDS33_07 Datasheet
530Kb / 23P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS32B TI-SN65LVDS32B_07 Datasheet
206Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS32A TI-SN65LVDS32A Datasheet
191Kb / 14P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS33 TI-SN65LVDS33 Datasheet
419Kb / 20P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL RECEIVERS
SN75LVDS32 TI-SN75LVDS32 Datasheet
215Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN65LVDS348 TI-SN65LVDS348 Datasheet
310Kb / 20P
[Old version datasheet]   QUAD HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDT352 TI-SN65LVDT352 Datasheet
306Kb / 20P
[Old version datasheet]   QUAD HIGH-SPEED DIFFERENTIAL RECEIVERS
logo
STMicroelectronics
STLVDS32B STMICROELECTRONICS-STLVDS32B Datasheet
696Kb / 17P
   High speed differential line receivers
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386_08 Datasheet
437Kb / 8P
   High-Speed Differential Line Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com