Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG2524DR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SG2524DR
Description  REGULATING PULSE-WIDTH MODULATORS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SG2524DR Datasheet(HTML) 5 Page - Texas Instruments

  SG2524DR Datasheet HTML 1Page - Texas Instruments SG2524DR Datasheet HTML 2Page - Texas Instruments SG2524DR Datasheet HTML 3Page - Texas Instruments SG2524DR Datasheet HTML 4Page - Texas Instruments SG2524DR Datasheet HTML 5Page - Texas Instruments SG2524DR Datasheet HTML 6Page - Texas Instruments SG2524DR Datasheet HTML 7Page - Texas Instruments SG2524DR Datasheet HTML 8Page - Texas Instruments SG2524DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
SG2524, SG3524
REGULATING PULSEWIDTH MODULATORS
SLVS077D – APRIL 1977 – REVISED FEBRUARY 2003
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
0.1
µF
2 k
10 k
RT
1 W
2 k
8
4
2
1
9
6
7
10
11
14
16
3
12
13
(Open)
Outputs
VCC = 8 V to 40 V
15
SHUTDOWN
CT
RT
COMP
IN–
IN+
CURR LIM+
COL 2
COL 1
OSC OUT
REF OUT
EMIT 2
EMIT 1
GND
SG2524 or SG3524
VCC
CT
2 k
1 W
2 k
2 k
10 k
1 k
5
CURR LIM–
VREF
VREF
Figure 1. General Test Circuit
≈0 V
≈VCC
VOLTAGE WAVEFORMS
90%
10%
10%
90%
tr
tf
TEST CIRCUIT
Circuit Under Test
Output
2 k
VCC
Output
Figure 2. Switching Times


Similar Part No. - SG2524DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SG2524DR TI-SG2524DR Datasheet
521Kb / 20P
[Old version datasheet]   REGULATING PULSE-WIDTH MODULATORS
SG2524DRE4 TI-SG2524DRE4 Datasheet
521Kb / 20P
[Old version datasheet]   REGULATING PULSE-WIDTH MODULATORS
More results

Similar Description - SG2524DR

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP1524 SEME-LAB-IP1524 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATORS
IP1525A SEME-LAB-IP1525A Datasheet
63Kb / 6P
   REGULATING PULSE WIDTH MODULATORS
logo
STMicroelectronics
SG2524 STMICROELECTRONICS-SG2524 Datasheet
93Kb / 9P
   REGULATING PULSE WIDTH MODULATORS
SG2525AP013TR STMICROELECTRONICS-SG2525AP013TR Datasheet
939Kb / 12P
   REGULATING PULSE WIDTH MODULATORS
logo
Texas Instruments
UC1525B TI-UC1525B Datasheet
653Kb / 14P
[Old version datasheet]   Regulating Pulse Width Modulators
logo
STMicroelectronics
SG2525A STMICROELECTRONICS-SG2525A Datasheet
117Kb / 12P
   REGULATING PULSE WIDTH MODULATORS
logo
Linear Technology
LT1525A LINER-LT1525A Datasheet
536Kb / 8P
   Regulating Pulse Width Modulators
logo
Seme LAB
IP1P125 SEME-LAB-IP1P125 Datasheet
28Kb / 4P
   REGULATING PULSE WIDTH MODULATORS
logo
Texas Instruments
UC1525A TI1-UC1525A_15 Datasheet
745Kb / 17P
[Old version datasheet]   REGULATING PULSE WIDTH MODULATORS
UC1525A TI-UC1525A Datasheet
440Kb / 9P
[Old version datasheet]   Regulating Pulse Width Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com