Electronic Components Datasheet Search |
|
ISO1050DW Datasheet(PDF) 10 Page - Texas Instruments |
|
|
ISO1050DW Datasheet(HTML) 10 Page - Texas Instruments |
10 / 23 page ISO1050 SLLS983C – JUNE 2009 – REVISED JULY 2010 www.ti.com ISOLATOR CHARACTERISTICS (1) (2) over recommended operating conditions (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT L(I01) Minimum air gap (Clearance) Shortest terminal to terminal distance through air 6.1 mm DUB-8 Minimum external tracking Shortest terminal to terminal distance across the L(I02) 6.8 mm (Creepage) package surface L(I01) Minimum air gap (Clearance) Shortest terminal to terminal distance through air 8.34 mm DW-16 Minimum external tracking Shortest terminal to terminal distance across the L(I02) 8.10 mm (Creepage) package surface Minimum Internal Gap (Internal Distance through the insulation 0.014 mm Clearance) Input to output, VIO = 500 V, all pins on each side of the barrier tied together creating a two-terminal device, Tamb < >1012 Ω RIO Isolation resistance 100°C Input to output VIO = 500 V, 100°C ≤Tamb <≤Tamb max >1011 Ω CIO Barrier capacitance VI = 0.4 sin (4E6pt) 1.9 pF CI Input capacitance to ground VI = 0.4 sin (4E6pt) 1.3 pF (1) Creepage and clearance requirements should be applied according to the specific equipment isolation standards of an application. Care should be taken to maintain the creepage and clearance distance of a board design to ensure that the mounting pads of the isolator on the printed circuit board do not reduce this distance. (2) Creepage and clearance on a printed circuit board become equal according to the measurement techniques shown in the Isolation Glossary. Techniques such as inserting grooves and/or ribs on a printed circuit board are used to help increase these specifications. INSULATION CHARACTERISTICS over recommended operating conditions (unless otherwise noted) PARAMETER TEST CONDITIONS SPECIFICATION UNIT 8-DUB Package 560 Maximum working insulation VIORM Vpeak voltage per IEC 16-DW Package 1200 8-DUB Package VPR = 1.875 x VIORM, t = 1 1050 VPR Input to output test voltage per IEC sec (100% production) Vpeak 16-DW Package 2250 Partial discharge < 5 pC t = 60 sec (qualification) VIOTM Transient overvoltage per IEC 4000 Vpeak t = 1 sec (100% production) t = 60 sec (qualification) 2500 8-DUB Package Vrms t = 1 sec (100% production) 3000 VISO Isolation voltage per UL t = 60 sec (qualification) 5000 16-DW Package Vrms t = 1 sec (100% production) 6000 RS Isolation voltage per UL VIO = 500 V at TS > 109 Ω Pollution Degree 2 IEC 60664-1 RATINGS PARAMETER TEST CONDITIONS SPECIFICATION Basic isolation group Material group III-a Rated mains voltage ≤ 150 Vrms I–IV Installation classification Rated mains voltage ≤ 300 Vrms I–III Rated mains voltage ≤ 400 Vrms I–II 10 Submit Documentation Feedback Copyright © 2009–2010, Texas Instruments Incorporated Product Folder Link(s): ISO1050 |
Similar Part No. - ISO1050DW |
|
Similar Description - ISO1050DW |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |