Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRS3223IDWRG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # TRS3223IDWRG4
Description  3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRS3223IDWRG4 Datasheet(HTML) 2 Page - Texas Instruments

  TRS3223IDWRG4 Datasheet HTML 1Page - Texas Instruments TRS3223IDWRG4 Datasheet HTML 2Page - Texas Instruments TRS3223IDWRG4 Datasheet HTML 3Page - Texas Instruments TRS3223IDWRG4 Datasheet HTML 4Page - Texas Instruments TRS3223IDWRG4 Datasheet HTML 5Page - Texas Instruments TRS3223IDWRG4 Datasheet HTML 6Page - Texas Instruments TRS3223IDWRG4 Datasheet HTML 7Page - Texas Instruments TRS3223IDWRG4 Datasheet HTML 8Page - Texas Instruments TRS3223IDWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
www.ti.com
DESCRIPTION/ORDERING INFORMATION (CONTINUED)
FUNCTION TABLES
TRS3223
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
WITH
±15-kV ESD PROTECTION
SLLS816 – JULY 2007
xxx
ORDERING INFORMATION
TA
PACKAGE(1)(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
Tube of 25
TRS3223CDW
SOIC – DW
TRS3223C
Reel of 2000
TRS3223CDWR
Tube of 70
TRS3223CDB
–0
°C to 70°C
SSOP – DB
RS23C
Reel of 2000
TRS3223CDBR
Tube of 70
TRS3223CPW
TSSOP – PW
RS23C
Reel of 2000
TRS3223CPWR
Tube of 25
TRS3223IDW
SOIC – DW
TRS3223I
SSOP – DB
TRS3223IDWR
Tube of 70
TRS3223IDB
–40
°C to 85°C
SSOP – DB
RS23I
Reel of 2000
TRS3223IDBR
Tube of 70
TRS3223IPW
TSSOP – PW
RS23I
Reel of 2000
TRS3223IPWR
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available
atwww.ti.com/sc/package.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
Each Driver(1)
INPUTS
OUTPUT
DRIVER STATUS
VALID RIN
DOUT
DIN
FORCEON
FORCEOFF
RS-232 LEVEL
X
X
L
X
Z
Powered off
L
H
H
X
H
Normal operation with
auto-powerdown
H
H
H
X
L
disabled
L
L
H
Yes
H
Normal operation with
auto-powerdown
H
L
H
Yes
L
enabled
L
L
H
No
Z
Powered off by
auto-powerdown
H
L
H
No
Z
feature
(1)
H = high level, L = low level, X = irrelevant, Z = high impedance
Each Receiver(1)
INPUTS
OUTPUT
VALID RIN
ROUT
RIN
EN
RS-232 LEVEL
L
L
X
H
H
L
X
L
X
H
X
Z
Open
L
No
H
(1)
H = high level, L = low level, X = irrelevant,
Z = high impedance (off), Open = input
disconnected or connected driver off
2
Submit Documentation Feedback


Similar Part No. - TRS3223IDWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRS3223IDWRG4 TI-TRS3223IDWRG4 Datasheet
417Kb / 18P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
More results

Similar Description - TRS3223IDWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3223-EP TI1-MAX3223-EP Datasheet
426Kb / 16P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS3222 TI-TRS3222 Datasheet
428Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
logo
TEXAS ADVANCED OPTOELEC...
MAX3223EIDBG4 TAOS-MAX3223EIDBG4 Datasheet
646Kb / 22P
   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
logo
Texas Instruments
MAX3232-EP TI1-MAX3232-EP Datasheet
533Kb / 14P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX3222E TI-MAX3222E Datasheet
311Kb / 16P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS3223-Q1 TI-TRS3223-Q1 Datasheet
241Kb / 12P
[Old version datasheet]   3-V To 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS3232 TI-TRS3232_1 Datasheet
611Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRSF3222E TI1-TRSF3222E Datasheet
652Kb / 19P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS3223 TI-TRS3223 Datasheet
417Kb / 18P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS3222 TI-TRS3222_10 Datasheet
413Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com