Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRF-25P11-ZN Datasheet(PDF) 1 Page - Yamaichi Electronics Co., Ltd.

Part # DRF-25P11-ZN
Description  90째 Solder Dip with Filter (Male / Female)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

DRF-25P11-ZN Datasheet(HTML) 1 Page - Yamaichi Electronics Co., Ltd.

  DRF-25P11-ZN Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SPECIFICATIONS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
Sockets and Connectors
Trading Division
D Series (Standard D-Sub)
90° Solder Dip with Filter (Male / Female)
Specifications
Insulation Resistance:
3,000M
Ω min.
Withstanding Voltage:
1,000V AC
Contact Resistance:
15m
Ω max.
Current Rating:
3A
Operating Temp. Range: –55°C to +105°C
Soldering Temp.:
230°C / 3 sec.
Operating Voltage:
250V AC max.
Materials and Finish
Shell:
Steel, Tin plated
Insulator: Thermal Plastic, UL94V-0
Contacts: Male, Copper Alloy
Female, Brass
Plating:
Selective Gold
Outline Connector Dimensions (Male and Female)
Part Number (Details)
D
RF - 25 * 1 1 - ZN
Recommended PCB Layout
Top View
Part Number
AB
No. of Contacts
DRF-09*11-ZN
9
30.81
24.99
16.92
16.33
8.31
11.08
DRF-15*11-ZN
15
39.14
33.32
25.25
24.66
16.62
19.39
DRF-25*11-ZN
25
53.04
47.04
38.96
38.38
30.47
33.21
DRF-37*11-ZN
37
69.32
63.50
55.42
54.84
47.09
49.86
CD
Series
Terminal Version:
RF = Right Angle
Filtered
No. of Contacts Pins
S = Female P = Male
PCB Assembly:
1 = Snap-in
Connection Assembly Option:
1 = Fixed Female Screw Lock, 4-40
Mating Face Contact Plating:
ZN = Selective Gold Plating
C
B
A
F
G
F
G
B
E
F
3.18
Edge of PCB
3.2
1.0


Similar Part No. - DRF-25P11-ZN

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DRF-NJG-V2W-1 DOMINANT-DRF-NJG-V2W-1 Datasheet
864Kb / 13P
   High brightness surface mount LED
More results

Similar Description - DRF-25P11-ZN

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
DRA-09S11 YAMAICHI-DRA-09S11 Datasheet
85Kb / 1P
   90째 Solder Dip (Male / Female)
DRS-09S12 YAMAICHI-DRS-09S12 Datasheet
48Kb / 1P
   90째 Solder Dip - Short Distance (Male / Female 5.08mm)
CT09-15P5K272 YAMAICHI-CT09-15P5K272 Datasheet
87Kb / 2P
   90째 Solder Dip
CT09-15S5-S2-K228 YAMAICHI-CT09-15S5-S2-K228 Datasheet
47Kb / 1P
   90째 Solder Dip - Slim Line (Female, 2.50mm)
DD-15PNT-S-IE YAMAICHI-DD-15PNT-S-IE Datasheet
48Kb / 1P
   180째 Solder Dip (Male / Female)
NCS036-D002-K13289 YAMAICHI-NCS036-D002-K13289 Datasheet
60Kb / 1P
   Dual Port - 90째 Solder Dip Sockets
DVIS024T-002-BS1 YAMAICHI-DVIS024T-002-BS1 Datasheet
95Kb / 2P
   DVI Receptacle Connector (90째 Solder Dip)
logo
List of Unclassifed Man...
VERTICAL ETC2-VERTICAL Datasheet
292Kb / 3P
   MALE-DIP SOLDER
logo
Yamaichi Electronics Co...
NDP050-002-BF YAMAICHI-NDP050-002-BF Datasheet
133Kb / 2P
   90째 180째 Solder Dip Plug (1.27mm Pitch)
NCS020Z-022-DF YAMAICHI-NCS020Z-022-DF Datasheet
77Kb / 1P
   90째 Solder Dip Sockets (PCB - Hook Lock)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com