Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS5N118 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TS5N118
Description  1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER HIGH-BANDWIDTH BUS SWITCH
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS5N118 Datasheet(HTML) 4 Page - Texas Instruments

  TS5N118 Datasheet HTML 1Page - Texas Instruments TS5N118 Datasheet HTML 2Page - Texas Instruments TS5N118 Datasheet HTML 3Page - Texas Instruments TS5N118 Datasheet HTML 4Page - Texas Instruments TS5N118 Datasheet HTML 5Page - Texas Instruments TS5N118 Datasheet HTML 6Page - Texas Instruments TS5N118 Datasheet HTML 7Page - Texas Instruments TS5N118 Datasheet HTML 8Page - Texas Instruments TS5N118 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
www.ti.com
Electrical Characteristics
(1)
Switching Characteristics
Dynamic Characteristics
TS5N118
1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER
HIGH-BANDWIDTH BUS SWITCH
SCDS205 – AUGUST 2005
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(2)
MAX
UNIT
IIN
Control inputs
VCC = 5.25 V,
VIN = 0 to VCC
10
µA
VO = 0 to 10 V,
Switch OFF,
10
VCC = 5.25 V,
VI = 0,
VIN = VCC or GND
IOZ(3)
µA
VCC = 0 V,
VO = Open,
VI = 0 to 10 V
10
II/O = 0,
10
ICC
VCC = 5.25 V,
VIN = VCC or GND
mA
Switch ON or OFF,
Cin
Control inputs
VCC = 5 V,
VIN = 10 V or 0
10
pF
Switch OFF,
120
A port
VCC = 5 V,
VI/O = 10 V or 0
VIN = VCC or GND,
Cio(OFF)
pF
Switch OFF,
20
B port
VCC = 5 V,
VI/O = 10 V or 0
VIN = VCC or GND,
Switch ON,
160
Cio(ON)
VCC = 5 V,
VI/O = 10 V or 0
pF
VIN = VCC or GND,
VI = 0,
IO = 50 mA
3
7.5
VCC = 4.75 V,
ron(4)
VI = 8 V,
IO = –50 mA
7.5
TYP at VCC = 5 V
VI = 10 V,
IO = –50 mA
12.5
(1)
VIN and IIN refer to control inputs. VI, VO, II, and IO refer to data pins
(2)
All typical values are at VCC = 5 V (unless otherwise noted), TA = 25°C.
(3)
For I/O ports, the parameter IOZ includes the I/O leakage current.
(4)
Measured by the voltage drop between the A and B terminals at the indicated current through the switch. ON-state resistance is
determined by the lower of the voltages of the two (A or B) terminals.
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 3)
VCC = 5 V
FROM
TO
± 0.25 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
tpd(1)
A or B
B or A
0.1
ns
tpd(s)
S
A
200
ns
S
B
200
ten
ns
OE
A or B
200
S
B
200
tdis
ns
OE
A or B
200
(1)
The propagation delay is the calculated RC time constant of the typical ON-state resistance of the switch and the specified load
capacitance, when driven by an ideal voltage source (zero output impedance).
over recommended operating free-air temperature range, V
CC = 5 V ± 5% (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
Bandwidth (BW)(2)
RL = 50 Ω,
VI = 0.632 V (P-P),
See Figure 4
25
MHz
OFF isolation (OISO)
RL = 50 Ω,
VI = 0.632 V (P-P),
f = 25 MHz,
See Figure 5
–50
dB
Crosstalk (XTALK)
RL = 50 Ω,
VI = 0.632 V (P-P),
f = 25 MHz,
See Figure 6
–50
dB
(1)
All typical values are at VCC = 5 V (unless otherwise noted), TA = 25°C.
(2)
Bandwidth is the frequency at which the gain is –3 dB below the DC gain.
4


Similar Part No. - TS5N118

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5N118 TI-TS5N118 Datasheet
294Kb / 16P
[Old version datasheet]   1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER HIGH-BANDWIDTH BUS SWITCH
TS5N118 TI-TS5N118 Datasheet
500Kb / 18P
[Old version datasheet]   1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER HIGH-BANDWIDTH BUS SWITCH
TS5N118DBQR TI-TS5N118DBQR Datasheet
294Kb / 16P
[Old version datasheet]   1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER HIGH-BANDWIDTH BUS SWITCH
TS5N118DBQR TI-TS5N118DBQR Datasheet
500Kb / 18P
[Old version datasheet]   1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER HIGH-BANDWIDTH BUS SWITCH
TS5N118DBQRE4 TI-TS5N118DBQRE4 Datasheet
294Kb / 16P
[Old version datasheet]   1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER HIGH-BANDWIDTH BUS SWITCH
More results

Similar Description - TS5N118

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5N118_101 TI-TS5N118_101 Datasheet
500Kb / 18P
[Old version datasheet]   1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER HIGH-BANDWIDTH BUS SWITCH
TS5N118 TI-TS5N118 Datasheet
294Kb / 16P
[Old version datasheet]   1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER HIGH-BANDWIDTH BUS SWITCH
TS5N214 TI-TS5N214 Datasheet
256Kb / 15P
[Old version datasheet]   2-BIT 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER HIGH-BANDWIDTH BUS SWITCH
TS5N412 TI-TS5N412 Datasheet
239Kb / 15P
[Old version datasheet]   4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER HIGH-BANDWIDTH BUS SWITCH
TS5N214 TI-TS5N214_10 Datasheet
453Kb / 18P
[Old version datasheet]   2-BIT 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER HIGH-BANDWIDTH BUS SWITCH
TS5N412 TI-TS5N412_10 Datasheet
453Kb / 18P
[Old version datasheet]   4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3251 TI-SN74CB3Q3251 Datasheet
329Kb / 12P
[Old version datasheet]   1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE, HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3251 TI-SN74CB3Q3251 Datasheet
390Kb / 1P
[Old version datasheet]   1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3251 TI1-SN74CB3Q3251_15 Datasheet
777Kb / 19P
[Old version datasheet]   1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CBT3251 TI-SN74CBT3251 Datasheet
365Kb / 12P
[Old version datasheet]   1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com