Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRS3238IDBG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # TRS3238IDBG4
Description  3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRS3238IDBG4 Datasheet(HTML) 2 Page - Texas Instruments

  TRS3238IDBG4 Datasheet HTML 1Page - Texas Instruments TRS3238IDBG4 Datasheet HTML 2Page - Texas Instruments TRS3238IDBG4 Datasheet HTML 3Page - Texas Instruments TRS3238IDBG4 Datasheet HTML 4Page - Texas Instruments TRS3238IDBG4 Datasheet HTML 5Page - Texas Instruments TRS3238IDBG4 Datasheet HTML 6Page - Texas Instruments TRS3238IDBG4 Datasheet HTML 7Page - Texas Instruments TRS3238IDBG4 Datasheet HTML 8Page - Texas Instruments TRS3238IDBG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
www.ti.com
FUNCTION TABLES
TRS3238
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
WITH
±15-kV ESD (HBM) PROTECTION
SLLS817 – JULY 2007
ORDERING INFORMATION
TA
PACKAGE(1)(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
Tube of 50
TRS3238CDB
SSOP – DB
TRS3238C
Reel of 2000
TRS3238CDBR
0
°C to 70°C
Tube of 50
TRS3238CPW
TSSOP – PW
RS38C
Reel of 2000
TRS3238CPWR
Tube of 50
TRS3238IDB
SSOP – DB
TRS3238I
Reel of 2000
TRS3238IDBR
–40
°C to 85°C
Tube of 50
TRS3238IPW
TSSOP – PW
TRS38I
Reel of 2000
TRS3238IPWR
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
Each Driver(1)
INPUTS
OUTPUT
DRIVER STATUS
TIME ELAPSED SINCE LAST
DOUT
DIN
FORCEON
FORCEOFF
RIN OR DIN TRANSITION
X
X
L
X
Z
Powered off
L
H
H
X
H
Normal operation with
auto-powerdown disabled
H
H
H
X
L
L
L
H
<30 s
H
Normal operation with
auto-powerdown enabled
H
L
H
<30 s
L
L
L
H
>30 s
Z
Powered off by
auto-powerdown plus feature
H
L
H
>30 s
Z
(1)
H = high level, L = low level, X = irrelevant, Z = high impedance
Each Receiver(1)
INPUTS
OUTPUTS
RECEIVER STATUS
TIME ELAPSED SINCE LAST
RIN1
RIN2–RIN3
FORCEOFF
ROUT1B
ROUT
RIN OR DIN TRANSITION
L
X
L
X
L
Z
Powered off while
ROUT1B is active
H
X
L
X
H
Z
L
L
H
<30 s
L
H
L
H
H
<30 s
L
L
Normal operation with
H
L
H
<30 s
H
H
auto-powerdown plus
disabled/enabled
H
H
H
>30 s
H
L
Open
Open
H
>30 s
L
H
(1)
H = high level, L = low level, X = irrelevant, Z = high impedance (off), Open = input disconnected or connected driver off
2
Submit Documentation Feedback


Similar Part No. - TRS3238IDBG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRS3238IDBG4 TI-TRS3238IDBG4 Datasheet
368Kb / 19P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
More results

Similar Description - TRS3238IDBG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRSF3238E TI1-TRSF3238E Datasheet
610Kb / 20P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
MAX3243-EP TI1-MAX3243-EP Datasheet
541Kb / 15P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
MAX3238E TI-MAX3238E Datasheet
333Kb / 18P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
TRS3238 TI-TRS3238_10 Datasheet
368Kb / 19P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
TRS3243 TI1-TRS3243 Datasheet
583Kb / 19P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
TRS3238E TI-TRS3238E Datasheet
474Kb / 20P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
MAX3223-EP TI1-MAX3223-EP Datasheet
426Kb / 16P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS3222 TI-TRS3222 Datasheet
428Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
logo
TEXAS ADVANCED OPTOELEC...
MAX3223EIDBG4 TAOS-MAX3223EIDBG4 Datasheet
646Kb / 22P
   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
logo
Texas Instruments
MAX3232-EP TI1-MAX3232-EP Datasheet
533Kb / 14P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com