Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DD-15PNT-S-CB Datasheet(PDF) 1 Page - Yamaichi Electronics Co., Ltd.

Part # DD-15PNT-S-CB
Description  180째 Solder Dip (Male / Female)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

DD-15PNT-S-CB Datasheet(HTML) 1 Page - Yamaichi Electronics Co., Ltd.

  DD-15PNT-S-CB Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SPECIFICATIONS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
Sockets and Connectors
Trading Division
D Series (Standard D-Sub)
Specifications
InsulationResistance:
5,000M
Ωmin.
WithstandingVoltage:
1,000V AC
Contact Resistance:
10m
Ωmax.
CurrentRating:
5A
Operating Temp. Range:
–55°C to +105°C
SolderingTemp.:
230°C / 3 sec.
Materials and Finish
Insulator: Polyester Resin (glass filled)
Fiber reinforced, UL94V-0
Contacts: Stamped Copper Alloy
Plating:
Gold over Nickel
Outline Connector Dimensions (Male and Female)
Part Number (Details)
Series
Terminal:
Dip Type
No. of Contacts
P = Male S = Female
Insulator Colour:
N = Black
Shell Plating:
T = Tin
Contact Type:
S = Stamped
For Special Functions
D
D - 15
* N T - S - **
180° Solder Dip (Male / Female)
1: ‘’IE’’ MATE, 5.8mm
Snap-in rivet,
4-40 UNC
2: ‘’DE’’ MATE, 5.8mm
Open Hex Rear Rivet,
4-40 UNC
3: ‘’DB’’ MATE, 5.8mm
Open Hex Front Rivet,
4-40 UNC
4: ‘’CE’’ MATE, 3.8mm
Open Hex Rear Rivet,
4-40 UNC
5: ‘’CB’’ MATE, 3.8mm
Open Hex Front Rivet,
4-40 UNC
Special Functions
Part Number
A
B
No. of Contacts
DD-09*NT-S-**
9
30.81
24.99
16.92
16.33
19.28
DD-15*NT-S-**
15
39.14
33.32
25.25
24.66
27.51
DD-25*NT-S-**
25
53.04
47.04
38.96
38.38
41.28
DD-37*NT-S-**
37
69.32
63.50
55.42
54.84
57.71
DD-50*NT-S-**
50
66.93
61.11
55.00
52.43
55.32
C (Male)
D
C (Female)
Recommended PCB Layout
Top View
1.38
1.09
6.96
2- 3.05
B
2.77


Similar Part No. - DD-15PNT-S-CB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DD-150K ETC1-DD-150K Datasheet
21Kb / 1P
   MINIATURE CONFORMAL COATED POWER INDUCTOR SERIES DD
DD-151K ETC1-DD-151K Datasheet
21Kb / 1P
   MINIATURE CONFORMAL COATED POWER INDUCTOR SERIES DD
More results

Similar Description - DD-15PNT-S-CB

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
CT09-15P1 YAMAICHI-CT09-15P1 Datasheet
87Kb / 2P
   180째 Solder Dip
DRA-09S11 YAMAICHI-DRA-09S11 Datasheet
85Kb / 1P
   90째 Solder Dip (Male / Female)
NDS050-002-BF YAMAICHI-NDS050-002-BF Datasheet
82Kb / 2P
   90째 180째 Solder Dip Socket (1.27mm Pitch)
NDP050-002-BF YAMAICHI-NDP050-002-BF Datasheet
133Kb / 2P
   90째 180째 Solder Dip Plug (1.27mm Pitch)
NFP-10A-0132BF YAMAICHI-NFP-10A-0132BF Datasheet
67Kb / 2P
   90째 180째 Solder Dip Box Header (1.27mm Pitch)
RDP60-005-005FF YAMAICHI-RDP60-005-005FF Datasheet
663Kb / 2P
   180째 SMT Male Female Header
DRF-09S11-ZN YAMAICHI-DRF-09S11-ZN Datasheet
42Kb / 1P
   90째 Solder Dip with Filter (Male / Female)
logo
List of Unclassifed Man...
VERTICAL ETC2-VERTICAL Datasheet
292Kb / 3P
   MALE-DIP SOLDER
logo
Yamaichi Electronics Co...
DRS-09S12 YAMAICHI-DRS-09S12 Datasheet
48Kb / 1P
   90째 Solder Dip - Short Distance (Male / Female 5.08mm)
NFP-10A-0122BF YAMAICHI-NFP-10A-0122BF Datasheet
72Kb / 2P
   90째 180째 Solder Dip Latch Header Plug (1.27mm Pitch)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com