Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LXR1601-6 Datasheet(PDF) 5 Page - Power-One

Part No. LXR1601-6
Description  375 and 500 Watt AC-DC Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

LXR1601-6 Datasheet(HTML) 5 Page - Power-One

  LXR1601-6 Datasheet HTML 1Page - Power-One LXR1601-6 Datasheet HTML 2Page - Power-One LXR1601-6 Datasheet HTML 3Page - Power-One LXR1601-6 Datasheet HTML 4Page - Power-One LXR1601-6 Datasheet HTML 5Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
www.power-one.com
Edition 5/7.2001
1
3
2
S10066
1
35
7
10
12
S90048
2
4
6
8
11
9
Accessories
Mounting brackets for vertical chassis/wall mounting
Protective covers over input and output terminals
DIN Rail Mountable
X Series
Terminal allocation output side
Pin
Des.
Single output
Double output
1
Earth to load
Earth to load
2
+
Output pos.
Output 1 pos.
3
+
Output pos.
Output 1 pos.
4
Output neg.
Output 1 neg.
5
Output neg.
Output 1 neg.
6
+
Output pos.
Output 2 pos.
7
+
Output pos.
Output 2 pos.
8
Output neg.
Output 2 neg.
9
Output neg.
Output 2 neg.
10
Aux1
Options
Options
11
Aux2
Options
Options
12
Earth to load
Earth to load
Terminal allocation input side
Pin
Des.
Determination
1
Protective earth
2N
Input neutral
3P
I
n


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn