Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LXR1601-6 Datasheet(PDF) 3 Page - Power-One

Part No. LXR1601-6
Description  375 and 500 Watt AC-DC Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

LXR1601-6 Datasheet(HTML) 3 Page - Power-One

  LXR1601-6 Datasheet HTML 1Page - Power-One LXR1601-6 Datasheet HTML 2Page - Power-One LXR1601-6 Datasheet HTML 3Page - Power-One LXR1601-6 Datasheet HTML 4Page - Power-One LXR1601-6 Datasheet HTML 5Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
www.power-one.com
Edition 5/7.2001
DIN Rail Mountable
X Series
EMC
Electrostatic discharge
IEC/EN 61000-4-2, level 4, contact/air (8/15 kV)
criterion A
Electromagnetic field
IEC/EN 61000-4-3, level 3 (10 V/m)
criterion A
Electr. fast transients/bursts
IEC/EN 61000-4-4, level 4, capacitive/direct (4/2 kV)
criterion A
Surge
IEC/EN 61000-4-5, level 3, in and out, line to line (2 kV) criterion B
level >3, input, line to case (3.5 kV) criterion B
level 2, output, line to case (1 kV)
criterion A
Conducted disturbances
IEC/EN 61000-4-6, level 3 (10 V)
criterion A
Electromagnetic emissions
CISPR 22/EN 55022, conducted
class B
Environmental
Operating ambient temperature
Ui nom, Io nom, convection cooled
–40...60
°C
Operating case temperature
TC Ui nom, Io nom
–40...87
°C
Storage temperature
non operational
–40...100
°C
Damp heat
IEC/EN 60068-2-3, 93 %, 40
°C
56 days
Shock and vibration
unit wall mounted with brackets
Shock
IEC/EN 60068-2-27, 11 ms
50 gn
Bump
IEC/EN 60068-2-29, 11 ms
25 gn
Vibration, sinusoidal
IEC/EN 60068-2-6, 10...60/60...2000 Hz
0.35 mm/5 gn
Vibration, random
IEC/EN 60068-2-64, 20...500 Hz
0.05 g2/Hz
MTBF
MIL-HDBK-217E, GB, 40
°C
400'000 h
Options
Input and output undervoltage monitoring
D1...D5
Output voltage adjustment
10 V...110 % of
Uo nom
R
Remote on/off
S
Multi option choice
(D1...D5, R, S) via Sub-D connector
M1...M2
Built-in second input fuse in the neutral
F
No fuse fittet (for operation from high DC)
F1
System connectors with screw terminals
K2


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn