Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL1963A-15DCYR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TL1963A-15DCYR
Description  1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL1963A-15DCYR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TL1963A-15DCYR Datasheet HTML 6Page - Texas Instruments TL1963A-15DCYR Datasheet HTML 7Page - Texas Instruments TL1963A-15DCYR Datasheet HTML 8Page - Texas Instruments TL1963A-15DCYR Datasheet HTML 9Page - Texas Instruments TL1963A-15DCYR Datasheet HTML 10Page - Texas Instruments TL1963A-15DCYR Datasheet HTML 11Page - Texas Instruments TL1963A-15DCYR Datasheet HTML 12Page - Texas Instruments TL1963A-15DCYR Datasheet HTML 13Page - Texas Instruments TL1963A-15DCYR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-50
-25
0
25
50
75
100
125
TA – Free-Air Temperature – °C
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-50
-25
0
25
50
75
100
125
TA – Free-Air Temperature – °C
IOUT = 1 mA
0
1
2
3
4
5
-50
-25
0
25
50
75
100
125
TA – Free-Air Temperature – °C
VIN = 7 V
VOUT = 0 V
0
0.5
1
1.5
2
2.5
3
3.5
0
2
4
6
8
10
12
14
16
18
20
Input/Output Differential Voltage – V
?VOUT = 100 mV
TA = -40°C
TA = 25°C
TA = 125°C
D
TL1963A-xx
SLVS719E – JUNE 2008 – REVISED AUGUST 2009........................................................................................................................................................ www.ti.com
TYPICAL CHARACTERISTICS (continued)
SHDN THRESHOLD (ON TO OFF)
ADJ BIAS CURRENT
vs
vs
TEMPERATURE
TEMPERATURE
Figure 17.
Figure 18.
CURRENT LIMIT
CURRENT LIMIT
vs
vs
INPUT/OUTPUT DIFFERENTIAL VOLTAGE
TEMPERATURE
Figure 19.
Figure 20.
10
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated


Similar Part No. - TL1963A-15DCYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL1963A-15DCYR TI-TL1963A-15DCYR Datasheet
834Kb / 28P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A-15DCYR TI1-TL1963A-15DCYR Datasheet
2Mb / 39P
[Old version datasheet]   1.5-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
More results

Similar Description - TL1963A-15DCYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL1963A-XX TI-TL1963A-XX_10 Datasheet
834Kb / 28P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A TI1-TL1963A_16 Datasheet
2Mb / 39P
[Old version datasheet]   1.5-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
TL1963A-Q1 TI1-TL1963A-Q1 Datasheet
612Kb / 23P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A-XX TI-TL1963A-XX Datasheet
805Kb / 26P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TPS7A4501M TI1-TPS7A4501M Datasheet
406Kb / 21P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATOR
TL1963A TI-TL1963A_15 Datasheet
2Mb / 39P
[Old version datasheet]   TL1963A-xx 1.5-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
TPS73801 TI1-TPS73801 Datasheet
711Kb / 21P
[Old version datasheet]   1.0-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TPS7A4501 TI1-TPS7A4501_17 Datasheet
2Mb / 36P
[Old version datasheet]   Low-Noise Fast-Transient-Response 1.5-A Low-Dropout Voltage Regulators
logo
ON Semiconductor
NCP57152DSADJR4G ONSEMI-NCP57152DSADJR4G Datasheet
292Kb / 11P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator
May, 2013 ??Rev. 1
logo
Texas Instruments
TPS73801 TI-TPS73801_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS73801 1.0-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com