Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL1963A-15DCQR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TL1963A-15DCQR
Description  1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL1963A-15DCQR Datasheet(HTML) 3 Page - Texas Instruments

  TL1963A-15DCQR Datasheet HTML 1Page - Texas Instruments TL1963A-15DCQR Datasheet HTML 2Page - Texas Instruments TL1963A-15DCQR Datasheet HTML 3Page - Texas Instruments TL1963A-15DCQR Datasheet HTML 4Page - Texas Instruments TL1963A-15DCQR Datasheet HTML 5Page - Texas Instruments TL1963A-15DCQR Datasheet HTML 6Page - Texas Instruments TL1963A-15DCQR Datasheet HTML 7Page - Texas Instruments TL1963A-15DCQR Datasheet HTML 8Page - Texas Instruments TL1963A-15DCQR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
TL1963A-xx
www.ti.com........................................................................................................................................................ SLVS719E – JUNE 2008 – REVISED AUGUST 2009
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
IN
–20 V to 20 V
OUT
–20 V to 20 V
Input-to-output differential(2)
–20 V to 20 V
VIN
Input voltage range
SENSE
–20 V to 20 V
ADJ
–7 V to 7 V
SHDN
–20 V to 20 V
tshort
Output short-circuit duration
Indefinite
Tlead
Maximum lead temperature
10-second soldering time
300°C
TJ
Operating virtual-junction temperature range
–40°C to 125°C
Tstg
Storage temperature range
–65°C to 150°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Absolute maximum input-to-output differential voltage cannot be achieved with all combinations of rated IN pin and OUT pin voltages.
With the IN pin at 20 V, the OUT pin may not be pulled below 0 V. The total measured voltage from IN to OUT cannot exceed ±20 V.
PACKAGE THERMAL DATA
(1)
PACKAGE
BOARD
θJA
θJC
θJP
(2)
SOT-223 (DCY)
High K, JESD 51-5
48.3°C/W
30.6°C/W
TO-223 (DCQ)
High K, JESD 51-5
53°C/W
15°C/W
TO-263 (KTT)
High K, JESD 51-5
26.5°C/W
24.1°C/W
0.38°C/W
(1)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
(2)
For packages with exposed thermal pads, such as QFN, PowerPAD™, and PowerFLEX™,
θJP is defined as the thermal resistance
between the die junction and the bottom of the exposed pad.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
3


Similar Part No. - TL1963A-15DCQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL1963A-15DCQR TI-TL1963A-15DCQR Datasheet
834Kb / 28P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A-15DCQR TI1-TL1963A-15DCQR Datasheet
2Mb / 39P
[Old version datasheet]   1.5-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
More results

Similar Description - TL1963A-15DCQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL1963A-XX TI-TL1963A-XX_10 Datasheet
834Kb / 28P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A TI1-TL1963A_16 Datasheet
2Mb / 39P
[Old version datasheet]   1.5-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
TL1963A-Q1 TI1-TL1963A-Q1 Datasheet
612Kb / 23P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A-XX TI-TL1963A-XX Datasheet
805Kb / 26P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TPS7A4501M TI1-TPS7A4501M Datasheet
406Kb / 21P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATOR
TL1963A TI-TL1963A_15 Datasheet
2Mb / 39P
[Old version datasheet]   TL1963A-xx 1.5-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
TPS73801 TI1-TPS73801 Datasheet
711Kb / 21P
[Old version datasheet]   1.0-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TPS7A4501 TI1-TPS7A4501_17 Datasheet
2Mb / 36P
[Old version datasheet]   Low-Noise Fast-Transient-Response 1.5-A Low-Dropout Voltage Regulators
logo
ON Semiconductor
NCP57152DSADJR4G ONSEMI-NCP57152DSADJR4G Datasheet
292Kb / 11P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator
May, 2013 ??Rev. 1
logo
Texas Instruments
TPS73801 TI-TPS73801_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS73801 1.0-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com