Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LES020ZG Datasheet(PDF) 3 Page - Power-One

Part # LES020ZG
Description  LES SERIES - 15 WATT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

LES020ZG Datasheet(HTML) 3 Page - Power-One

  LES020ZG Datasheet HTML 1Page - Power-One LES020ZG Datasheet HTML 2Page - Power-One LES020ZG Datasheet HTML 3Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
OPTION
SUFFIX
APPLICABLE SERIES
REMARKS
Negative Logic
N
HAS, HBD, HBS, HES, HLS, HLD, LES,
TTL "Low" Turns Module ON
QBS, QES, QLS, TES, TQD
TTL "High" Turns Module OFF
Lucent-Compatible
T
HAS, HBD, HBS, HES, HLS, QBS, QES,
QLS
Terminal Strip
TS
XWS, XWD, XWT
Trim
1
IAS, LES
Enable
2
IAD, IAS, LES, SMS
Trim and Enable
3
IAS, LES
Current Share
4
SMS
Headerless
Y
Encapsulated EWS, IWS, OWS
Pin Length and Heatsink Options
Standard Pin Length is 0.180" (4.6mm)
0.110" (2.8mm) Pin Length
8
All Units (Except SMS)
0.150" (3.8mm) Pin Length
9
All Units (Except SMS)
0.24" (6.1mm) Horizontal Heatsink
1H
All Units (All Units Except DIP, HLS, HLD, QLS,
Includes Thermal Pad
SIP, SM, TLD, and TKD Packages)
0.24" (6.1mm) Vertical Heatsink
1V
All Units (All Units Except DIP, HLS, HLD, QLS,
Includes Thermal Pad
SIP, SM, TLD, and TKD Packages)
0.45" (11.4mm) Horizontal Heatsink
2H
All Units (All Units Except DIP, HLS, HLD, QLS,
Includes Thermal Pad
SIP, SM, TLD, and TKD Packages)
0.45" (11.4mm) Vertical Heatsink
2V
All Units (All Units Except DIP, HLS, HLD, QLS,
Includes Thermal Pad
SIP, SM, TLD, and TKD Packages)
0.95" (24.1mm) Horizontal Heatsink
3H
All Units (All Units Except DIP, HLS, HLD, QLS,
Includes Thermal Pad
SIP, SM, TLD, and TKD Packages)
0.95" (24.1mm) Vertical Heatsink
3V
All Units (All Units Except DIP, HLS, HLD, QLS,
Includes Thermal Pad
SIP, SM, TLD, and TKD Packages)
3
When ordering equipment options, use the following suffix information. Select the option(s) that you prefer
and add them to the model number. Example ordering options are located below the options table.
Example Options:
HBS050ZG-ANT3V = HBS050ZG-A with negative logic, Lucent-compatible trim, and 0.95” vertical heatsink.
LES015YJ-3N = LES015YJ with optional trim and enable, negative logic.
QBS066ZG-AT8 = QBS066ZG-A with Lucent-compatible trim and 0.110” pin length.
NUCLEAR AND MEDICAL APPLICATIONS - Power-One products are not authorized for use as critical components in life support systems,
equipment used in hazardous environments, or nuclear control systems without the express written consent of the President of Power-One, Inc.
TECHNICAL REVISIONS - The appearance of products, including safety agency certifications pictured on labels, may change depending on the
date manufactured. Specifications are subject to change without notice.
OPTIONS


Similar Part No. - LES020ZG

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LES06B48-12V0REJ EMERSON-NETWORKPOWER-LES06B48-12V0REJ Datasheet
699Kb / 4P
   Industry standard eighth-brick foot print (identical to quarter-brick pinout)
logo
Artesyn Technologies
LES06B48-12V0REJ ARTESYN-LES06B48-12V0REJ Datasheet
727Kb / 4P
   Embedded Power for Business-Critical Continuity
More results

Similar Description - LES020ZG

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSA15A-050P PHIHONG-PSA15A-050P Datasheet
129Kb / 2P
   15 WATT SERIES
logo
TRACO Electronic AG
TEL15WIN TRACOPOWER-TEL15WIN Datasheet
1Mb / 4P
   TEL 15WIN Series, 15 Watt
Rev. November 30, 2022
logo
Phihong USA Inc.
PSA15R-050P PHIHONG-PSA15R-050P Datasheet
169Kb / 2P
   15 WATT INTERCHANGEABLE PLUG SERIES
PSA15R-V PHIHONG-PSA15R-V Datasheet
92Kb / 2P
   15 Watt Interchangeable Plug Series
PSC15R-050 PHIHONG-PSC15R-050 Datasheet
180Kb / 3P
   15 Watt Interchangeable Plug Series
logo
SL Power Electronics
MW125 SLPOWER-MW125 Datasheet
132Kb / 2P
   MEDICAL 15-40 WATT SERIES
PW172KB SLPOWER-PW172KB Datasheet
225Kb / 3P
   Universal 15 ??19 Watt Series
MW160 SLPOWER-MW160 Datasheet
687Kb / 2P
   MEDICAL 15-48 WATT SERIES
PW170KB SLPOWER-PW170KB Datasheet
225Kb / 3P
   Universal 10 ??15 Watt Series
logo
TRACO Electronic AG
TEL15N TRACOPOWER-TEL15N Datasheet
1Mb / 4P
   TEL 15N Series, 15 Watt
Rev. November 30, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com