Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC1G3157DCKR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G3157DCKR
Description  SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC1G3157DCKR Datasheet(HTML) 5 Page - Texas Instruments

  SN74LVC1G3157DCKR Datasheet HTML 1Page - Texas Instruments SN74LVC1G3157DCKR Datasheet HTML 2Page - Texas Instruments SN74LVC1G3157DCKR Datasheet HTML 3Page - Texas Instruments SN74LVC1G3157DCKR Datasheet HTML 4Page - Texas Instruments SN74LVC1G3157DCKR Datasheet HTML 5Page - Texas Instruments SN74LVC1G3157DCKR Datasheet HTML 6Page - Texas Instruments SN74LVC1G3157DCKR Datasheet HTML 7Page - Texas Instruments SN74LVC1G3157DCKR Datasheet HTML 8Page - Texas Instruments SN74LVC1G3157DCKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
www.ti.com
Analog Switch Characteristics
Switching Characteristics
SN74LVC1G3157
SINGLE-POLE, DOUBLE-THROW ANALOG SWITCH
SCES424F – JANUARY 2003 – REVISED FEBRUARY 2007
T
A = 25°C
FROM
TO
PARAMETER
TEST CONDITIONS
VCC
TYP
UNIT
(INPUT)
(OUTPUT)
1.65 V
300
Frequency
RL = 50 Ω,
2.3 V
300
response(1)
A or Bn
Bn or A
fin = sine wave
MHz
3 V
300
(switch on)
(see Figure 6 )
4.5 V
300
1.65 V
–54
Crosstalk(2)
RL = 50 Ω,
2.3 V
–54
(between
B1 or B2
B2 or B1
fin = 10 MHz (sine wave)
dB
3 V
–54
switches)
(see Figure 7 )
4.5 V
–54
1.65 V
–57
Feed-through
CL = 5 pF, RL = 50 Ω,
2.3 V
–57
attenuation(2)
A or Bn
Bn or A
fin = 10 MHz (sine wave)
dB
3 V
–57
(switch off)
(see Figure 8 )
4.5 V
–57
3.3 V
3
CL = 0.1 nF, RL = 1 MΩ
Charge injection(3)
S
A
pC
(see Figure 9 )
5 V
7
1.65 V
0.1
VI = 0.5 Vp-p, RL = 600 Ω,
2.3 V
0.025
Total harmonic
A or Bn
Bn or A
fin = 600 Hz to 20 kHz (sine wave)
%
distortion
3 V
0.015
(see Figure 10 )
4.5 V
0.01
(1)
Adjust fin voltage to obtain 0 dBm at output. Increase fin frequency until dB meter reads –3 dB.
(2)
Adjust fin voltage to obtain 0 dBm at input.
(3)
Specified by design
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 5 and Figure 11)
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
FROM
TO
± 0.15 V
± 0.2 V
± 0.3 V
± 0.5 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tpd(1)
A or Bn
Bn or A
2
1.2
0.8
0.3
ns
ten(2)
7
24
3.5
14
2.5
7.6
1.7
5.7
S
Bn
ns
tdis(3)
3
13
2
7.5
1.5
5.3
0.8
3.8
tB-M(4)
0.5
0.5
0.5
0.5
ns
(1)
tpd is the slower of tPLH or tPHL. The propagation delay is calculated RC time constant of the typical on-state resistance of the switch and
the specified load capacitance when driven by an ideal voltage source (zero output impedance).
(2)
ten is the slower of tPZL or tPZH.
(3)
tdis is the slower of tPLZ or tPHZ.
(4)
Specified by design
5
Submit Documentation Feedback


Similar Part No. - SN74LVC1G3157DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G3157DCKR TI-SN74LVC1G3157DCKR Datasheet
313Kb / 16P
[Old version datasheet]   SINGLE-POLE, DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157DCKR TI-SN74LVC1G3157DCKR Datasheet
932Kb / 23P
[Old version datasheet]   SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157DCKR TI1-SN74LVC1G3157DCKR Datasheet
1Mb / 28P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157DCKR TI1-SN74LVC1G3157DCKR Datasheet
1Mb / 30P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157DCKR TI1-SN74LVC1G3157DCKR Datasheet
1Mb / 35P
[Old version datasheet]   SN74LVC1G3157 Single-Pole Double-Throw Analog Switch
More results

Similar Description - SN74LVC1G3157DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G3157DSFR TI1-SN74LVC1G3157DSFR Datasheet
1Mb / 28P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157-Q1 TI1-SN74LVC1G3157-Q1_14 Datasheet
902Kb / 21P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157 TI1-SN74LVC1G3157_18 Datasheet
2Mb / 42P
[Old version datasheet]   Single-Pole Double-Throw Analog Switch
logo
Unisonic Technologies
U74LVC3157 UTC-U74LVC3157_15 Datasheet
203Kb / 5P
   SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
logo
Texas Instruments
SN74LVC1G3157-Q1 TI1-SN74LVC1G3157-Q1 Datasheet
404Kb / 16P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
APRIL2008
SN74LVC1G3157 TI1-SN74LVC1G3157_17 Datasheet
1Mb / 40P
[Old version datasheet]   Single-Pole Double-Throw Analog Switch
logo
Diodes Incorporated
74LVC1G3157 DIODES-74LVC1G3157 Datasheet
1Mb / 18P
   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
logo
Unisonic Technologies
U74LVC1G3157 UTC-U74LVC1G3157_15 Datasheet
208Kb / 5P
   SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
U74LVC1G3157 UTC-U74LVC1G3157_17 Datasheet
153Kb / 5P
   SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
logo
Texas Instruments
SN74LVC1G3157 TI1-SN74LVC1G3157_14 Datasheet
1Mb / 30P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com