Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAP-14-08-4-1-0BF Datasheet(PDF) 1 Page - Yamaichi Electronics Co., Ltd.

Part # FAP-14-08-4-1-0BF
Description  MIL Std. Latch Box Header Plug, (2.54mm Pitch)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

FAP-14-08-4-1-0BF Datasheet(HTML) 1 Page - Yamaichi Electronics Co., Ltd.

  FAP-14-08-4-1-0BF Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd. FAP-14-08-4-1-0BF Datasheet HTML 2Page - Yamaichi Electronics Co., Ltd. FAP-14-08-4-1-0BF Datasheet HTML 3Page - Yamaichi Electronics Co., Ltd. FAP-14-08-4-1-0BF Datasheet HTML 4Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Internal
Connectors
Connectors
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
D-12
Cont´d
Specifications
Insulation Resistance:
1,000M
Ω min. at 500V DC
Withstanding Voltage:
1,000V AC rms for 1 minute
Contact Resistance:
30m
Ω max. at 10mA
Current Rating:
1A
Operating Temp. Range: –20°C to +105°C
Soldering Temperature: 260°C / 10 sec.
Materials and Finish
Housing: PBT, glass filled UL94V-0 rated
Latch:
PA, glass filled UL94V-0 rated
Contacts: Phosphor Bronze
Plating:
Contacts - Au over Nickel
Solder Terminals - Flash Au over Nickel
Features
2.54 mm contact pitch connectors for MIL standard
Variations include latch header plugs, box header plugs,
and flat cable sockets
Two types (short latch and middle latch) available
Series (plug)
No. of Leads
Housing Types:
1 = MIL Standard key slot
(plus central key slot on 16 or more leads)
2 = Central key slot (10 leads only)
Latch Types:
1 = Short Latches (Height = 23.3mm,
mating socket is without strain relief)
2 = Middle Latches (Height = 26.6mm,
mating socket is with strain relief)
Terminal Types:
2 = Right Angle Solder Dip
4 = Straight Solder Dip
Housing Colour: 1 = Black,
2 = Blue (Standard)
0 = Mating Cables (1.27 pitch):
AWG 28 Stranded Wire or AWG 30 Solid Wire
Contact Plating: A = Gold (0.76µm over Ni 2.5~4.5µm)
B = Gold (0.3µm over Ni 2.5~4.5µm)
Solder Terminal Plating: F = Flash Au over Ni
Recommended PCB Layout
Type 02 - Right angle
solder dip
terminal
Type 04 - Sraight solder
dip terminal
Outline Dimensions
FAP-1001-2104-2-0AF
10
32.00
21.84
27.94
17.52
10.16
48.52
FAP-1001-2104-2-0BF
10
32.00
21.84
27.94
17.52
10.16
48.52
FAP-1001-2202-2-0AF
10
32.00
21.84
27.94
17.52
10.16
48.52
FAP-1001-2202-2-0BF
10
32.00
21.84
27.94
17.52
10.16
48.52
FAP-1001-2204-2-0AF
10
32.00
21.84
27.94
17.52
10.16
48.52
Series FAP
MIL Std. Latch Header Plug, (2.54mm Pitch)
FAP
- 3401 - 1 1 0 * - 2 - 0 * F
Part Number (Details)
Standard types see table.
For other versions please contact Yamaichi, minimum order quantity may be required
Top View from Plug
Contact Details and Terminal Types
Part Number
No. of Leads
A
B
C
D
E
F (max.)


Similar Part No. - FAP-14-08-4-1-0BF

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
FAP-01-K MSYSTEM-FAP-01-K Datasheet
128Kb / 4P
   Space-saving Plug-in Signal Conditioners F-UNIT
FAP-01-K/Q MSYSTEM-FAP-01-K/Q Datasheet
128Kb / 4P
   Space-saving Plug-in Signal Conditioners F-UNIT
FAP-01-L MSYSTEM-FAP-01-L Datasheet
128Kb / 4P
   Space-saving Plug-in Signal Conditioners F-UNIT
FAP-01-L/Q MSYSTEM-FAP-01-L/Q Datasheet
128Kb / 4P
   Space-saving Plug-in Signal Conditioners F-UNIT
FAP-01-P MSYSTEM-FAP-01-P Datasheet
128Kb / 4P
   Space-saving Plug-in Signal Conditioners F-UNIT
More results

Similar Description - FAP-14-08-4-1-0BF

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MHR-XX-HUAS ADAM-TECH-MHR-XX-HUAS Datasheet
106Kb / 1P
   LATCH BOX HEADER
MHR-XX-VTAS ADAM-TECH-MHR-XX-VTAS Datasheet
80Kb / 1P
   LATCH BOX HEADER
MHR-XX-VUAL-15 ADAM-TECH-MHR-XX-VUAL-15 Datasheet
83Kb / 1P
   LATCH BOX HEADER
MHR-XX-VUAL ADAM-TECH-MHR-XX-VUAL Datasheet
111Kb / 1P
   LATCH BOX HEADER
MHR-A-XX-VUAL ADAM-TECH-MHR-A-XX-VUAL Datasheet
86Kb / 1P
   LATCH BOX HEADER
MHR-XX-HUA ADAM-TECH-MHR-XX-HUA Datasheet
85Kb / 1P
   LATCH BOX HEADER
MHR-XX-HUAS-15 ADAM-TECH-MHR-XX-HUAS-15 Datasheet
80Kb / 1P
   LATCH BOX HEADER
MHR-XX-VUAL-SMT-MP ADAM-TECH-MHR-XX-VUAL-SMT-MP Datasheet
97Kb / 1P
   LATCH BOX HEADER
MHR-XX-HSGAL ADAM-TECH-MHR-XX-HSGAL Datasheet
111Kb / 1P
   LATCH BOX HEADER
MHR-XX-VSGAS ADAM-TECH-MHR-XX-VSGAS Datasheet
81Kb / 1P
   LATCH BOX HEADER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com