Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

48IXP3-0505-7 Datasheet(PDF) 2 Page - Power-One

Part # 48IXP3-0505-7
Description  3 Watt DC-DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

48IXP3-0505-7 Datasheet(HTML) 2 Page - Power-One

  48IXP3-0505-7 Datasheet HTML 1Page - Power-One 48IXP3-0505-7 Datasheet HTML 2Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
www.power-one.com
Board Mountable
IXP Series
Control and protection
Overload protection
Ui min, full load
125%
Pi nom
No-load protection
Remote Shut down
positive logic (floating or high signal = on)
Safety and EMC
Electric strength test voltage
I/O
3500 V DC
Electromagnetic interference
conducted with external filter
class B
Environmental
Operating ambient temperature
Ui nom, lo nom
–25...71
°C
Storage temperature
non operational
–40...100
°C
Relative humidity
non condensing
95 %
MTBF
MIL-HDBK-217F, N2
>3'700'000 h
Options
Industry standard pinout
S
Accessories
DIN and chassis mounting bracket
Mechanical data
Tolerances
±0.3 mm (0.012") unless
otherwise indicated.
2.54 (0.1")
31.8 (1.25")
ø 0.5 (0.02")
()
S09034
Measuring point
of case temperature T
C
T
T
Alternative pinout
Pin
Single output Dual output Double output
1
Vi+
Vi+
Vi+
2
Vi+
Vi+
Vi+
9-
-
Go1
10
-
COM
-
11
-
COM
-
12
Vo–
-Vo1
13
Vo+
Vo–
Vo2
15
-
Vo+
-
16
-
-
Go2
20
SD
SD
SD
23
Vi–
Vi–
Vi–
24
Vi–
Vi–
Vi–
Industry standard
Pin
Single output
Dual output
2Vi–
Vi–
3Vi–
Vi–
9
n.c.
COM
10
n.c.
n.c.
11
n.c.
Vo–
14
Vo+
Vo+
15
n.c.
n.c.
16
Vo–
COM
22
Vi+
Vi+
23
Vi+
Vi+
European
Projection


Similar Part No. - 48IXP3-0505-7

ManufacturerPart #DatasheetDescription
logo
Power-One
48IML10-03-3 POWER-ONE-48IML10-03-3 Datasheet
53Kb / 4P
   10 Watt DC-DC Converters
48IML10-05-3 POWER-ONE-48IML10-05-3 Datasheet
53Kb / 4P
   10 Watt DC-DC Converters
48IML10-0503-3 POWER-ONE-48IML10-0503-3 Datasheet
53Kb / 4P
   10 Watt DC-DC Converters
48IML10-12-12-3 POWER-ONE-48IML10-12-12-3 Datasheet
53Kb / 4P
   10 Watt DC-DC Converters
48IML10-12-3C POWER-ONE-48IML10-12-3C Datasheet
53Kb / 4P
   10 Watt DC-DC Converters
More results

Similar Description - 48IXP3-0505-7

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
EC3AE01M RSG-EC3AE01M Datasheet
859Kb / 1P
   3 WATT DC-DC CONVERTERS
logo
AIMTEC
AM3TW AIMTEC-AM3TW Datasheet
260Kb / 2P
   3 watt dc-dc converters
logo
CINCON ELECTRONICS Corp...
EC3AE CINCON-EC3AE Datasheet
176Kb / 2P
   3 WATT DC-DC CONVERTERS
logo
AIMTEC
AM3N-S AIMTEC-AM3N-S Datasheet
236Kb / 2P
   3 watt dc-dc converters
AM3T AIMTEC-AM3T Datasheet
280Kb / 3P
   3 watt dc-dc converters
AM3F AIMTEC-AM3F Datasheet
234Kb / 2P
   3 watt dc-dc converters
logo
List of Unclassifed Man...
UM1001 ETC2-UM1001 Datasheet
286Kb / 2P
   3 Watt DC-DC Converters
logo
AIMTEC
AM3N-D AIMTEC-AM3N-D Datasheet
215Kb / 2P
   3 watt dc-dc converters
AM3T-N AIMTEC-AM3T-N Datasheet
282Kb / 3P
   3 watt dc-dc converters
logo
RSG Electronic Componen...
EC3SA-05S33 RSG-EC3SA-05S33 Datasheet
239Kb / 1P
   3 WATT REGULATED DC-DC CONVERTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com