Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LK4003-6R Datasheet(PDF) 2 Page - Power-One

Part No. LK4003-6R
Description  150 Watt AC-DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

LK4003-6R Datasheet(HTML) 2 Page - Power-One

  LK4003-6R Datasheet HTML 1Page - Power-One LK4003-6R Datasheet HTML 2Page - Power-One LK4003-6R Datasheet HTML 3Page - Power-One LK4003-6R Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
www.power-one.com
Edition 4/04.2001
Input
Input voltage AC
wide input range
85...255 V AC
Input frequency
50/60 Hz
Power factor
per IEC/EN 61000-3-2
>95%
Inrush current limitation
by thermistor
Output
Efficiency
Ui nom, Io nom
up to 86 %
Output voltage setting accuracy
Ui nom, Io nom
±0.6% U
o nom
Output voltage switching noise
IEC/EN 61204, total
typ. 100 mVpp
Line regulation
Ui min...Ui max, Io nom
typ.
±0.1%
Load regulation
Ui nom, 0.1...Io nom, symmetrical output load
typ. 0.4 %
Minimum load
not required
0 A
Current limitation
rectangular U/I characteristic
typ. 110...100 %
Io nom
Operation in parallel
by current limitation
Hold-up time
Ui nom, Io nom
20 ms
Control and protection
Input fuse
not user accessible
4 AT
Input undervoltage lockout
typ. 80 %
Ui min
Input overvoltage lockout
typ. 115 %
Ui max
Input transient protection
varistor
Output
no-load, overload and short circuit proof
Output overvoltage
suppressor diode in each output
typ. 130%
Uo nom
Overtemperature
switch-off with auto restart
TC typ. 100
°C
Output voltage adjustment
0...110%
Uo nom
Inhibit
TTL input, output(s) disabled if open circuit
Status indication
LEDs: OK, inhibit, overload
Safety
Approvals
EN 60950, UL 1950, CSA 22.2 No. 950
Class of equipment
class I
Protection degree
IP 30
Electric strength test voltage
I/case
2 kV AC
I/O
4 kV AC
O/case
1 kV AC
O/O
0.1 kV AC
EMC
Electrostatic discharge
IEC/EN 61000-4-2, level 4 (8/15 kV)
criterion A
Electromagnetic field
IEC/EN 61000-4-3, level 3 (10 V/m)
criterion A
Electr. fast transients/bursts
IEC/EN 61000-4-4, level 4 (2/4 kV)
criterion A
Surge
IEC/EN 61000-4-5, level 3 (2 kV)
criterion A
Conducted disturbances
IEC/EN 61000-4-6, level 3 (10 V)
criterion A
Electromagnetic emissions
CISPR 22/EN 55022
class B
Cassette Style
K Series with PFC


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
LK1001-7R 150 Watt AC-DC Converters 1  2  3  4  Power-One
LB1740-6R 700 Watt AC-DC Converters 1  2  3  4  Power-One
LH1001-2R 50 Watt AC-DC Converters 1  2  3  4  Power-One
LHR4101-2 10...30 Watt AC-DC Converters 1  2  3  4  Power-One
LKP5662-7R 250 Watt AC-DC Converters 1  2  3  4  Power-One
LM1001-7R 50 Watt AC-DC Converters 1  2  3  4  Power-One
LOK4001-2RLD 15 30 and 50 Watt AC-DC Converters 1  2  3  4  Power-One
LPC1901-7D 190...230 Watt AC-DC Converters 1  2  3  4  Power-One
LS1001-7R 100 Watt AC-DC Converters 1  2  3  4  Power-One
AK1001-7R 150 Watt DC-DC Converters 1  2  3  4  Power-One

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn