Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LK1001-7R Datasheet(PDF) 1 Page - Power-One

Part No. LK1001-7R
Description  150 Watt AC-DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

LK1001-7R Datasheet(HTML) 1 Page - Power-One

  LK1001-7R Datasheet HTML 1Page - Power-One LK1001-7R Datasheet HTML 2Page - Power-One LK1001-7R Datasheet HTML 3Page - Power-One LK1001-7R Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
www.power-one.com
Edition 4/04.2001
K Series
150 Watt AC-DC Converters
Input voltage range from 85...264 V AC
1 or 2 isolated outputs up to 48 V DC
4 kV AC I/O electric strength test voltage
• Rugged electrical and mechanical design
• Wide input-frequency range from 47...440 Hz
• Operating ambient temperature range
–40...71
°C with convection cooling
LGA
Selection chart
Output 1
Output 2
Input voltage
Efficiency
Type
Options
Uo nom
Io nom
Uo nom
Io nom
Ui
hmin
[V DC]
[A]
[V DC]
[A]
[V AC]
[%]
5.1
25
-
-
85...264
79
LK 1001-7R
-9, E, D, V, P, T, B1
12
12
-
-
85...264
84
LK 1301-7R
-9, E, D, P, T, B1
15
10
-
-
85...264
84
LK 1501-7R
-9, E, D, P, T, B1
24
6
-
-
85...264
85
LK 1601-7R
-9, E, D, P, T, B1
24
6
-
-
85...264
81
LK 2320-7R
-9, E, D, P, T, B1
30
5
-
-
85...264
83
LK 2540-7R
-9, E, D, P, T, B1
48
3
-
-
85...264
83
LK 2660-7R
-9, E, D, P, T, B1
12
6
12
6
85...264
81
LK 2320-7R
-9, E, D, P, T, B1
15
5
15
5
85...264
83
LK 2540-7R
-9, E, D, P, T, B1
24
3
24
3
85...264
83
LK 2660-7R
-9, E, D, P, T, B1


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
LK4003-6R 150 Watt AC-DC Converters 1  2  3  4  Power-One
LB1740-6R 700 Watt AC-DC Converters 1  2  3  4  Power-One
LH1001-2R 50 Watt AC-DC Converters 1  2  3  4  Power-One
LHR4101-2 10...30 Watt AC-DC Converters 1  2  3  4  Power-One
LKP5662-7R 250 Watt AC-DC Converters 1  2  3  4  Power-One
LM1001-7R 50 Watt AC-DC Converters 1  2  3  4  Power-One
LOK4001-2RLD 15 30 and 50 Watt AC-DC Converters 1  2  3  4  Power-One
LPC1901-7D 190...230 Watt AC-DC Converters 1  2  3  4  Power-One
LS1001-7R 100 Watt AC-DC Converters 1  2  3  4  Power-One
AK1001-7R 150 Watt DC-DC Converters 1  2  3  4  Power-One

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn