Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NFP-10A-0114BF Datasheet(PDF) 1 Page - Yamaichi Electronics Co., Ltd.

Part # NFP-10A-0114BF
Description  90째 180째 Solder Dip Latch Header Plug (1.27mm Pitch)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

NFP-10A-0114BF Datasheet(HTML) 1 Page - Yamaichi Electronics Co., Ltd.

  NFP-10A-0114BF Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd. NFP-10A-0114BF Datasheet HTML 2Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Sockets and Connectors
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
E = Short latch type
F = Long latch type
Specifications
Insulation Resistance:
1,000M
Ω min. at 500V DC
Withstanding Voltage:
500V AC rms for 1 minute
Contact Resistance:
15m
Ω max. at 10mA
Current Rating:
1A
Operating Temp. Range: –20°C to +85°C
Soldering Temperature: 260°C / 5 sec.
Materials and Finish
Housing: PBT (glass filled), UL 94V-0 rated
Contacts: Phosphor Bronze
Plating:
Au over Ni
Features
Contact pitch 1.27mm connectors for high-density mounting
NFP-10A-0122BF
10
24.28
5.08
11.58
15.08
38.2
40.2
NFP-16A-0122BF
16
28.09
8.89
15.39
18.89
42.0
44.0
NFP-20A-0112BF
20
30.63
11.43
17.93
21.43
44.6
46.6
NFP-26A-0112BF
26
34.44
15.24
21.74
25.24
48.4
50.4
NFP-34A-0112BF
34
39.52
20.32
26.82
30.32
53.5
55.5
NFP-34A-0122BF
34
39.52
20.32
26.82
30.32
53.5
55.5
NFP-40A-0112BF
40
43.33
24.12
30.63
34.13
57.3
59.3
NFP-40A-0122BF
40
43.33
24.12
30.63
34.13
57.3
59.3
NFP-50A-0112BF
50
49.68
30.48
36.98
40.48
63.6
65.6
NFP-60A-0112BF
60
56.03
36.83
43.33
46.83
70.0
72.0
NFP-60A-0122BF
60
56.03
36.83
43.33
46.83
70.0
72.0
NFP-64A-0112BF
64
58.57
39.37
45.87
49.37
72.5
74.5
NFP-64A-0122BF
64
58.57
39.37
45.87
49.37
72.5
74.5
NFP-80A-0112BF
80
68.73
49.53
56.03
59.53
82.7
84.7
NFP-80A-0122BF
80
68.73
49.53
56.03
59.53
82.7
84.7
NFP-100A-0112BF
100
81.43
62.23
68.73
72.23
95.4
97.4
NFP-100A-0122BF
100
81.43
62.23
68.73
72.23
95.4
97.4
NF Series
Part Number
No. of
Leads
AB
C
D
E
Recommended PCB Layout
Top View
90° Solder Dip Latch Header Plug (1.27mm Pitch)
NFP
-
64A - 01 * 2
BF
Part Number (Details)
Series (plug)
No. of Leads
Latch Type:
1 = Short Latch
2 = Long Latch
Terminal Type:
2 = Right Angle Solder Dip
Type of Plating:
Base
Mating Face
Solder Terminals
BF
Ni 2.5~4.5µm
Au 0.3µm min.
Au 0.05µm min.
F
X = 6.5 (Short latch type)
4.0 (Long latch type)
Y = 2.7 (Standard Terminal Length)
View ‘A’
View ‘A’
For leads 10, 26, 34 and 50
For all other leads
Outline Dimensions
Standard types see table.
For other versions please contact Yamaichi, minimum order quantity may be required


Similar Part No. - NFP-10A-0114BF

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
NFP-10A-0132BF YAMAICHI-NFP-10A-0132BF Datasheet
67Kb / 2P
   90째 180째 Solder Dip Box Header (1.27mm Pitch)
More results

Similar Description - NFP-10A-0114BF

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
NDP050-002-BF YAMAICHI-NDP050-002-BF Datasheet
133Kb / 2P
   90째 180째 Solder Dip Plug (1.27mm Pitch)
NFP-10A-0132BF YAMAICHI-NFP-10A-0132BF Datasheet
67Kb / 2P
   90째 180째 Solder Dip Box Header (1.27mm Pitch)
NDS050-002-BF YAMAICHI-NDS050-002-BF Datasheet
82Kb / 2P
   90째 180째 Solder Dip Socket (1.27mm Pitch)
CT09-15P1 YAMAICHI-CT09-15P1 Datasheet
87Kb / 2P
   180째 Solder Dip
CT09-15P5K272 YAMAICHI-CT09-15P5K272 Datasheet
87Kb / 2P
   90째 Solder Dip
DD-15PNT-S-IE YAMAICHI-DD-15PNT-S-IE Datasheet
48Kb / 1P
   180째 Solder Dip (Male / Female)
ZP7-6-A-G YAMAICHI-ZP7-6-A-G Datasheet
62Kb / 1P
   180째 / 90째 - TH Dual Row Box Header
DRA-09S11 YAMAICHI-DRA-09S11 Datasheet
85Kb / 1P
   90째 Solder Dip (Male / Female)
NDP050-003-BF YAMAICHI-NDP050-003-BF Datasheet
88Kb / 1P
   90째 SMT Type Plug (1.27mm Pitch)
NCS036-D002-K13289 YAMAICHI-NCS036-D002-K13289 Datasheet
60Kb / 1P
   Dual Port - 90째 Solder Dip Sockets
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com