Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CN074-085-0003 Datasheet(PDF) 5 Page - Yamaichi Electronics Co., Ltd.

Part # CN074-085-0003
Description  AdvancedMC Connector for AdvancedTCA
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

CN074-085-0003 Datasheet(HTML) 5 Page - Yamaichi Electronics Co., Ltd.

  CN074-085-0003 Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd. CN074-085-0003 Datasheet HTML 2Page - Yamaichi Electronics Co., Ltd. CN074-085-0003 Datasheet HTML 3Page - Yamaichi Electronics Co., Ltd. CN074-085-0003 Datasheet HTML 4Page - Yamaichi Electronics Co., Ltd. CN074-085-0003 Datasheet HTML 5Page - Yamaichi Electronics Co., Ltd. CN074-085-0003 Datasheet HTML 6Page - Yamaichi Electronics Co., Ltd. CN074-085-0003 Datasheet HTML 7Page - Yamaichi Electronics Co., Ltd. CN074-085-0003 Datasheet HTML 8Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Connectors
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
B-5
AdvancedMC
Connectors
Series CN074
AdvancedMCTM Connector for ATCA (Type B+)
Outline Connector Dimensions CN074-170-0005 (Type B+)
PCB Layout CN074-170-0005 (Type B+)
CN074
- 170 - 0005
Part Number (Details)
*Series
No. of Contacts
Design Number
Specifications
Insulation Resistance:
100M
Ω min. at 80V DC
Withstanding Voltage:
80Vrms
Differential Impedance:
100
Ω ±10Ω
Line Resistance:
Differential pair conductors
= 375m
General purpose conductors = 90m
Power conductors
= 90m
Ground conductors
= 60m
Attenuation:
<1dB at 8GHz and <2dB at 12GHz
Return Loss:
<20dB at 5GHz and <13dB at 8GHz
Cross Talk Ratio:
NE and FE <2%
Operating Temp. Range: –55
°C to +105°C
Mating Cycles:
200 times
Features
Connector Type: Extended
Carrier Board:
Conventional
Contacts:
170
Module Slots:
1
Materials
Case:
PA9T (UL94V-0), black
Housing:
LCP (UL94V-0), black
Contact:
Copper Alloy, Gold plating over Nickel
YFLEX:
LCP/Copper, Gold plating over Nickel
Screw:
Stainless
Stiffener:
Stainless, PA9T (UL94V-0), black
*INFO: including screws and stiffener
70.30
74.80
71.50
84 x 0.75 = 63.00
0.75
4 -
∅ 1.44
positioning pins
65.00
Top View from Connector
65.00
75.00
70.30
84 x 0.75 = 63.00
B86
B85
B170
B1


Similar Part No. - CN074-085-0003

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
CN074-340-0003 YAMAICHI-CN074-340-0003 Datasheet
107Kb / 1P
   AdvancedMCTM Connector for ATCA (Type AB mid size)
More results

Similar Description - CN074-085-0003

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1888654-2 MACOM-1888654-2 Datasheet
2Mb / 32P
   Solutions for AdvancedTCA, AdvancedTCA 300, MicroTCA, and AdvancedMC Standards
1888506-1 MACOM-1888506-1 Datasheet
2Mb / 32P
   Solutions for AdvancedTCA, AdvancedTCA 300, MicroTCA, and AdvancedMC Standards
logo
CONEC Elektronische Bau...
ATC30W08MARAS5X CONEC-ATC30W08MARAS5X Datasheet
73Kb / 1P
   AdvancedTCA
logo
Yamaichi Electronics Co...
CNU004P-030-1001 YAMAICHI-CNU004P-030-1001 Datasheet
141Kb / 1P
   Power Connectors for AdvancedTCA
logo
CONEC Elektronische Bau...
ATC30W08FGE3S5X CONEC-ATC30W08FGE3S5X Datasheet
83Kb / 1P
   AdvancedTCA
logo
Tyco Electronics
1766500 MACOM-1766500 Datasheet
204Kb / 2P
   ASSEMBLY, RT ANGLE, ADVANCEDTCA
logo
Semtech Corporation
ACS8595 SEMTECH-ACS8595 Datasheet
164Kb / 12P
   Line Card Protection Switch for SONET/SDH AdvancedTCA Systems
logo
Texas Instruments
TPS2359 TI1-TPS2359_15 Datasheet
1Mb / 55P
[Old version datasheet]   Full-Featured, Dual-Slot AdvancedMC Controller
TPS2358_0806 TI-TPS2358_0806 Datasheet
932Kb / 34P
[Old version datasheet]   TPS2358 Dual-Slot ATCA AdvancedMC??Controller
TPS2358 TI-TPS2358 Datasheet
931Kb / 34P
[Old version datasheet]   TPS2358 Dual-Slot ATCA AdvancedMC??Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com