Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAS-4001-2101-1-0BF Datasheet(PDF) 1 Page - Yamaichi Electronics Co., Ltd.

Part # FAS-4001-2101-1-0BF
Description  MIL Std. IDC Type Socket, (2.54mm Pitch) IDC - Socket, 2.54mm Pitch (2-Point Contact)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

FAS-4001-2101-1-0BF Datasheet(HTML) 1 Page - Yamaichi Electronics Co., Ltd.

  FAS-4001-2101-1-0BF Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd. FAS-4001-2101-1-0BF Datasheet HTML 2Page - Yamaichi Electronics Co., Ltd. FAS-4001-2101-1-0BF Datasheet HTML 3Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Internal
Connectors
Connectors
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
D-16
Part Number (Details)
Series FAS
MIL Std. IDC Type Socket, (2.54mm Pitch)
Specifications
Insulation Resistance:
1,000M
Ω min. at 500V DC
Withstanding Voltage:
700V ACrms for 1 minute
Contact Resistance:
30m
Ω max. at 10mA
Current Rating:
1A
Operating Temp. Range: –20°C to +105°C
Materials and Finish
Housing: PBT, glass filled UL 94V-0 rated
Contacts: Phosphor Bronze
Plating:
Contacts - Au over Ni
IDC Terminals - Flash Au over Nickel
Features
2.54 mm contact pitch connectors for
50 MIL standard flat cables
Variations include latch header plugs, box header plugs,
and flat cable sockets
Jigs and Tools (For FAS / FAP Type)
Hand press: FX-003
Applicable jig: FA-005
Series (socket)
No. of Leads
Housing Type:
2 = MIL std. key (with central key)
Pressure Cover Type:
1 = Open End
2 = Closed End
Strain Relief
Housing Colour: 1 = Black
2 = Blue (Standard)
0 = Mating Cables (1.27 pitch):
AWG 28 Stranded Wire or AWG 30 Solid Wire
Contact Plating: A = Gold (0.76µm over Ni 2.5~4.5µm)
B = Gold (0.3µm over Ni 2.5~4.5µm)
IDC Terminal Plating:
F = Flash Au over Ni
FAS
- 3401 - 2 2
01 - * - 0 * F
Applicable Cables
AWG 28 stranded wire, 1.27mm pitch
AWG 30 solid wire, 1.27mm pitch
(e.g. DK**-*, FLEX-S*, TPFLEX-N*, FS-FLEX-B*, see Section F)
Contact Details
Outline Dimensions
Cable Connection
Strain
Relief
Pressure
Cover
Socket


Similar Part No. - FAS-4001-2101-1-0BF

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
FAS-40-K MSYSTEM-FAS-40-K Datasheet
132Kb / 4P
   Space-saving Plug-in Signal Conditioners F-UNIT
FAS-40-K/Q MSYSTEM-FAS-40-K/Q Datasheet
132Kb / 4P
   Space-saving Plug-in Signal Conditioners F-UNIT
FAS-40-L MSYSTEM-FAS-40-L Datasheet
132Kb / 4P
   Space-saving Plug-in Signal Conditioners F-UNIT
FAS-40-L/Q MSYSTEM-FAS-40-L/Q Datasheet
132Kb / 4P
   Space-saving Plug-in Signal Conditioners F-UNIT
FAS-40-P MSYSTEM-FAS-40-P Datasheet
132Kb / 4P
   Space-saving Plug-in Signal Conditioners F-UNIT
More results

Similar Description - FAS-4001-2101-1-0BF

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AWP-24-7241-T ASSMANN-AWP-24-7241-T Datasheet
189Kb / 1P
   IDC SOCKET-2.54MM PITCH
AWP-14-7241-T ASSMANN-AWP-14-7241-T Datasheet
182Kb / 1P
   IDC SOCKET - 2.54MM PITCH, GOLD FLASH
AWP2-26-7241-T ASSMANN-AWP2-26-7241-T Datasheet
69Kb / 1P
   IDC Socket - 26 contact
AWP-20-7241-T ASSMANN-AWP-20-7241-T Datasheet
72Kb / 1P
   IDC Socket - 20 contact
AWP-60-7541-T ASSMANN-AWP-60-7541-T Datasheet
74Kb / 1P
   IDC Socket - 60 contact
AWP2-10-7241-T ASSMANN-AWP2-10-7241-T Datasheet
69Kb / 1P
   IDC Socket - 10 contact
AWP-26-7541-T ASSMANN-AWP-26-7541-T Datasheet
73Kb / 1P
   IDC Socket - 26 contact
AWP2-20-7241-T ASSMANN-AWP2-20-7241-T Datasheet
69Kb / 1P
   IDC Socket - 20 contact
AWP-40-7541-T ASSMANN-AWP-40-7541-T Datasheet
73Kb / 1P
   IDC Socket - 40 contact
AWP-60-7241-T ASSMANN-AWP-60-7241-T Datasheet
73Kb / 1P
   IDC Socket - 60 contact
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com