Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAP-2001-1104-2-0AF Datasheet(PDF) 4 Page - Yamaichi Electronics Co., Ltd.

Part # FAP-2001-1104-2-0AF
Description  MIL Std. Latch Box Header Plug, (2.54mm Pitch)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

FAP-2001-1104-2-0AF Datasheet(HTML) 4 Page - Yamaichi Electronics Co., Ltd.

  FAP-2001-1104-2-0AF Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd. FAP-2001-1104-2-0AF Datasheet HTML 2Page - Yamaichi Electronics Co., Ltd. FAP-2001-1104-2-0AF Datasheet HTML 3Page - Yamaichi Electronics Co., Ltd. FAP-2001-1104-2-0AF Datasheet HTML 4Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Sockets and Connectors
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
Part No.
No. of Leads
AB
C
Part Numbers
FA Series
MIL Std. Box Header Plug, (2.54mm Pitch)
FAP-10-08-2-1-0BF
10
20.30
17.90
10.16
FAP-10-08-2-2-0AF
10
20.30
17.90
10.16
FAP-10-08-2-2-0BF
10
20.30
17.90
10.16
FAP-10-08-4-1-0BF
10
20.30
17.90
10.16
FAP-10-08-4-2-0AF
10
20.30
17.90
10.16
FAP-10-08-4-2-0BF
10
20.30
17.90
10.16
FAP-14-08-2-2-0AF
14
25.40
23.00
15.24
FAP-14-08-2-2-0BF
14
25.40
23.00
15.24
FAP-14-08-2-2-0BF
14
25.40
23.00
15.24
FAP-14-08-4-1-0BF
14
25.40
23.00
15.24
FAP-14-08-4-2-0AF
14
25.40
23.00
15.24
FAP-14-08-4-2-0BF
14
25.40
23.00
15.24
FAP-16-08-2-1-0BF
16
27.90
25.50
17.78
FAP-16-08-2-2-0AF
16
27.90
25.50
17.78
FAP-16-08-2-2-0BF
16
27.90
25.50
17.78
FAP-16-08-4-1-0BF
16
27.90
25.50
17.78
FAP-16-08-4-2-0AF
16
27.90
25.50
17.78
FAP-16-08-4-2-0BF
16
27.90
25.50
17.78
FAP-20-08-2-2-0AF
20
33.00
30.60
22.86
FAP-20-08-2-2-0BF
20
33.00
30.60
22.86
FAP-20-08-4-2-0AF
20
33.00
30.60
22.86
FAP-20-08-4-2-0BF
20
33.00
30.60
22.86
FAP-26-08-2-2-0AF
26
40.60
38.20
30.48
FAP-26-08-2-2-0BF
26
40.60
38.20
30.48
FAP-26-08-4-1-0BF
26
40.60
38.20
30.48
FAP-26-08-4-2-0AF
26
40.60
38.20
30.48
FAP-26-08-4-2-0BF
26
40.60
38.20
30.48
FAP-34-08-2-2-0AF
34
50.80
48.40
40.64
FAP-34-08-2-2-0BF
34
50.80
48.40
40.64
FAP-34-08-4-2-0AF
34
50.80
48.40
40.64
FAP-34-08-4-2-0BF
34
50.80
48.40
40.64
FAP-40-08-2-2-0AF
40
58.40
56.00
48.26
FAP-40-08-2-2-0BF
40
58.40
56.00
48.26
FAP-40-08-4-2-0AF
40
58.40
56.00
48.26
FAP-40-08-4-2-0BF
40
58.40
56.00
48.26
FAP-50-08-2-2-0BF
50
71.10
68.70
60.96
FAP-50-08-4-2-0AF
50
71.10
68.70
60.96
FAP-50-08-4-2-0BF
50
71.10
68.70
60.96
FAP-64-08-4-2-0AF
64
88.90
86.50
78.74
Standard types see table.
For other versions please contact Yamaichi, minimum order quantity may be required


Similar Part No. - FAP-2001-1104-2-0AF

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
FAP-01-K MSYSTEM-FAP-01-K Datasheet
128Kb / 4P
   Space-saving Plug-in Signal Conditioners F-UNIT
FAP-01-K/Q MSYSTEM-FAP-01-K/Q Datasheet
128Kb / 4P
   Space-saving Plug-in Signal Conditioners F-UNIT
FAP-01-L MSYSTEM-FAP-01-L Datasheet
128Kb / 4P
   Space-saving Plug-in Signal Conditioners F-UNIT
FAP-01-L/Q MSYSTEM-FAP-01-L/Q Datasheet
128Kb / 4P
   Space-saving Plug-in Signal Conditioners F-UNIT
FAP-01-P MSYSTEM-FAP-01-P Datasheet
128Kb / 4P
   Space-saving Plug-in Signal Conditioners F-UNIT
More results

Similar Description - FAP-2001-1104-2-0AF

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MHR-XX-HUAS ADAM-TECH-MHR-XX-HUAS Datasheet
106Kb / 1P
   LATCH BOX HEADER
MHR-XX-VTAS ADAM-TECH-MHR-XX-VTAS Datasheet
80Kb / 1P
   LATCH BOX HEADER
MHR-XX-VUAL-15 ADAM-TECH-MHR-XX-VUAL-15 Datasheet
83Kb / 1P
   LATCH BOX HEADER
MHR-XX-VUAL ADAM-TECH-MHR-XX-VUAL Datasheet
111Kb / 1P
   LATCH BOX HEADER
MHR-A-XX-VUAL ADAM-TECH-MHR-A-XX-VUAL Datasheet
86Kb / 1P
   LATCH BOX HEADER
MHR-XX-HUA ADAM-TECH-MHR-XX-HUA Datasheet
85Kb / 1P
   LATCH BOX HEADER
MHR-XX-HUAS-15 ADAM-TECH-MHR-XX-HUAS-15 Datasheet
80Kb / 1P
   LATCH BOX HEADER
MHR-XX-VUAL-SMT-MP ADAM-TECH-MHR-XX-VUAL-SMT-MP Datasheet
97Kb / 1P
   LATCH BOX HEADER
MHR-XX-HSGAL ADAM-TECH-MHR-XX-HSGAL Datasheet
111Kb / 1P
   LATCH BOX HEADER
MHR-XX-VSGAS ADAM-TECH-MHR-XX-VSGAS Datasheet
81Kb / 1P
   LATCH BOX HEADER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com