Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

48IMS6-1212-9 Datasheet(PDF) 3 Page - Power-One

Part # 48IMS6-1212-9
Description  6 Watt SMD and through hole DC/DC converters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

48IMS6-1212-9 Datasheet(HTML) 3 Page - Power-One

  48IMS6-1212-9 Datasheet HTML 1Page - Power-One 48IMS6-1212-9 Datasheet HTML 2Page - Power-One 48IMS6-1212-9 Datasheet HTML 3Page - Power-One 48IMS6-1212-9 Datasheet HTML 4Page - Power-One 48IMS6-1212-9 Datasheet HTML 5Page - Power-One 48IMS6-1212-9 Datasheet HTML 6Page - Power-One 48IMS6-1212-9 Datasheet HTML 7Page - Power-One 48IMS6-1212-9 Datasheet HTML 8Page - Power-One 48IMS6-1212-9 Datasheet HTML 9Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Functional Description
The IMS 6 DC-DC modules are feedback controlled flyback
converters using current mode PWM (Pulse Width Modula-
tion).
The converter input is protected against transients by
means of a suppressor diode.
The output voltage is monitored by a separate transformer
winding close to the secondary windings and fed back to
the control circuit.
Fig. 2
Block diagram for dual output types.
Standard industrial pinout.
Fig. 1
Block diagram for single output types.
Standard industrial pinout.
PWM
Vi+
Vi–
Vo+
Vo–
22
3
14
16
10
23
2
03044
PWM
Vi+
Vi–
Vo+
Vo–
Go
23
22
2
3
14
16
11
03045
PWM
Vi+
Vi–
Vo+
Vo–
1
24
13
12
2
03046
n.c.
PWM
Vi+
Vi–
Vo+
Vo–
Go
1
24
15
10
13
03047
11
Fig. 4
Block diagram for dual output types.
Special pinout (Option K).
Fig. 3
Block diagram for single output types.
Special pinout (Option K).
PWM
Vi+
Vi–
Vo–
22
2
13
12
03048
23
3
n.c.
10
Vo+
14
15
11
16
PWM
Vi+
Vi–
Vo+
Vo–
Go
22
2
14
10
12
03049
16
15
13
11
23
3
Fig. 6
Block diagram for dual output types.
SMD pinout (Option M).
Fig. 5
Block diagram for single output types.
SMD pinout (Option M).
Current limitation is provided by the primary circuit, thus
limiting the total output current (
Io nom for the single and
Io1 nom + Io2 nom for the dual output types).
The close magnetic coupling provided by the planar con-
struction ensures very good regulation and allows for flex-
ible load distribution on dual output types.
Industrial Environment
DC/DC Converters < 40W
IMS6 Series
Edition 1 06.00
24
1
9 n.c.
9
1
24
n.c.


Similar Part No. - 48IMS6-1212-9

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
48IMS15 BEL-48IMS15 Datasheet
1Mb / 19P
   15 Watt DC-DC Converters
logo
Power-One
48IMS15-05-05-9 POWER-ONE-48IMS15-05-05-9 Datasheet
151Kb / 4P
   15 Watt DC-DC Converters
logo
Bel Fuse Inc.
48IMS15-05-05-9 BEL-48IMS15-05-05-9 Datasheet
1Mb / 19P
   15 Watt DC-DC Converters
logo
Power-One
48IMS15-05-9R POWER-ONE-48IMS15-05-9R Datasheet
151Kb / 4P
   15 Watt DC-DC Converters
48IMS15-0503-9R POWER-ONE-48IMS15-0503-9R Datasheet
151Kb / 4P
   15 Watt DC-DC Converters
More results

Similar Description - 48IMS6-1212-9

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM6TW AIMTEC-AM6TW Datasheet
248Kb / 2P
   6 watt dc-dc converters
AM6TW-N AIMTEC-AM6TW-N Datasheet
310Kb / 3P
   6 watt dc-dc converters
AM6T AIMTEC-AM6T Datasheet
279Kb / 3P
   6 watt dc-dc converters
AM6T-N AIMTEC-AM6T-N Datasheet
195Kb / 3P
   6 watt dc-dc converters
logo
Power-One
IMO POWER-ONE-IMO Datasheet
107Kb / 2P
   6 Watt DC-DC Converters
logo
List of Unclassifed Man...
AM6T ETC1-AM6T Datasheet
527Kb / 3P
   6 watt dc-dc converters
logo
Wall Industries,Inc.
DCPDLW06 WALL-DCPDLW06 Datasheet
887Kb / 6P
   6 Watt DC/DC Power Converters
DCPDLW06 WALL-DCPDLW06_16 Datasheet
824Kb / 6P
   6 Watt DC/DC Power Converters
logo
CINCON ELECTRONICS Corp...
EC4AW-H6 CINCON-EC4AW-H6 Datasheet
132Kb / 2P
   5-6 WATT DC-DC CONVERTERS
logo
Wall Industries,Inc.
ELANC WALL-ELANC Datasheet
103Kb / 4P
   6 Watt DC/DC Power Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com