Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

48IMS7-12-9C Datasheet(PDF) 4 Page - Power-One

Part # 48IMS7-12-9C
Description  7 Watt DC-DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

48IMS7-12-9C Datasheet(HTML) 4 Page - Power-One

  48IMS7-12-9C Datasheet HTML 1Page - Power-One 48IMS7-12-9C Datasheet HTML 2Page - Power-One 48IMS7-12-9C Datasheet HTML 3Page - Power-One 48IMS7-12-9C Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
www.power-one.com
Edition 3/04.2001
4.2 (0.17")
42.4 (1.67")
S09031
50.8 (2")
0.8
× 1.2 (0.03 x 0.05") Pins
Measuring point of
case temperature
TC
1
4
10
14
IMS 7 SMD version (option M)
Pin allocation IMS 7, option M and Z
Pin
Single output
Dual output
1Vi+
Vi+
2Vi–
Vi–
3i
i
4n.c.
R (Trim)
10
Vo–
Vo1–
11
Vo+
Vo1+
12
Vo–
Vo2–
13
R
Vo2+
14
n.c.
n.c.
C pinout (option C)
Pin
Single output
Dual output
1Vi+
Vi+
2Vi–
Vi–
3Vo+
Vo+
4
no pin
Go
5Vo–
Vo–
90001
50.8 (2")
Measuring point of
case temperature
TC
1
3.6 (1.4")
8 x 5 (1.9")
Foot print
18
IMS 7 SMD version (option L)
SMD version (option L)
Pin
Single output
Dual output
1Vo
Vo1
2Go
Go
3n.c.
Vo2
4
n.c.
n.c.
5
n.c.
n.c.
6
n.c.
n.c.
7
n.c.
n.c.
8
n.c.
n.c.
9n.c.
Trim
10
n.c.
n.c.
11
i
i
12
no pin
no pin
13
no pin
no pin
14
n.c.
n.c.
15
n.c.
n.c.
16
n.c.
n.c.
17
Vi–
Vi–
18
Vi+
Vi+
Board Mountable
IMS 7 Series


Similar Part No. - 48IMS7-12-9C

ManufacturerPart #DatasheetDescription
logo
Power-One
48IMS7-12-9C POWER-ONE-48IMS7-12-9C Datasheet
380Kb / 15P
   IMX7/IMS7 DC-DC Series Data Sheet 7-Watt DC-DC Converters
More results

Similar Description - 48IMS7-12-9C

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
IMX7 BEL-IMX7 Datasheet
480Kb / 14P
   7-Watt DC-DC Converters
logo
Power-One
IMX7 POWER-ONE-IMX7 Datasheet
56Kb / 4P
   7 Watt DC-DC Converters
logo
Tumbler Technologies + ...
TSC2-2S053.3N TRUMPOWER-TSC2-2S053.3N Datasheet
27Kb / 1P
   DC/DC CONVERTERS 7-pin SIP, 2 Watt
TSC-1S053.3 TRUMPOWER-TSC-1S053.3 Datasheet
15Kb / 1P
   DC/DC CONVERTERS 7-Pin SIP, Regulated 1 Watt
logo
Astrodyne Corporation
ASD07 ASTRODYNE-ASD07 Datasheet
412Kb / 3P
   Isolated and Regulated 7 WATT Modular DC/DC Converters
logo
Power-One
110IMX7-05-8G POWER-ONE-110IMX7-05-8G Datasheet
380Kb / 15P
   IMX7/IMS7 DC-DC Series Data Sheet 7-Watt DC-DC Converters
20IMX7-05-8G POWER-ONE-20IMX7-05-8G Datasheet
636Kb / 14P
   IMX7, IMS7 Series Data Sheet 7-Watt DC-DC Converters
logo
Tumbler Technologies + ...
TSC-3QS0505N TRUMPOWER-TSC-3QS0505N Datasheet
16Kb / 1P
   DC/DC CONVERTERS 7-pin SIP, 0.25 to 1 Watt
logo
Power-One
40IMX7-05-8 POWER-ONE-40IMX7-05-8 Datasheet
636Kb / 14P
   IMX7, IMS7 Series Data Sheet 7-Watt DC-DC Converters
IMX15 POWER-ONE-IMX15 Datasheet
61Kb / 4P
   15 Watt DC-DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com