Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

48IMS6-15-9 Datasheet(PDF) 4 Page - Power-One

Part # 48IMS6-15-9
Description  6 Watt SMD and through hole DC/DC converters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

48IMS6-15-9 Datasheet(HTML) 4 Page - Power-One

  48IMS6-15-9 Datasheet HTML 1Page - Power-One 48IMS6-15-9 Datasheet HTML 2Page - Power-One 48IMS6-15-9 Datasheet HTML 3Page - Power-One 48IMS6-15-9 Datasheet HTML 4Page - Power-One 48IMS6-15-9 Datasheet HTML 5Page - Power-One 48IMS6-15-9 Datasheet HTML 6Page - Power-One 48IMS6-15-9 Datasheet HTML 7Page - Power-One 48IMS6-15-9 Datasheet HTML 8Page - Power-One 48IMS6-15-9 Datasheet HTML 9Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Electrical Input Data
General conditions:
TA = 25 C, unless TC is specified.
Table 2: Input Data
Input
24 IMS 6
48 IMS 6
Characteristics
Conditions
min
typ
max min
typ
max
Unit
Ui
Input voltage range
TC min...TC max
18
36
36
75
V DC
Ui nom
Nominal input voltage
Io = 0...Io nom
Ui sur
Repetitive surge voltage
abs. max input (3 s)
40
100
tstart up
Converter start-up time 1
Worst case condition at
0.25
0.5
0.25
0.5
s
Ui min and full load
trise
Rise time 1
Ui nom
resistive load
5
5
ms
Io nom
capacitive load
12
12
Ii o
No load input current
Io = 0, Ui min...Ui max
15
20
mA
C i
Input capacitance
for surge calculation
0.54
0.3
uF
Iinr p
Inrush peak current
Ui = Ui nom 3
3.7
4.2
A
fs
Switching frequency
Ui min...Ui max, Io = 0...Io nom
approx. 400
approx. 400
kHz
Ii rr
Reflected ripple current
Io = 0...Io nom
30
30
mApp
ui RFI
Input RFI level
EN 55022 2
B
1
conducted and radiated
1 Measured with a resistive or max. admissible capacitive load. (See fig.: Converter start-up and rise time)
2 External filter required. (See: Filter recommendations for compliance with EN 55022)
3 Source impedance according to prETS 300132-2, version 4.3.
Industrial Environment
DC/DC Converters < 40W
IMS6 Series
48
24
5
10
B
1
Edition 1 06.00


Similar Part No. - 48IMS6-15-9

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
48IMS15 BEL-48IMS15 Datasheet
1Mb / 19P
   15 Watt DC-DC Converters
logo
Power-One
48IMS15-05-05-9 POWER-ONE-48IMS15-05-05-9 Datasheet
151Kb / 4P
   15 Watt DC-DC Converters
logo
Bel Fuse Inc.
48IMS15-05-05-9 BEL-48IMS15-05-05-9 Datasheet
1Mb / 19P
   15 Watt DC-DC Converters
logo
Power-One
48IMS15-05-9R POWER-ONE-48IMS15-05-9R Datasheet
151Kb / 4P
   15 Watt DC-DC Converters
48IMS15-0503-9R POWER-ONE-48IMS15-0503-9R Datasheet
151Kb / 4P
   15 Watt DC-DC Converters
More results

Similar Description - 48IMS6-15-9

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM6TW AIMTEC-AM6TW Datasheet
248Kb / 2P
   6 watt dc-dc converters
AM6TW-N AIMTEC-AM6TW-N Datasheet
310Kb / 3P
   6 watt dc-dc converters
AM6T AIMTEC-AM6T Datasheet
279Kb / 3P
   6 watt dc-dc converters
AM6T-N AIMTEC-AM6T-N Datasheet
195Kb / 3P
   6 watt dc-dc converters
logo
Power-One
IMO POWER-ONE-IMO Datasheet
107Kb / 2P
   6 Watt DC-DC Converters
logo
List of Unclassifed Man...
AM6T ETC1-AM6T Datasheet
527Kb / 3P
   6 watt dc-dc converters
logo
Wall Industries,Inc.
DCPDLW06 WALL-DCPDLW06 Datasheet
887Kb / 6P
   6 Watt DC/DC Power Converters
DCPDLW06 WALL-DCPDLW06_16 Datasheet
824Kb / 6P
   6 Watt DC/DC Power Converters
logo
CINCON ELECTRONICS Corp...
EC4AW-H6 CINCON-EC4AW-H6 Datasheet
132Kb / 2P
   5-6 WATT DC-DC CONVERTERS
logo
Wall Industries,Inc.
ELANC WALL-ELANC Datasheet
103Kb / 4P
   6 Watt DC/DC Power Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com