Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC12F Datasheet(PDF) 9 Page - Microchip Technology

Part # PIC12F
Description  PIC16F/LF182X/PIC12F/LF1822 Memory Programming Specification
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F Datasheet(HTML) 9 Page - Microchip Technology

Back Button PIC12F Datasheet HTML 5Page - Microchip Technology PIC12F Datasheet HTML 6Page - Microchip Technology PIC12F Datasheet HTML 7Page - Microchip Technology PIC12F Datasheet HTML 8Page - Microchip Technology PIC12F Datasheet HTML 9Page - Microchip Technology PIC12F Datasheet HTML 10Page - Microchip Technology PIC12F Datasheet HTML 11Page - Microchip Technology PIC12F Datasheet HTML 12Page - Microchip Technology PIC12F Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
 2010 Microchip Technology Inc.
Advance Information
DS41390C-page 9
PIC16F/LF182X/PIC12F/LF1822
TABLE 3-1:
DEVICE ID VALUES
3.3
Configuration Words
There are two Configuration Words, Configuration Word
1 (8007h) and Configuration Word 2 (8008h). The
individual bits within these Configuration Words are
used to enable or disable device functions such as the
Brown-out Reset, code protection and Power-up Timer.
3.4
Calibration Words
The internal calibration values are factory calibrated
and stored in Calibration Words 1 and 2 (8009h,
800Ah).
The Calibration Words do not participate in erase
operations. The device can be erased without affecting
the Calibration Words.
DEVICE
DEVICE ID VALUES
DEV
REV
PIC16F1826
10 0111 100
x xxxx
PIC16F1827
10 0111 101
x xxxx
PIC16LF1826
10 1000 100
x xxxx
PIC16LF1827
10 1000 101
x xxxx
PIC16F1823
10 0111 001
x xxxx
PIC16LF1823
10 1000 001
x xxxx
PIC12F1822
10 0111 000
x xxxx
PIC12LF1822
10 1000 000
x xxxx
PIC16F1824
10 0111 010
x xxxx
PIC16LF1824
10 1000 010
x xxxx
PIC16F1825
10 0111 011
x xxxx
PIC16LF1825
10 1000 011
x xxxx
PIC16F1828
10 0111 110
x xxxx
PIC16LF1828
10 1000 110
x xxxx
PIC16F1829
10 0111 111
x xxxx
PIC16LF1829
10 1000 111
x xxxx


Similar Part No. - PIC12F

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC12F1501 MICROCHIP-PIC12F1501 Datasheet
2Mb / 279P
   8-Pin Flash, 8-Bit Microcontrollers
2011
PIC12F1501 MICROCHIP-PIC12F1501 Datasheet
6Mb / 422P
   20-Pin Flash, 8-Bit Microcontrollers with XLP Technology
11/29/12 2011-2013
PIC12F1501 MICROCHIP-PIC12F1501 Datasheet
3Mb / 340P
   14-Pin Flash, 8-Bit Microcontrollers
08/02/11
PIC12F1501-E-MC MICROCHIP-PIC12F1501-E-MC Datasheet
2Mb / 279P
   8-Pin Flash, 8-Bit Microcontrollers
2011
PIC12F1501-I MICROCHIP-PIC12F1501-I Datasheet
3Mb / 278P
   8-Pin Flash, 8-Bit Microcontrollers
08/02/11
More results

Similar Description - PIC12F

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCSXXX MICROCHIP-HCSXXX Datasheet
395Kb / 28P
   Memory Programming Specification
2004
PIC18LF2XK22 MICROCHIP-PIC18LF2XK22 Datasheet
545Kb / 42P
   Flash Memory Programming Specification
01/05/10 2010
PIC16F72 MICROCHIP-PIC16F72_1 Datasheet
151Kb / 14P
   FLASH Memory Programming Specification
2002
PIC17CXX MICROCHIP-PIC17CXX Datasheet
137Kb / 16P
   EPROM Memory Programming Specification
1996
PIC16C84 MICROCHIP-PIC16C84 Datasheet
111Kb / 14P
   EEPROM Memory Programming Specification
1996
PIC16C50X MICROCHIP-PIC16C50X Datasheet
191Kb / 14P
   EPROM Memory Programming Specification
2001
PIC16F87X MICROCHIP-PIC16F87X_02 Datasheet
199Kb / 22P
   EEPROM Memory Programming Specification
2002
PIC16F87 MICROCHIP-PIC16F87_1 Datasheet
402Kb / 24P
   Flash Memory Programming Specification
2002 - 2003
PIC18LF2X MICROCHIP-PIC18LF2X Datasheet
593Kb / 44P
   Flash Memory Programming Specification
11/29/11 2012
PIC18F2XK20 MICROCHIP-PIC18F2XK20 Datasheet
544Kb / 42P
   Flash Memory Programming Specification
03/26/09 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com