Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U77-C261M-2081 Datasheet(PDF) 5 Page - Amphenol Corporation

Part # U77-C261M-2081
Description  1XN SFP CAGE SPRINGFINGER EMI, WITH LIGHT PIPE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

U77-C261M-2081 Datasheet(HTML) 5 Page - Amphenol Corporation

  U77-C261M-2081 Datasheet HTML 1Page - Amphenol Corporation U77-C261M-2081 Datasheet HTML 2Page - Amphenol Corporation U77-C261M-2081 Datasheet HTML 3Page - Amphenol Corporation U77-C261M-2081 Datasheet HTML 4Page - Amphenol Corporation U77-C261M-2081 Datasheet HTML 5Page - Amphenol Corporation U77-C261M-2081 Datasheet HTML 6Page - Amphenol Corporation U77-C261M-2081 Datasheet HTML 7Page - Amphenol Corporation U77-C261M-2081 Datasheet HTML 8Page - Amphenol Corporation U77-C261M-2081 Datasheet HTML 9Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
(13.00)
(13.00)
SECTION E-E
(3.00 MIN)
DIM "E"
(0.19)
10.40±0.10
(SEE NOTE)
10.40±0.10
(SEE NOTE)
DIM "F"
8.03
8.03
E
E
NOTE:
PANEL CUTOUT SIZES PER SFF 8433 SPEC. FOR
BELLY TO BELLY MOUNTING, DIM "E" (PCB THICKNESS)
IS 3.0 mm MIN. DIM "F" RELATED TO DIM "E". FOR
DIM "F" = DIM "E" - 0.44 mm. THE PANEL CUTOUT
10.40 mm MIGHT BE INCREASED UP TO 10.80 mm
IN ORDER TO ACCOMODATE PCB TOLERANCE.
D
C
B
A
A
B
C
D
Amphenol Canada Corp.
REF.
SCALE
SIZE
PROJECT
DWG. NO.
A3
SHEET
REV.
1XN SFP+ CAGE SPRINGFINGER
EMI, WITH LIGHT PIPE
DATE
APPROVALS
DRAWN
CHECKED
QA APPD
IE APP'D
DWG APP'D
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN MILLIMETERS
TOLERANCES ARE:
DECIMALS
ANGLES
X.X 0.38
1
X.XX 0.25
MATERIAL AND FINISH
SEE NOTE 1
DO NOT SCALE DRAWING
1
2
3
4
5
6
8
8
7
6
5
4
32
1
REVISIONS
REV.
DESCRIPTION
DATE
APPROVED
ECN/E-R
DESIGNED
5 OF 11
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR ANY PURPOSE
OR USED FOR MANUFACTURING PURPOSES WITHOUT PERMISSION FROM AMPHENOL CANADA CORP.
TITLE
2:1
C
7
CODE IDENT. NO.
03554
Jane.Z
J.SI
A.G
MAR13/09
P-U77-CX61M-X081
A
MAR25/09
PROPOSAL
MAR25/09
MAR25/09
B
UPDATED
APR21/09
C
B-B APPLICATIONS ADDED
MAY25/09


Similar Part No. - U77-C261M-2081

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
U77-C241M-2081 AMPHENOL-U77-C241M-2081 Datasheet
673Kb / 11P
   1XN SFP CAGE ELASTOMER EMI GASKET, WITH LIGHT PIPE
U77-C241M-3081 AMPHENOL-U77-C241M-3081 Datasheet
673Kb / 11P
   1XN SFP CAGE ELASTOMER EMI GASKET, WITH LIGHT PIPE
More results

Similar Description - U77-C261M-2081

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
P-U77-CX41M-X081 AMPHENOL-P-U77-CX41M-X081 Datasheet
673Kb / 11P
   1XN SFP CAGE ELASTOMER EMI GASKET, WITH LIGHT PIPE
P-U77-AX41M-X081 AMPHENOL-P-U77-AX41M-X081 Datasheet
240Kb / 6P
   1XN SFP CAGE ASSEMBLY WITH ELASTOMERIC GASKET
logo
Molex Electronics Ltd.
0747500071 MOLEX11-0747500071 Datasheet
37Kb / 1P
   QSFP Cage Assembly with NET Heat Sink with Round EMI Gasket, Single Light Pipe
0747500075 MOLEX11-0747500075 Datasheet
37Kb / 1P
   QSFP Cage Assembly with NET Heat Sink with Round EMI Gasket, Single Light Pipe
0747500077 MOLEX11-0747500077 Datasheet
36Kb / 1P
   QSFP Cage Assembly with NET Heat Sink with Round EMI Gasket, Dual Light Pipe
logo
Amphenol Corporation
P-U86-D1427-X0XX1 AMPHENOL-P-U86-D1427-X0XX1 Datasheet
165Kb / 4P
   2X1 SFP ULTRA-PORT COMBO WITH LIGHT PIPE (ELASTOMERIC EMI GASKET)
logo
Molex Electronics Ltd.
0747501570 MOLEX11-0747501570 Datasheet
39Kb / 1P
   QSFP Cage Assembly with PCI Heat Sink with Round EMI Gasket, Quad Light Pipe
0747501575 MOLEX11-0747501575 Datasheet
38Kb / 1P
   QSFP Cage Assembly with NET Heat Sink with Round EMI Gasket, Quad Light Pipe
0747500076 MOLEX11-0747500076 Datasheet
37Kb / 1P
   QSFP Cage Assembly with SAN Heat Sink with Round EMI Gasket, Dual Light Pipe
0747500070 MOLEX11-0747500070 Datasheet
37Kb / 1P
   QSFP Cage Assembly with SAN Heat Sink with Round EMI Gasket, Single Light Pipe
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com