Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

IMS30 Datasheet(PDF) 5 Page - Power-One

Part No. IMS30
Description  Dual outputs 5V & 3.3V ; 3.3V & 1.8V
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  POWER-ONE [Power-One]
Homepage  http://www.power-one.com
Logo 

IMS30 Datasheet(HTML) 5 Page - Power-One

   
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Fig 6: Cross regulation and load regulation for double output units.
5/11
Unspecified Output Current (A)
Specified Output Current (A)
+/-4%
+/-3%
30W Output power limit line
+/-1%
Regulation window for unspecified output (Tab 5a,5b)
100 %
50 %
1.0
2.0
3.0
4.0
5.0
6.0
Specified Output Current (A)


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn