Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU16027KV Datasheet(PDF) 1 Page - Rohm

Part # BU16027KV
Description  HDMI Switch ICs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU16027KV Datasheet(HTML) 1 Page - Rohm

  BU16027KV Datasheet HTML 1Page - Rohm BU16027KV Datasheet HTML 2Page - Rohm BU16027KV Datasheet HTML 3Page - Rohm BU16027KV Datasheet HTML 4Page - Rohm BU16027KV Datasheet HTML 5Page - Rohm BU16027KV Datasheet HTML 6Page - Rohm BU16027KV Datasheet HTML 7Page - Rohm BU16027KV Datasheet HTML 8Page - Rohm BU16027KV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1/19
www.rohm.com
2010.05 - Rev.E
© 2010 ROHM Co., Ltd. All rights reserved.
HDMI Switch ICs
BU16006KV, BU16018KV, BU16024KV, BU16027KV
●Description
These devices control are simple. It requires only 3.3V source and a few GPIO controls.
Termination resistors (50
Ω) are integrated at all TMDS input port. When channel is not selected, TMDS input termination
resistors are turned off and TMDS inputs are high impedance. These devices are also integrated equalizer circuit to adapt
long cable and DDC active buffer function to isolate capacitance.
●Features
1) Supports 2.25 Gbps signaling rate for 480i/p, 720p, and 1080i/p resolution to 12-bit color depth
2) Compatible with HDMI 1.3a
3) 5V tolerance to all DDC and HPD_SINK inputs
4) Integrated active DDC buffer
5) Integrated switchable 50
Ω termination resistors
6) Integrated equalizer circuit to adapt long cable
7) HBM ESD protection exceeds 10kV
8) 3.3V fixed supply
9) RoHS compatible
●Applications
Digital TV, Audio Video Receiver, Digital Projector, DVI or HDMI Switch Box
●Line up matrix
Part No.
Power
Supply
(V)
ESD
(KV)
Input and Output
Data rate
(Gbps)
Hot
Plug
Control
Termination
Resistor switch
Control
Switching
Method
DDC
Buffer type
Equalizer
High speed
mode
Package
RoHS
BU16018KV
3 to 3.6
10
3 input 1 output
2.25
Yes
Sync HPD
GPIO
Active
Fixed
Yes
VQFP80
Yes
BU16027KV
3 to 3.6
10
3 input 1 output
2.25
Yes
Sync S1/S2
GPIO
Active
Fixed
Yes
(Always ON)
VQFP64
Yes
BU16006KV
3 to 3.6
10
2 input 1 output
2.25
Yes
Sync HPD
GPIO
Active
Fixed
Yes
(Always ON)
VQFP64
Yes
BU16024KV
3 to 3.6
10
1 input 1 output
2.25
Yes
Sync HPD
-
Active
Fixed
Yes
VQFP48C
Yes
●Other Line up
HDMI Switch adapted “Repeater” and “Source” Equipment
Part No.
Power
Supply
(V)
ESD
(KV)
Input and Output
Data rate
(Gbps)
Hot
Plug
Control
Termination
Resistor switch
Control
Switching
Method
DDC
Buffer type
Equalizer
High speed
mode
Package
RoHS
BU16025MUV
3 to 3.6
10
1 input 1 output
2.70
Yes
Sync OE
-
Active
Selectable
Yes
VQFN48AV7070
Yes
No.10063EET01


Similar Part No. - BU16027KV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU16027KV ROHM-BU16027KV Datasheet
596Kb / 19P
   2 for input 1 output switch with Termination sense correspondence (Sync with HPD_SINK)
BU16027KV ROHM-BU16027KV Datasheet
658Kb / 20P
   3 for input 1 output switch with Termination sense correspondence
BU16027KV ROHM-BU16027KV Datasheet
485Kb / 18P
   1 for input 1 output buffer with Termination sense correspondence
BU16027KV ROHM-BU16027KV Datasheet
651Kb / 20P
   3 for input 1 output switch with Termination sense non correspondence
More results

Similar Description - BU16027KV

ManufacturerPart #DatasheetDescription
logo
Silicon image
SII9185 SILICONIMAGE-SII9185 Datasheet
240Kb / 2P
   VastLane??HDMI Switch
logo
Sanken electric
SPF5012 SANKEN-SPF5012 Datasheet
48Kb / 1P
   Low-side Switch ICs
logo
Rohm
BU21072MUV ROHM-BU21072MUV Datasheet
680Kb / 17P
   Capacitive Switch Controller ICs
BD2061AFJ ROHM-BD2061AFJ_13 Datasheet
488Kb / 25P
   High Side Switch ICs
BU21072MUV ROHM-BU21072MUV_16 Datasheet
3Mb / 40P
   Capacitive Switch Controller ICs
logo
Sanken electric
SPF5009 SANKEN-SPF5009 Datasheet
49Kb / 1P
   Low-side Switch ICs
logo
Toshiba Semiconductor
TC9273N TOSHIBA-TC9273N Datasheet
391Kb / 13P
   ANALOG SWITCH ARRAY ICs
logo
Sanken electric
SPF5002A SANKEN-SPF5002A Datasheet
52Kb / 2P
   Low-side Switch ICs
logo
Rohm
BU21079F ROHM-BU21079F Datasheet
922Kb / 37P
   Capacitive Switch Controller ICs
logo
Texas Instruments
TMDS261B TI1-TMDS261B Datasheet
11Mb / 48P
[Old version datasheet]   TWO-PORT HDMI SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com