Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XCM524BB02DR-G Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XCM524BB02DR-G
Description  600mA Synchronous Step-Down DC/DC Converter 500mA LDO with Delay Function Voltage Detector
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCM524BB02DR-G Datasheet(HTML) 4 Page - Torex Semiconductor

  XCM524BB02DR-G Datasheet HTML 1Page - Torex Semiconductor XCM524BB02DR-G Datasheet HTML 2Page - Torex Semiconductor XCM524BB02DR-G Datasheet HTML 3Page - Torex Semiconductor XCM524BB02DR-G Datasheet HTML 4Page - Torex Semiconductor XCM524BB02DR-G Datasheet HTML 5Page - Torex Semiconductor XCM524BB02DR-G Datasheet HTML 6Page - Torex Semiconductor XCM524BB02DR-G Datasheet HTML 7Page - Torex Semiconductor XCM524BB02DR-G Datasheet HTML 8Page - Torex Semiconductor XCM524BB02DR-G Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
4/52
XCM524 Series
Ta=25℃
*1 IROUT= Less than Pd /(VIN1-VROUT
*2 The power dissipation figure shown is PCB mounted. Please refer to page 50 for details. Please also note that the power dissipation is
for each channel.
PARAMETER
SYMBOL
RATINGS
UNITS
VIN1Voltage
VIN1
7.0
V
VROUT Current
IROUT
700
(*1)
mA
VROUT Voltage
VROUT
VSS - 0.3 ∼ VIN1 + 0.3
V
VDOUT Current
IDOUT
50
mA
VDOUT Voltage
VDOUT
VSS -0.3 ∼ 7.0
V
Cd Voltage
VCd
VSS - 0.3 ∼ VIN1 + 0.3
V
VIN2 Current
VIN2
-0.3 ∼ 6.5
V
Lx Voltage
VLx
-0.3 ∼ VIN2 + 0.3 ≦ 6.5
V
DCOUT Voltage
VDCOUT
-0.3 ∼ 6.5
V
EN2 Voltage
VEN2
-0.3 ∼ 6.5
V
Lx Current
ILx
±1500
mA
USP-12B01
150
800 (Only 1ch operation)
Power
Dissipation
USP-12B01
(PCB mounted
(*2))
Pd
600 (Both 2ch operation)
mW
Junction Temperature
Tj
125
Operating Temperature Range
Topr
- 40 ∼ + 85
Storage Temperature Range
Tstg
- 55 ∼ + 125
R2
R1
Error Amp.
Vref with
Soft Start,
CE
Phase
Compensation
PWM/PFM
Selector
Current Feedback
Current Limit
PWM
Comparator
Logic
Synch
Buffer
Drive
R3
R4
UVLO
UVLO Cmp
Ramp Wave
Generator
OSC
Lx
CE/MODE
Control
Logic
CE/
VSHORT
CE
R2
R1
Error Amp.
Vref with
Soft Start,
CE
Phase
Compensation
PWM/PFM
Selector
Current Feedback
Current Limit
PWM
Comparator
Logic
Synch
Buffer
Drive
R3
R4
UVLO
UVLO Cmp
Ramp Wave
Generator
OSC
Lx
V
SS
V
IN
V
OUT
CE/MODE
Control
Logic
VSHORT
Step-Down DC/DC
Step-Down DC/DC
Available with CL Discharge, High Speed Soft-Start
V
SS
V
IN
V
OUT
CE
■BLOCK DIAGRAMS
■ABSOLUTE MAXIMUM RATINGS
* A fixed PWM control scheme because that the “CE Control Logic” outputs a low level signal to the “PWM/PFM Selector”.
* An auto PWM/PFM switching control scheme because the “CE Control Logic” outputs a high level signal to the “PWM/PFM Selector”.
*Diodes inside the circuit are an ESD protection diode and a parasitic diode.


Similar Part No. - XCM524BB02DR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XCM520 TOREX-XCM520 Datasheet
970Kb / 43P
   600mA Synchronous Step-Down DC/DC Converter Dual LDO Regulator
XCM520AA01DR-G TOREX-XCM520AA01DR-G Datasheet
970Kb / 43P
   600mA Synchronous Step-Down DC/DC Converter Dual LDO Regulator
XCM520AA02DR-G TOREX-XCM520AA02DR-G Datasheet
970Kb / 43P
   600mA Synchronous Step-Down DC/DC Converter Dual LDO Regulator
XCM520AA03DR-G TOREX-XCM520AA03DR-G Datasheet
970Kb / 43P
   600mA Synchronous Step-Down DC/DC Converter Dual LDO Regulator
XCM520AA04DR-G TOREX-XCM520AA04DR-G Datasheet
970Kb / 43P
   600mA Synchronous Step-Down DC/DC Converter Dual LDO Regulator
More results

Similar Description - XCM524BB02DR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XCM519 TOREX-XCM519 Datasheet
1Mb / 49P
   600mA Synchronous Step-Down DC/DC Converter Low Voltage Input LDO
XCM520 TOREX-XCM520 Datasheet
970Kb / 43P
   600mA Synchronous Step-Down DC/DC Converter Dual LDO Regulator
logo
Diodes Incorporated
AP3405 DIODES-AP3405 Datasheet
574Kb / 9P
   600mA Step-down DC/DC Converter with Synchronous Rectifier
AP3403 DIODES-AP3403 Datasheet
598Kb / 9P
   600mA STEP-DOWN DC/DC CONVERTER WITH SYNCHRONOUS RECTIFIER
logo
Torex Semiconductor
XC9510 TOREX-XC9510_1 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
logo
Union Semiconductor, In...
UM3500 UNIONSEMI-UM3500 Datasheet
368Kb / 11P
   600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
UM3501 UNIONSEMI-UM3501_15 Datasheet
445Kb / 11P
   600mA, 1.2MHz, Synchronous Step-Down DC-DC Converter
logo
Linear Technology
LTC3563 LINER-LTC3563 Datasheet
280Kb / 16P
   500mA, Synchronous Step-Down DC/DC Converter with Selectable Output Voltage
logo
Torex Semiconductor
XC9508 TOREX-XC9508 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator plus Voltage Detector
XC9510 TOREX-XC9510_2 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com