Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU6566GVW Datasheet(PDF) 16 Page - Rohm

Part # BU6566GVW
Description  Camera Image Processors Compatible with JPEG Image
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU6566GVW Datasheet(HTML) 16 Page - Rohm

Back Button BU6566GVW_09 Datasheet HTML 9Page - Rohm BU6566GVW_09 Datasheet HTML 10Page - Rohm BU6566GVW_09 Datasheet HTML 11Page - Rohm BU6566GVW_09 Datasheet HTML 12Page - Rohm BU6566GVW_09 Datasheet HTML 13Page - Rohm BU6566GVW_09 Datasheet HTML 14Page - Rohm BU6566GVW_09 Datasheet HTML 15Page - Rohm BU6566GVW_09 Datasheet HTML 16Page - Rohm BU6566GVW_09 Datasheet HTML 17Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
BU6566GVW, BU6568GV
Technical Note
16/16
www.rohm.com
2009.04 - Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
● Tape and Reel information
(Unit : mm)
SBGA099T070
0.65
7.0
±0.1
0.575
±0.1
P=0.65
×9
S
M
AB
S
φ0.08
99-
φ0.33±0.05
0.1 S
A
B
1PIN MARK
G
F
E
D
C
B
A
H
J
K
7
6
5
4
3
2
18 910
Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape (with dry pack)
Tape
Quantity
Direction
of feed
The direction is the 1pin of product is at the upper left when you hold
reel on the left hand and you pull out the tape on the right hand
1500pcs
E2
()
Direction of feed
Reel
1pin
(Unit : mm)
SBGA099W070
0.65
7.0
±0.1
0.575
±0.1
P=0.65
×9
S
M
AB
S
φ0.08
99-
φ0.33±0.05
0.1 S
A
B
1PIN MARK
G
F
E
D
C
B
A
H
J
K
7
6
5
4
3
2
18 910
Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape (with dry pack)
Tape
Quantity
Direction
of feed
The direction is the 1pin of product is at the upper left when you hold
reel on the left hand and you pull out the tape on the right hand
1500pcs
E2
()
Direction of feed
Reel
1pin


Similar Part No. - BU6566GVW_09

ManufacturerPart #DatasheetDescription
logo
Rohm
BU6566GVW ROHM-BU6566GVW Datasheet
379Kb / 6P
   For Home Electornics and Security Devices IC
More results

Similar Description - BU6566GVW_09

ManufacturerPart #DatasheetDescription
logo
Zoran Corporation
PM-36 ZORAN-PM-36 Datasheet
67Kb / 2P
   JPEG Image Processor
logo
ATMEL Corporation
AT76C101 ATMEL-AT76C101 Datasheet
111Kb / 13P
   JPEG Image Compression Processor
logo
List of Unclassifed Man...
ZR36050 ETC-ZR36050 Datasheet
262Kb / 52P
   JPEG IMAGE COMPRESSION PROCESSOR
logo
National Instruments Co...
NI1428 NI-NI1428 Datasheet
55Kb / 3P
   Camera Link Image Acquisition
777662-01 NI-777662-01 Datasheet
1Mb / 6P
   Digital Camera Image Acquisition
logo
Sanyo Semicon Device
LC8220 SANYO-LC8220 Datasheet
191Kb / 13P
   JPEG Still Color Image Compression/Decompression LSI
logo
List of Unclassifed Man...
KL5A71006 ETC-KL5A71006 Datasheet
400Kb / 2P
   JPEG STILL COLOR IMAGE DATA COMPRESSION/DECOMPRESSION LSI
logo
Sanyo Semicon Device
SIS3100 SANYO-SIS3100 Datasheet
96Kb / 4P
   Colro Image Sensor Camera Module?
logo
Rohm
BU1571KN ROHM-BU1571KN_10 Datasheet
236Kb / 9P
   Image Correction IC for Camera
logo
National Instruments Co...
PCIE-1429 NI-PCIE-1429 Datasheet
369Kb / 3P
   Full-Configuration Camera Link Image Acquisition
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com