Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XCM524BA02DR-G Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XCM524BA02DR-G
Description  600mA Synchronous Step-Down DC/DC Converter 500mA LDO with Delay Function Voltage Detector
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCM524BA02DR-G Datasheet(HTML) 5 Page - Torex Semiconductor

  XCM524BA02DR-G Datasheet HTML 1Page - Torex Semiconductor XCM524BA02DR-G Datasheet HTML 2Page - Torex Semiconductor XCM524BA02DR-G Datasheet HTML 3Page - Torex Semiconductor XCM524BA02DR-G Datasheet HTML 4Page - Torex Semiconductor XCM524BA02DR-G Datasheet HTML 5Page - Torex Semiconductor XCM524BA02DR-G Datasheet HTML 6Page - Torex Semiconductor XCM524BA02DR-G Datasheet HTML 7Page - Torex Semiconductor XCM524BA02DR-G Datasheet HTML 8Page - Torex Semiconductor XCM524BA02DR-G Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
5/52
XCM524
Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX. UNITS CIRCUIT
Output Voltage
(*2, 3)
VROUT(E)
IROUT=30mA
×0.98 VROUT(T) ×1.02
V
Maximum Output Current
(0.9 ~ 2.4V)
IROUTMAX
VIN1=VROUT(T)+2.0V
400
-
-
mA
Maximum Output Current
(2.5 ~ 4.9V)
IROUTMAX
VIN1=VROUT(T)+2.0V
Higher than VROUT(T)= 4.0V, VIN1=6.0V 500
-
-
mA
Load Regulation
△VROUT
1mA≦IROUT≦100mA
-
15
50
mV
Vdif1
IROUT=30mA
E-1
mV
Dropout Voltage
(*4)
Vdif2
IROUT=100mA
E-2
mV
Supply Current
(FV / FX / FY / FZ series)
IDD
VIN1=VROUT(T)+1.0V
VROUT(T)≦0.9V, VIN1=2.0V
-
90
145
μA
Line Regulation
△VROUT/
(VIN1・VROUT)
VROUT(T)+1.0V≦VIN1≦6.0V
VROUT(T)≦0.9V, 2.0V≦VIN1≦6.0V
IROUT=30mA
VROUT(T)≦1.75V, IROUT=10mA
-
0.01
0.20
% / V
Input Voltage
VIN1
2.0
-
6.0
V
-
Output Voltage
Temperature Characteristics
△VROUT/
(△Topr・VROUT)
IROUT=30mA
-40℃≦Topr≦85℃
-
±100
-
ppm /℃
Ripple Rejection Rate
PSRR
VIN1=[VROUT(T)+1.0]V+0.5Vp-pAC
When VROUT(T)≦1.25V,
VIN1=2.25V+0.5Vp-pAC
When VROUT(T)≧4.75V,
VIN1=5.75V+0.5Vp-pAC
IROUT=50mA, f=10kHz
-
65
-
dB
Current Limiter
(2.4V or less)
IRLIMl
VIN1=VROUT(T)+2.0V
-
600
-
mA
Current Limiter
(2.5V or more)
IRLIM
VIN1=VROUT(T)+2.0V
Higher than VROUT(T)= 4.0V, VIN1=6.0V 500
600
-
mA
Short-Circuit Current
IRSHORT
VIN1=VROUT(T)+2.0V
Higher than VROUT(T)= 4.0V, VIN1=6.0V
-
50
-
mA
Detect Voltage
(*7, 8)
VDF(E)
×0.98 VDF(T)
×1.02
V
Hysteresis Range
(*8)
VHYS
VDF(T)
×0.02
VDF(T)
×0.05
VDF(T)
×0.08
V
VIN1 = 2.0V
3.0
6.0
-
VIN1 = 3.0V
4.0
8.0
-
VIN1 = 4.0V
5.0
10.0
-
VIN1 = 5.0V
7.0
12.0
-
Supply Current
(*9)
IDOUT
VDOUT = 0.5V
VIN1 = 6.0V
10.0
15.0
-
mA
Detect Voltage
Temperature Stability
△VDF/
(Topr・VDF)
-40℃≦Topr≦85℃
-
±100
-
ppm /℃
Delay Resistance
Rdelay
VIN1=6.0V, Cd=0V
Delay Resistance =6.0V/Delay Current
300
500
700
kΩ
■ELECTRICAL CHARACTERISTICS
Ta=25℃
XCM524xx 1ch (VDR Block)
NOTE:
*1 : Unless otherwise stated, (VIN1=VROUT(T)+1.0V)
*2 : VROUT(T):Specified VR output voltage
*3 : VROUT(E):Effective VR output voltage. Refer to the E-0 chart for values less than VDF(T)≦1.5V.
(i.e. the VR output voltage when "VROUT(T)+1.0V" is provided at the VIN pin while maintaining a certain IROUT value).
*4 : Vdif={VIN1
(*6)-VROUT1(*5)}
*5 : A voltage equal to 98% of the VR output voltage whenever a stabilized VROUT1=IROUT{VROUT(T)+1.0V} is input.
*6 : VIN1:The input voltage when VOUT1, which appears as input voltage is gradually decreased.
*7 : VDF(T):Specified detect voltage value
*8 : VDF(E):Effective detect voltage value.
*9 : VD output current is sink current at detect.
* The electrical characteristics above are when the other channel is in stop.


Similar Part No. - XCM524BA02DR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XCM520 TOREX-XCM520 Datasheet
970Kb / 43P
   600mA Synchronous Step-Down DC/DC Converter Dual LDO Regulator
XCM520AA01DR-G TOREX-XCM520AA01DR-G Datasheet
970Kb / 43P
   600mA Synchronous Step-Down DC/DC Converter Dual LDO Regulator
XCM520AA02DR-G TOREX-XCM520AA02DR-G Datasheet
970Kb / 43P
   600mA Synchronous Step-Down DC/DC Converter Dual LDO Regulator
XCM520AA03DR-G TOREX-XCM520AA03DR-G Datasheet
970Kb / 43P
   600mA Synchronous Step-Down DC/DC Converter Dual LDO Regulator
XCM520AA04DR-G TOREX-XCM520AA04DR-G Datasheet
970Kb / 43P
   600mA Synchronous Step-Down DC/DC Converter Dual LDO Regulator
More results

Similar Description - XCM524BA02DR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XCM519 TOREX-XCM519 Datasheet
1Mb / 49P
   600mA Synchronous Step-Down DC/DC Converter Low Voltage Input LDO
XCM520 TOREX-XCM520 Datasheet
970Kb / 43P
   600mA Synchronous Step-Down DC/DC Converter Dual LDO Regulator
logo
Diodes Incorporated
AP3405 DIODES-AP3405 Datasheet
574Kb / 9P
   600mA Step-down DC/DC Converter with Synchronous Rectifier
AP3403 DIODES-AP3403 Datasheet
598Kb / 9P
   600mA STEP-DOWN DC/DC CONVERTER WITH SYNCHRONOUS RECTIFIER
logo
Torex Semiconductor
XC9510 TOREX-XC9510_1 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
logo
Union Semiconductor, In...
UM3500 UNIONSEMI-UM3500 Datasheet
368Kb / 11P
   600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
UM3501 UNIONSEMI-UM3501_15 Datasheet
445Kb / 11P
   600mA, 1.2MHz, Synchronous Step-Down DC-DC Converter
logo
Linear Technology
LTC3563 LINER-LTC3563 Datasheet
280Kb / 16P
   500mA, Synchronous Step-Down DC/DC Converter with Selectable Output Voltage
logo
Torex Semiconductor
XC9508 TOREX-XC9508 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator plus Voltage Detector
XC9510 TOREX-XC9510_2 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com