Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6408DD09MR-G Datasheet(PDF) 11 Page - Torex Semiconductor

Part # XC6408DD09MR-G
Description  28V Operation Voltage Regulator with Voltage Detector
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6408DD09MR-G Datasheet(HTML) 11 Page - Torex Semiconductor

Back Button XC6408DD09MR-G Datasheet HTML 7Page - Torex Semiconductor XC6408DD09MR-G Datasheet HTML 8Page - Torex Semiconductor XC6408DD09MR-G Datasheet HTML 9Page - Torex Semiconductor XC6408DD09MR-G Datasheet HTML 10Page - Torex Semiconductor XC6408DD09MR-G Datasheet HTML 11Page - Torex Semiconductor XC6408DD09MR-G Datasheet HTML 12Page - Torex Semiconductor XC6408DD09MR-G Datasheet HTML 13Page - Torex Semiconductor XC6408DD09MR-G Datasheet HTML 14Page - Torex Semiconductor XC6408DD09MR-G Datasheet HTML 15Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
11/34
XC6408
Series
(*1)VROUT: Accuracy ±2%, VDF: Accuracy ±2.5%
SYMBOL
E-1
E-2
E-3
E-4
E-5
E-6
PARAMETER
NOMINAL
VDF
DETECT VOLTAGE
VROUT
OUTPUT VOLTAGE
OUTPUT VOLTAGE
(V)
DETECT VOLTAGE
(V)
HYSTERESIS WIDTH
(V)
DROPOUT
VOLTAGE1
IROUT=20mA
(mV)
DROPOUT
VOLTAGE2
IROUT=100mA
(mV)
SENSE
INPUT CURRENT
(μA)
VROUT(E)
VDF(E)
VHYS
Vdif1
Vdif2
Isense
VROUT(T)
VDF(T)
MIN.
MAX.
MIN.
MIN.
MIN.
MIN.
TYP
MAX
TYP
MAX
MIN
MAX
10.1
9.898
10.302
9.848
10.353
10.2
9.996
10.404
9.945
10.455
10.3
10.094
10.506
10.043
10.558
10.4
10.192
10.608
10.140
10.660
10.5
10.290
10.710
10.238
10.763
10.6
10.388
10.812
10.335
10.865
10.7
10.486
10.914
10.433
10.968
10.8
10.584
11.016
10.530
11.070
10.9
10.682
11.118
10.628
11.173
VDF(E)×2%
VDF(E)×8%
11.0
10.780
11.220
10.725
11.275
11.1
10.878
11.322
10.823
11.378
11.2
10.976
11.424
10.920
11.480
11.3
11.074
11.526
11.018
11.583
11.4
11.172
11.628
11.115
11.685
11.5
11.270
11.730
11.213
11.788
11.6
11.368
11.832
11.310
11.890
11.7
11.466
11.934
11.408
11.993
11.8
11.564
12.036
11.505
12.095
11.9
11.662
12.138
11.603
12.198
12.0
11.760
12.240
11.700
12.300
150
200
400
850
0.1
4.1
12.1
11.858
12.342
11.798
12.403
12.2
11.956
12.444
11.895
12.505
12.3
12.054
12.546
11.993
12.608
12.4
12.152
12.648
12.090
12.710
12.5
12.250
12.750
12.188
12.813
12.6
12.348
12.852
12.285
12.915
12.7
12.446
12.954
12.383
13.018
12.8
12.544
13.056
12.480
13.120
12.9
12.642
13.158
12.578
13.223
13.0
12.740
13.260
12.675
13.325
13.1
12.838
13.362
12.773
13.428
13.2
12.936
13.464
12.870
13.530
13.3
13.034
13.566
12.968
13.633
13.4
13.132
13.668
13.065
13.735
13.5
13.230
13.770
13.163
13.838
13.6
13.328
13.872
13.260
13.940
13.7
13.426
13.974
13.358
14.043
13.8
13.524
14.076
13.455
14.145
13.9
13.622
14.178
13.553
14.248
14.0
13.720
14.280
13.650
14.350
VDF(E)×1%
VDF(E)×7%
120
170
350
800
0.6
6.6
■ELECTRICAL CHARACTERISTICS (Continued)


Similar Part No. - XC6408DD09MR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6401 TOREX-XC6401 Datasheet
717Kb / 24P
   Dual LDO Regulators, Low ESR Cap. Compatible
logo
List of Unclassifed Man...
XC6401 ETC2-XC6401 Datasheet
6Mb / 212P
   MT6516 Design Notice V1.0
logo
Torex Semiconductor
XC6401EE01DL TOREX-XC6401EE01DL Datasheet
717Kb / 24P
   Dual LDO Regulators, Low ESR Cap. Compatible
XC6401EE01DR TOREX-XC6401EE01DR Datasheet
717Kb / 24P
   Dual LDO Regulators, Low ESR Cap. Compatible
XC6401EE01EL TOREX-XC6401EE01EL Datasheet
717Kb / 24P
   Dual LDO Regulators, Low ESR Cap. Compatible
More results

Similar Description - XC6408DD09MR-G

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3951F ROHM-BD3951F_09 Datasheet
378Kb / 10P
   Regulator with Voltage Detector IC
logo
Torex Semiconductor
XC6701 TOREX-XC6701_2 Datasheet
588Kb / 35P
   28V Operation High Speed Voltage Regulators with Stand-by Function
XC6701 TOREX-XC6701_1 Datasheet
530Kb / 31P
   28V Operation High Speed Voltage Regulators with Stand-by Function
XC6701 TOREX-XC6701 Datasheet
483Kb / 32P
   28V Operation High Speed Voltage Regulators with Stand-by Function
logo
Rohm
BD3021HFP-M ROHM-BD3021HFP-M_10 Datasheet
384Kb / 15P
   Regulator with Voltage Detector and Watchdog Timer
BD3010AFV-M ROHM-BD3010AFV-M Datasheet
561Kb / 22P
   Regulator with Voltage Detector and Watchdog Timer
logo
Silicon Standard Corp.
SS6729 SSC-SS6729 Datasheet
328Kb / 8P
   400mA Low-dropout Linear Voltage Regulator with Voltage Detector Function
logo
Rohm
BD4275FP2-C ROHM-BD4275FP2-C Datasheet
572Kb / 23P
   500 mA Output LDO Regulator with Voltage Detector
BD42754FP2-C ROHM-BD42754FP2-C Datasheet
975Kb / 24P
   500 mA Output LDO Regulator with Voltage Detector
logo
Sharp Corporation
PQXXXEZ02Z SHARP-PQXXXEZ02Z Datasheet
69Kb / 4P
   Low Voltage Operation Low Power-loss Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com