Electronic Components Datasheet Search |
|
XCM524BA01DR-G Datasheet(PDF) 5 Page - Torex Semiconductor |
|
XCM524BA01DR-G Datasheet(HTML) 5 Page - Torex Semiconductor |
5 / 52 page 5/52 XCM524 Series PARAMETER SYMBOL CONDITIONS MIN. TYP. MAX. UNITS CIRCUIT Output Voltage (*2, 3) VROUT(E) IROUT=30mA ×0.98 VROUT(T) ×1.02 V ① Maximum Output Current (0.9 ~ 2.4V) IROUTMAX VIN1=VROUT(T)+2.0V 400 - - mA ① Maximum Output Current (2.5 ~ 4.9V) IROUTMAX VIN1=VROUT(T)+2.0V Higher than VROUT(T)= 4.0V, VIN1=6.0V 500 - - mA ① Load Regulation △VROUT 1mA≦IROUT≦100mA - 15 50 mV ① Vdif1 IROUT=30mA E-1 mV ① Dropout Voltage (*4) Vdif2 IROUT=100mA E-2 mV ① Supply Current (FV / FX / FY / FZ series) IDD VIN1=VROUT(T)+1.0V VROUT(T)≦0.9V, VIN1=2.0V - 90 145 μA ② Line Regulation △VROUT/ (VIN1・VROUT) VROUT(T)+1.0V≦VIN1≦6.0V VROUT(T)≦0.9V, 2.0V≦VIN1≦6.0V IROUT=30mA VROUT(T)≦1.75V, IROUT=10mA - 0.01 0.20 % / V ① Input Voltage VIN1 2.0 - 6.0 V - Output Voltage Temperature Characteristics △VROUT/ (△Topr・VROUT) IROUT=30mA -40℃≦Topr≦85℃ - ±100 - ppm /℃ ① Ripple Rejection Rate PSRR VIN1=[VROUT(T)+1.0]V+0.5Vp-pAC When VROUT(T)≦1.25V, VIN1=2.25V+0.5Vp-pAC When VROUT(T)≧4.75V, VIN1=5.75V+0.5Vp-pAC IROUT=50mA, f=10kHz - 65 - dB ③ Current Limiter (2.4V or less) IRLIMl VIN1=VROUT(T)+2.0V - 600 - mA ① Current Limiter (2.5V or more) IRLIM VIN1=VROUT(T)+2.0V Higher than VROUT(T)= 4.0V, VIN1=6.0V 500 600 - mA ① Short-Circuit Current IRSHORT VIN1=VROUT(T)+2.0V Higher than VROUT(T)= 4.0V, VIN1=6.0V - 50 - mA ① Detect Voltage (*7, 8) VDF(E) ×0.98 VDF(T) ×1.02 V ④ Hysteresis Range (*8) VHYS VDF(T) ×0.02 VDF(T) ×0.05 VDF(T) ×0.08 V ④ VIN1 = 2.0V 3.0 6.0 - VIN1 = 3.0V 4.0 8.0 - VIN1 = 4.0V 5.0 10.0 - VIN1 = 5.0V 7.0 12.0 - Supply Current (*9) IDOUT VDOUT = 0.5V VIN1 = 6.0V 10.0 15.0 - mA ⑤ Detect Voltage Temperature Stability △VDF/ (Topr・VDF) -40℃≦Topr≦85℃ - ±100 - ppm /℃ ④ Delay Resistance Rdelay VIN1=6.0V, Cd=0V Delay Resistance =6.0V/Delay Current 300 500 700 kΩ ⑥ ■ELECTRICAL CHARACTERISTICS Ta=25℃ ● XCM524xx 1ch (VDR Block) NOTE: *1 : Unless otherwise stated, (VIN1=VROUT(T)+1.0V) *2 : VROUT(T):Specified VR output voltage *3 : VROUT(E):Effective VR output voltage. Refer to the E-0 chart for values less than VDF(T)≦1.5V. (i.e. the VR output voltage when "VROUT(T)+1.0V" is provided at the VIN pin while maintaining a certain IROUT value). *4 : Vdif={VIN1 (*6)-VROUT1(*5)} *5 : A voltage equal to 98% of the VR output voltage whenever a stabilized VROUT1=IROUT{VROUT(T)+1.0V} is input. *6 : VIN1:The input voltage when VOUT1, which appears as input voltage is gradually decreased. *7 : VDF(T):Specified detect voltage value *8 : VDF(E):Effective detect voltage value. *9 : VD output current is sink current at detect. * The electrical characteristics above are when the other channel is in stop. |
Similar Part No. - XCM524BA01DR-G |
|
Similar Description - XCM524BA01DR-G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |