Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6408DD06MR-G Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XC6408DD06MR-G
Description  28V Operation Voltage Regulator with Voltage Detector
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6408DD06MR-G Datasheet(HTML) 6 Page - Torex Semiconductor

Back Button XC6408DD06MR-G Datasheet HTML 2Page - Torex Semiconductor XC6408DD06MR-G Datasheet HTML 3Page - Torex Semiconductor XC6408DD06MR-G Datasheet HTML 4Page - Torex Semiconductor XC6408DD06MR-G Datasheet HTML 5Page - Torex Semiconductor XC6408DD06MR-G Datasheet HTML 6Page - Torex Semiconductor XC6408DD06MR-G Datasheet HTML 7Page - Torex Semiconductor XC6408DD06MR-G Datasheet HTML 8Page - Torex Semiconductor XC6408DD06MR-G Datasheet HTML 9Page - Torex Semiconductor XC6408DD06MR-G Datasheet HTML 10Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
6/34
XC6408 Series
●XC6408D Series
●XC6408E
PARAMETER
SYMBOL
RATINGS
UNITS
Input Voltage
VIN
VSS-0.3∼30
V
Delay Capacitor Voltage
VCd
VSS-0.3∼VIN+0.3
V
Delay Capacitor Current
ICd
5.0
mA
VROUT Output Current
IROUT
210
*1
mA
VDOUT Output Current
IDOUT
20
mA
VROUT Output Voltage
VROUT
VSS-0.3∼VIN+0.3
V
VDOUT Output Voltage
VDOUT
VSS-0.3∼30
V
120
USP-6C
1000 (PCB mounted)
(*2)
250
SOT-25
600 (PCB mounted)
(*2)
500
Power Dissipation
SOT-89-5
Pd
1300 (PCB mounted)
(*2)
mW
Operating Temperature Range
Topr
-40∼+85
oC
Storage Temperature Range
Tstg
-55∼+125
oC
PARAMETER
SYMBOL
RATINGS
UNITS
Input Voltage
VIN
VSS-0.3∼30
V
Sense Voltage
VSEN
VSS-0.3∼30
V
VROUT Output Current
IROUT
210
*1
mA
VDOUT Output Current
IDOUT
20
mA
VROUT Output Voltage
VROUT
VSS-0.3∼VIN+0.3
V
VDOUT Output Voltage
VDOUT
VSS-0.3∼30
V
120
USP-6C
1000 (PCB mounted)
(*2)
250
SOT-25
600 (PCB mounted)
(*2)
500
Power Dissipation
SOT-89-5
Pd
1300 (PCB mounted)
(*2)
mW
Operating Temperature Range
Topr
-40∼+85
oC
Storage Temperature Range
Tstg
-55∼+125
oC
■ABSOLUTE MAXIMUM RATINGS
*1: IOUT≦Pd / (VIN-VROUT)
*2: The power dissipation figure shown is PCB mounted. Please refer to page 30∼32 for details.
*1: IOUT≦Pd / (VIN-VROUT)
*2: The power dissipation figure shown is PCB mounted. Please refer to page 30∼32 for details.


Similar Part No. - XC6408DD06MR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6401 TOREX-XC6401 Datasheet
717Kb / 24P
   Dual LDO Regulators, Low ESR Cap. Compatible
logo
List of Unclassifed Man...
XC6401 ETC2-XC6401 Datasheet
6Mb / 212P
   MT6516 Design Notice V1.0
logo
Torex Semiconductor
XC6401EE01DL TOREX-XC6401EE01DL Datasheet
717Kb / 24P
   Dual LDO Regulators, Low ESR Cap. Compatible
XC6401EE01DR TOREX-XC6401EE01DR Datasheet
717Kb / 24P
   Dual LDO Regulators, Low ESR Cap. Compatible
XC6401EE01EL TOREX-XC6401EE01EL Datasheet
717Kb / 24P
   Dual LDO Regulators, Low ESR Cap. Compatible
More results

Similar Description - XC6408DD06MR-G

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3951F ROHM-BD3951F_09 Datasheet
378Kb / 10P
   Regulator with Voltage Detector IC
logo
Torex Semiconductor
XC6701 TOREX-XC6701_2 Datasheet
588Kb / 35P
   28V Operation High Speed Voltage Regulators with Stand-by Function
XC6701 TOREX-XC6701_1 Datasheet
530Kb / 31P
   28V Operation High Speed Voltage Regulators with Stand-by Function
XC6701 TOREX-XC6701 Datasheet
483Kb / 32P
   28V Operation High Speed Voltage Regulators with Stand-by Function
logo
Rohm
BD3021HFP-M ROHM-BD3021HFP-M_10 Datasheet
384Kb / 15P
   Regulator with Voltage Detector and Watchdog Timer
BD3010AFV-M ROHM-BD3010AFV-M Datasheet
561Kb / 22P
   Regulator with Voltage Detector and Watchdog Timer
logo
Silicon Standard Corp.
SS6729 SSC-SS6729 Datasheet
328Kb / 8P
   400mA Low-dropout Linear Voltage Regulator with Voltage Detector Function
logo
Rohm
BD4275FP2-C ROHM-BD4275FP2-C Datasheet
572Kb / 23P
   500 mA Output LDO Regulator with Voltage Detector
BD42754FP2-C ROHM-BD42754FP2-C Datasheet
975Kb / 24P
   500 mA Output LDO Regulator with Voltage Detector
logo
Sharp Corporation
PQXXXEZ02Z SHARP-PQXXXEZ02Z Datasheet
69Kb / 4P
   Low Voltage Operation Low Power-loss Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com