Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6408DD10ER-G Datasheet(PDF) 8 Page - Torex Semiconductor

Part # XC6408DD10ER-G
Description  28V Operation Voltage Regulator with Voltage Detector
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6408DD10ER-G Datasheet(HTML) 8 Page - Torex Semiconductor

Back Button XC6408DD10ER-G Datasheet HTML 4Page - Torex Semiconductor XC6408DD10ER-G Datasheet HTML 5Page - Torex Semiconductor XC6408DD10ER-G Datasheet HTML 6Page - Torex Semiconductor XC6408DD10ER-G Datasheet HTML 7Page - Torex Semiconductor XC6408DD10ER-G Datasheet HTML 8Page - Torex Semiconductor XC6408DD10ER-G Datasheet HTML 9Page - Torex Semiconductor XC6408DD10ER-G Datasheet HTML 10Page - Torex Semiconductor XC6408DD10ER-G Datasheet HTML 11Page - Torex Semiconductor XC6408DD10ER-G Datasheet HTML 12Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
8/34
XC6408 Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
CIRCUIT
VSEN=VDF(T)+2V
(2.0V≦VROUT(T)≦5.0V)
(*1)
1.5
6.5
17.6
VSEN=VDF(T)+2V
(5.1V≦VROUT(T)≦12.0V)
(*1)
2.1
8
17.6
Supply Current
ISS
VSEN=VDF(T)+2V
(12.1V≦VROUT(T)≦18.0V)
(*1)
2.2
8.5
17.6
μA
VD Supply Current
IDSS
VSEN=VSS
-
1.5
3.9
μA
VR Output Voltage
VROUT(E)
(*2)
VSEN=VDF(T)+2.0V
(*1)
IROUT=20mA
VROUT(T)×0.98
(E-1)
(*1)
VROUT(T)
(E-1)
(*1)
VROUT(T)×1.02
(E-1)
(*1)
V
VIN=VROUT(T)+3.0V
(*1)
VSEN=VDF(T)+2.0V
(VROUT(T)≧3.0V)
150
-
-
VR
Maximum Output Current
IROUTMAX
VIN=VROUT(T)+3.0V
VSEN=VDF(T)+2.0V
(VROUT(T)<3.0V)
(*1)
100
-
-
mA
VSEN=VDF(T)+2.0V
1mA≦IROUT≦50mA
(2.0≦VROUT(T)≦5.0V)
(*1)
-
25
50
VSEN=VDF(T)+2.0V
1mA≦IROUT≦50mA
(5.1≦VROUT(T)≦12.0V)
(*1)
-
60
120
Load Regulation
ΔVROUT
VSEN=VDF(T)+2.0V
1mA≦IROUT≦50mA
(12.1≦VROUT(T)≦18.0V)
(*1)
-
90
160
mV
Dropout Voltage1
(*3)
Vdif1
IROUT=20mA
-
E-4
mV
Dropout Voltage2
(*3)
Vdif2
IROUT=100mA
-
E-5
mV
Line Regulation1
ΔVROUT /
ΔVIN・VROUT(T)
VSEN=VDF(T)+2.0V
VROUT(T)+2.0V≦VIN≦28V
(*1)
IROUT=5mA
0.01
0.05
0.10
%/V
Line Regulation2
ΔVROUT /
ΔVIIN・VROUT(T)
VSEN=VDF(T)+2.0V
VROUT (T)+2.0V≦VIN≦28V
(*1)
IROUT=13mA
0.03
0.15
0.30
%/V
Input Voltage
VIN
2.0
-
28.0
V
Output Voltage
Temperature
Characteristics
ΔVROUT /
ΔTopr・VROUT(T)
VSEN=VDF(T)+2.0V
(*1)
IROUT=20mA
-40℃≦Topr≦85℃
-
±100
-
ppm
/℃
Short Current
IRshort
VSEN=VDF(T)+2.0V
(*1)
-
30
-
mA
VD Detect Voltage
VDF(E)
(*2)
VDF(T) x 0.975
(E-2)
(*1)
VDF(T)
(E-2)
(*1)
VDF(T)×1.025
(E-2)
(*1)
V
Hysteresis Width
VHYS
E-3
V
Output Current
IDOUT
VIN=3.0V, VSEN=VDF(T)-0.4V
(*1)
VDS=0.5V
0.3
0.5
-
mA
Output Leakage Current
IDleak
VIN=28V,VSEN=0V,VDS=28V
-
-
0.1
μA
Detect Voltage
Temperature
Characteristics
ΔVDOUT /
ΔTopr・VDOUT
-40℃≦Topr≦85℃
-
±100
-
ppm
/℃
SENSE
Input Current
ISENSE
VSEN=VDF(T)+2V
(*1)
E-6
μA
Thermal Shutdown
Detect Temperature
TTSD
Junction Temperature
-
150
-
Thermal Shutdown
Release Temperature
TTSR
Junction Temperature
-
125
-
Hysteresis Width
TTSR- TTSD
-
25
-
■ELECTRICAL CHARACTERISTICS (Continued)
●XC6408E Series
Ta=25℃
*1: VROUT(T): Nominal output voltage, VDF(T): Nominal detect voltage
*2: VROUT(E): Effective output voltage , VDF(E): Effective detect voltage
*3: Vdif={V IN1
{*5}−VROUT1{*4}}
*4: VROUT1 : In case of VROUT(T)<3.0V, the VOUT1 is equal to 98% of the IROUT(T) when a stabilized input voltage is applied in VROUT(T)+3.0V.
In case of VROUT(T)≧3.0V, the VOUT1 is equal to 98% of the IROUT(T) when a stabilized input voltage is applied in VROUT(T)+2.0V.
*5: VIN1:The input voltage when VROUT1 appears as input voltage is gradually decreased.
*6: Unless otherwise stated, VIN=VROUT(T)+2.0V


Similar Part No. - XC6408DD10ER-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6401 TOREX-XC6401 Datasheet
717Kb / 24P
   Dual LDO Regulators, Low ESR Cap. Compatible
logo
List of Unclassifed Man...
XC6401 ETC2-XC6401 Datasheet
6Mb / 212P
   MT6516 Design Notice V1.0
logo
Torex Semiconductor
XC6401EE01DL TOREX-XC6401EE01DL Datasheet
717Kb / 24P
   Dual LDO Regulators, Low ESR Cap. Compatible
XC6401EE01DR TOREX-XC6401EE01DR Datasheet
717Kb / 24P
   Dual LDO Regulators, Low ESR Cap. Compatible
XC6401EE01EL TOREX-XC6401EE01EL Datasheet
717Kb / 24P
   Dual LDO Regulators, Low ESR Cap. Compatible
More results

Similar Description - XC6408DD10ER-G

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3951F ROHM-BD3951F_09 Datasheet
378Kb / 10P
   Regulator with Voltage Detector IC
logo
Torex Semiconductor
XC6701 TOREX-XC6701_2 Datasheet
588Kb / 35P
   28V Operation High Speed Voltage Regulators with Stand-by Function
XC6701 TOREX-XC6701_1 Datasheet
530Kb / 31P
   28V Operation High Speed Voltage Regulators with Stand-by Function
XC6701 TOREX-XC6701 Datasheet
483Kb / 32P
   28V Operation High Speed Voltage Regulators with Stand-by Function
logo
Rohm
BD3021HFP-M ROHM-BD3021HFP-M_10 Datasheet
384Kb / 15P
   Regulator with Voltage Detector and Watchdog Timer
BD3010AFV-M ROHM-BD3010AFV-M Datasheet
561Kb / 22P
   Regulator with Voltage Detector and Watchdog Timer
logo
Silicon Standard Corp.
SS6729 SSC-SS6729 Datasheet
328Kb / 8P
   400mA Low-dropout Linear Voltage Regulator with Voltage Detector Function
logo
Rohm
BD4275FP2-C ROHM-BD4275FP2-C Datasheet
572Kb / 23P
   500 mA Output LDO Regulator with Voltage Detector
BD42754FP2-C ROHM-BD42754FP2-C Datasheet
975Kb / 24P
   500 mA Output LDO Regulator with Voltage Detector
logo
Sharp Corporation
PQXXXEZ02Z SHARP-PQXXXEZ02Z Datasheet
69Kb / 4P
   Low Voltage Operation Low Power-loss Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com