Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

XC6408 Datasheet(PDF) 4 Page - Torex Semiconductor

Part No. XC6408
Description  28V Operation Voltage Regulator with Voltage Detector
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6408 Datasheet(HTML) 4 Page - Torex Semiconductor

  XC6408 Datasheet HTML 1Page - Torex Semiconductor XC6408 Datasheet HTML 2Page - Torex Semiconductor XC6408 Datasheet HTML 3Page - Torex Semiconductor XC6408 Datasheet HTML 4Page - Torex Semiconductor XC6408 Datasheet HTML 5Page - Torex Semiconductor XC6408 Datasheet HTML 6Page - Torex Semiconductor XC6408 Datasheet HTML 7Page - Torex Semiconductor XC6408 Datasheet HTML 8Page - Torex Semiconductor XC6408 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
4/34
XC6408 Series
②③
VROUT
VDF
②③
VROUT
VDF
01
2.50
2.10
11
2.50
2.70
02
3.00
2.50
12
2.50
2.80
03
3.30
2.70
13
3.00
4.10
04
3.30
2.80
14
3.00
4.20
05
5.00
4.10
15
3.30
4.10
06
5.00
4.20
16
3.30
4.20
07
8.00
6.80
17
5.00
5.60
08
9.00
5.00
18
5.00
6.80
09
9.00
7.50
19
9.00
10.00
10
12.00
10.00
20
12.00
15.00
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
VDOUT
Output Configuration
N
Open Drain
②③
Output Voltage
Detect Voltage
-
Sequential number relating to output voltage and detect
voltage (refer to the chart below)
VROUT Output Voltage Range: 2.0V∼18.0V
VDF Detect Voltage Range: 2.0V∼16.0V
Output voltage and detect voltage can be set in 0.1V increments
ER-G
USP-6C
MR-G
SOT-25
④⑤-⑥
Packages
Taping Type
(*2)
PR-G
SOT-89-5
For other voltage, please contact your local Torex sales office or representative.
XC6408E①②③④⑤-⑥
*1
VD output logic: Detect is low, Release is High.
(*1) The “-G” suffix indicates that the products are Halogen and Antimony free as well as being fully RoHS compliant.
(*2) The device orientation is fixed in its embossed tape pocket. For reverse orientation, please contact your local Torex sales office or
representative. (Standard orientation: ④R-⑥, Reverse orientation: ④L-⑥)
DESIGNATOR②③ (No. 01∼20 is standard voltage)
■ PRODUCT CLASSIFICATION


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn