Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

XC6408 Datasheet(PDF) 9 Page - Torex Semiconductor

Part No. XC6408
Description  28V Operation Voltage Regulator with Voltage Detector
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6408 Datasheet(HTML) 9 Page - Torex Semiconductor

Back Button XC6408 Datasheet HTML 5Page - Torex Semiconductor XC6408 Datasheet HTML 6Page - Torex Semiconductor XC6408 Datasheet HTML 7Page - Torex Semiconductor XC6408 Datasheet HTML 8Page - Torex Semiconductor XC6408 Datasheet HTML 9Page - Torex Semiconductor XC6408 Datasheet HTML 10Page - Torex Semiconductor XC6408 Datasheet HTML 11Page - Torex Semiconductor XC6408 Datasheet HTML 12Page - Torex Semiconductor XC6408 Datasheet HTML 13Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
9/34
XC6408
Series
■ELECTRICAL CHARACTERISTICS (Continued)
●Voltage Chart
(*1)VROUT: Accuracy ±2%, VDF: Accuracy ±2.5%
SYMBOL
E-1
E-2
E-3
E-4
E-5
E-6
PARAMETER
NOMINAL
VDF
DETECT VOLTAGE
VROUT
OUTPUT VOLTAGE
OUTPUT VOLTAGE
(V)
DETECT VOLTAGE
(V)
HYSTERESIS WIDTH
(V)
DROPOUT
VOLTAGE1
IROUT=20mA
(mV)
DROPOUT
VOLTAGE2
IROUT=100mA
(mV)
SENSE
INPUT CURRENT
(μA)
VROUT(E)
VDF(E)
VHYS
Vdif1
Vdif2
Isense
VROUT(T)
VDF(T)
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
TYP
MAX
TYP
MAX
MIN
MAX
2.0
1.960
2.040
1.950
2.050
2.1
2.058
2.142
2.048
2.153
500
680
2300
3300
2.2
2.156
2.244
2.145
2.255
2.3
2.254
2.346
2.243
2.358
2.4
2.352
2.448
2.340
2.460
430
600
1950
2950
2.5
2.450
2.550
2.438
2.563
2.6
2.548
2.652
2.535
2.665
2.7
2.646
2.754
2.633
2.768
2.8
2.744
2.856
2.730
2.870
2.9
2.842
2.958
2.828
2.973
360
530
1550
2550
3.0
2.940
3.060
2.925
3.075
3.1
3.038
3.162
3.023
3.178
3.2
3.136
3.264
3.120
3.280
3.3
3.234
3.366
3.218
3.383
3.4
3.332
3.468
3.315
3.485
3.5
3.430
3.570
3.413
3.588
3.6
3.528
3.672
3.510
3.690
3.7
3.626
3.774
3.608
3.793
3.8
3.724
3.876
3.705
3.895
3.9
3.822
3.978
3.803
3.998
250
380
1100
1800
4.0
3.920
4.080
3.900
4.100
4.1
4.018
4.182
3.998
4.203
4.2
4.116
4.284
4.095
4.305
4.3
4.214
4.386
4.193
4.408
4.4
4.312
4.488
4.290
4.510
4.5
4.410
4.590
4.388
4.613
4.6
4.508
4.692
4.485
4.715
4.7
4.606
4.794
4.583
4.818
4.8
4.704
4.896
4.680
4.920
4.9
4.802
4.998
4.778
5.023
230
350
850
1650
0.1
2.2
5.0
4.900
5.100
4.875
5.125
5.1
4.998
5.202
4.973
5.228
5.2
5.096
5.304
5.070
5.330
5.3
5.194
5.406
5.168
5.433
5.4
5.292
5.508
5.265
5.535
5.5
5.390
5.610
5.363
5.638
5.6
5.488
5.712
5.460
5.740
5.7
5.586
5.814
5.558
5.843
5.8
5.684
5.916
5.655
5.945
5.9
5.782
6.018
5.753
6.048
VDF(E)×2%
VDF(E)×8%
180
300
750
1350
0.1
4.1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn