Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6992HDCB6-4-TRPBF Datasheet(PDF) 5 Page - Linear Technology

Part # LTC6992HDCB6-4-TRPBF
Description  TimerBlox Voltage-Controlled Pulse Width Modulator (PWM)
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6992HDCB6-4-TRPBF Datasheet(HTML) 5 Page - Linear Technology

  LTC6992HDCB6-4-TRPBF Datasheet HTML 1Page - Linear Technology LTC6992HDCB6-4-TRPBF Datasheet HTML 2Page - Linear Technology LTC6992HDCB6-4-TRPBF Datasheet HTML 3Page - Linear Technology LTC6992HDCB6-4-TRPBF Datasheet HTML 4Page - Linear Technology LTC6992HDCB6-4-TRPBF Datasheet HTML 5Page - Linear Technology LTC6992HDCB6-4-TRPBF Datasheet HTML 6Page - Linear Technology LTC6992HDCB6-4-TRPBF Datasheet HTML 7Page - Linear Technology LTC6992HDCB6-4-TRPBF Datasheet HTML 8Page - Linear Technology LTC6992HDCB6-4-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
LTC6992-1/LTC6992-2/
LTC6992-3/LTC6992-4
5
69921234p
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC6992C is guaranteed functional over the operating
temperature range of –40°C to 85°C.
Note 3: The LTC6992C is guaranteed to meet specified performance from
0°C to 70°C. The LTC6992C is designed, characterized and expected to
meet specified performance from –40°C to 85°C but it is not tested or
QA sampled at these temperatures. The LTC6992I is guaranteed to meet
specified performance from –40°C to 85°C. The LTC6992H is guaranteed
to meet specified performance from –40°C to 125°C.
Note 4: Frequency accuracy is defined as the deviation from the fOUT
equation, assuming RSET is used to program the frequency.
Note 5: See Operation section, Table 1 and Figure 2 for a full explanation
of how the DIV pin voltage selects the value of DIVCODE.
Note 6: Duty cycle setting time is the is the amount of time required for
the output to settle within ±1% of the final duty cycle after a ±10% change
in the setting (±80mV step in VMOD).
Note 7: To conform to the Logic IC Standard, current out of a pin is
arbitrarily given a negative value.
Note 8: Output rise and fall times are measured between the 10% and the
90% power supply levels with 5pF output load. These specifications are
based on characterization.
Note 9: Long term drift on silicon oscillators is primarily due to the
movement of ions and impurities within the silicon and is tested at 30°C
under otherwise nominal operating conditions. Long term drift is specified
as ppm/√kHr due to the typically non-linear nature of the drift. To calculate
drift for a set time period, translate that time into thousands of hours, take
the square root and multiply by the typical drift number. For instance, a
year is 8.77kHr and would yield a drift of 888ppm at 300ppm/√kHr. Drift
without power applied to the device may be approximated as 1/10th of the
drift with power, or 30ppm/√kHr for a 300ppm/√kHr device.
Note 10: Frequency change settling time is the amount of time required
for the output to settle within ±1% of the final frequency after a 0.5x or 2x
change in ISET.
Note 11: Jitter is the ratio of the peak-to-peak deviation of the period to
the mean of the period. This specification is based on characterization and
is not 100% tested.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tr
Output Rise Time (Note 8)
V+ = 5.5V
V+ = 3.3V
V+ = 2.25V
1.1
1.7
2.7
ns
ns
ns
tf
Output Fall Time (Note 8)
V+ = 5.5V
V+ = 3.3V
V+ = 2.25V
1.0
1.6
2.4
ns
ns
ns
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. Test conditions are V+ = 2.25V to 5.5V, VMOD = 0V to VSET,
DIVCODE = 0 to 15 (NDIV = 1 to 16,384), RSET = 50k to 800k, RLOAD = 5k, CLOAD = 5pF unless otherwise noted.


Similar Part No. - LTC6992HDCB6-4-TRPBF

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC6992HDCB-1#TRMPBF AD-LTC6992HDCB-1#TRMPBF Datasheet
1Mb / 34P
   Voltage-Controlled Pulse Width Modulator (PWM)
LTC6992HDCB-2#TRMPBF AD-LTC6992HDCB-2#TRMPBF Datasheet
1Mb / 34P
   Voltage-Controlled Pulse Width Modulator (PWM)
LTC6992HDCB-3#TRMPBF AD-LTC6992HDCB-3#TRMPBF Datasheet
1Mb / 34P
   Voltage-Controlled Pulse Width Modulator (PWM)
LTC6992HDCB-4#TRMPBF AD-LTC6992HDCB-4#TRMPBF Datasheet
1Mb / 34P
   Voltage-Controlled Pulse Width Modulator (PWM)
More results

Similar Description - LTC6992HDCB6-4-TRPBF

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC6992-1 AD-LTC6992-1 Datasheet
1Mb / 34P
   Voltage-Controlled Pulse Width Modulator (PWM)
logo
Linear Technology
LTC6992-2 LINER-LTC6992-2_15 Datasheet
533Kb / 34P
   Voltage-Controlled Pulse Width Modulator
LTC6992-4 LINER-LTC6992-4_15 Datasheet
533Kb / 34P
   Voltage-Controlled Pulse Width Modulator
LTC6992-3 LINER-LTC6992-3_15 Datasheet
533Kb / 34P
   Voltage-Controlled Pulse Width Modulator
LTC6992-1 LINER-LTC6992-1_15 Datasheet
533Kb / 34P
   Voltage-Controlled Pulse Width Modulator
logo
Renesas Technology Corp
HIP6007 RENESAS-HIP6007 Datasheet
554Kb / 10P
   Buck Pulse-Width Modulator (PWM) Controller
logo
Intersil Corporation
HIP6007 INTERSIL-HIP6007 Datasheet
100Kb / 10P
   Buck Pulse-Width Modulator (PWM) Controller
HIP6013 INTERSIL-HIP6013_05 Datasheet
297Kb / 11P
   Buck Pulse-Width Modulator (PWM) Controller
logo
Renesas Technology Corp
HIP6013 RENESAS-HIP6013 Datasheet
601Kb / 11P
   Buck Pulse-Width Modulator (PWM) Controller
logo
Intersil Corporation
HIP6013 INTERSIL-HIP6013 Datasheet
103Kb / 11P
   Buck Pulse-Width Modulator (PWM) Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com