Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6992CS6-2-TRPBF Datasheet(PDF) 8 Page - Linear Technology

Part # LTC6992CS6-2-TRPBF
Description  TimerBlox Voltage-Controlled Pulse Width Modulator (PWM)
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6992CS6-2-TRPBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC6992CS6-2-TRPBF Datasheet HTML 4Page - Linear Technology LTC6992CS6-2-TRPBF Datasheet HTML 5Page - Linear Technology LTC6992CS6-2-TRPBF Datasheet HTML 6Page - Linear Technology LTC6992CS6-2-TRPBF Datasheet HTML 7Page - Linear Technology LTC6992CS6-2-TRPBF Datasheet HTML 8Page - Linear Technology LTC6992CS6-2-TRPBF Datasheet HTML 9Page - Linear Technology LTC6992CS6-2-TRPBF Datasheet HTML 10Page - Linear Technology LTC6992CS6-2-TRPBF Datasheet HTML 11Page - Linear Technology LTC6992CS6-2-TRPBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
LTC6992-1/LTC6992-2/
LTC6992-3/LTC6992-4
8
69921234p
TYPICAL PERFORMANCE CHARACTERISTICS
NDIV > 1 Duty Cycle Error
vs Temperature
NDIV > 1 Duty Cycle Error
vs Temperature
NDIV > 1 Duty Cycle Error
vs Temperature
NDIV = 1 Duty Cycle Clamps
vs Temperature
NDIV > 1 Duty Cycle Clamps
vs Temperature
NDIV = 1 Duty Cycle Error
vs Temperature
NDIV = 1 Duty Cycle Error
vs Temperature
NDIV = 1 Duty Cycle Error
vs Temperature
TEMPERATURE (°C)
–50
–5
0
1
2
3
4
5
025
50
100
125
–1
–2
–3
–4
–25
75
6992 G18
VMOD/VSET = 0.2 (12.5%)
DIVCODE = 0
3 PARTS
GUARANTEED MAX
GUARANTEED MIN
TEMPERATURE (°C)
–50
–5
0
1
2
3
4
5
025
50
100
125
–1
–2
–3
–4
–25
75
6992 G19
VMOD/VSET = 0.5 (50%)
DIVCODE = 0
3 PARTS
GUARANTEED MAX
GUARANTEED MIN
TEMPERATURE (°C)
–5
0
1
2
3
4
5
–1
–2
–3
–4
6992 G20
VMOD/VSET = 0.8 (87.5%)
DIVCODE = 0
3 PARTS
GUARANTEED MAX
GUARANTEED MIN
–50
0
25
50
100
125
–25
75
TEMPERATURE (°C)
–50
–5
0
1
2
3
4
5
025
50
100
125
–1
–2
–3
–4
–25
75
6992 G21
VMOD/VSET = 0.2 (12.5%)
DIVCODE = 4
3 PARTS
GUARANTEED MAX
GUARANTEED MIN
TEMPERATURE (°C)
–50
–5
0
1
2
3
4
5
025
50
100
125
–1
–2
–3
–4
–25
75
6992 G22
VMOD/VSET = 0.5 (50%)
DIVCODE = 4
3 PARTS
GUARANTEED MAX
GUARANTEED MIN
TEMPERATURE (°C)
–50
–5
0
1
2
3
4
5
025
50
100
125
–1
–2
–3
–4
–25
75
6992 G23
VMOD/VSET = 0.8 (87.5%)
DIVCODE = 4
3 PARTS
GUARANTEED MAX
GUARANTEED MIN
TEMPERATURE (°C)
–50
–25
3
8
95
94
93
92
96
97
50
25
0
100
125
7
6
5
4
75
6992 G24
DIVCODE = 0
3 PARTS
LTC6992-2/LTC6992-3
VMOD = VSET
LTC6992-2/LTC6992-4
VMOD = GND
TEMPERATURE (°C)
–50
–25
3
8
95
94
93
92
96
97
50
25
0
100
125
7
6
5
4
75
6992 G25
DIVCODE = 4
3 PARTS
LTC6992-2/LTC6992-3
VMOD = VSET
LTC6992-2/LTC6992-4
VMOD = GND
V+ = 3.3V, RSET = 200k, and TA = 25°C, unless
otherwise noted.


Similar Part No. - LTC6992CS6-2-TRPBF

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC6992CS6-2#TRMPBF AD-LTC6992CS6-2#TRMPBF Datasheet
1Mb / 34P
   Voltage-Controlled Pulse Width Modulator (PWM)
More results

Similar Description - LTC6992CS6-2-TRPBF

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC6992-1 AD-LTC6992-1 Datasheet
1Mb / 34P
   Voltage-Controlled Pulse Width Modulator (PWM)
logo
Linear Technology
LTC6992-2 LINER-LTC6992-2_15 Datasheet
533Kb / 34P
   Voltage-Controlled Pulse Width Modulator
LTC6992-4 LINER-LTC6992-4_15 Datasheet
533Kb / 34P
   Voltage-Controlled Pulse Width Modulator
LTC6992-3 LINER-LTC6992-3_15 Datasheet
533Kb / 34P
   Voltage-Controlled Pulse Width Modulator
LTC6992-1 LINER-LTC6992-1_15 Datasheet
533Kb / 34P
   Voltage-Controlled Pulse Width Modulator
logo
Renesas Technology Corp
HIP6007 RENESAS-HIP6007 Datasheet
554Kb / 10P
   Buck Pulse-Width Modulator (PWM) Controller
logo
Intersil Corporation
HIP6007 INTERSIL-HIP6007 Datasheet
100Kb / 10P
   Buck Pulse-Width Modulator (PWM) Controller
HIP6013 INTERSIL-HIP6013_05 Datasheet
297Kb / 11P
   Buck Pulse-Width Modulator (PWM) Controller
logo
Renesas Technology Corp
HIP6013 RENESAS-HIP6013 Datasheet
601Kb / 11P
   Buck Pulse-Width Modulator (PWM) Controller
logo
Intersil Corporation
HIP6013 INTERSIL-HIP6013 Datasheet
103Kb / 11P
   Buck Pulse-Width Modulator (PWM) Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com