Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6257IMS-TRPBF Datasheet(PDF) 4 Page - Linear Technology

Part # LTC6257IMS-TRPBF
Description  6.5MHz, 65關A Power Efficient Rail-to-Rail I/O Op Amps
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6257IMS-TRPBF Datasheet(HTML) 4 Page - Linear Technology

  LTC6257IMS-TRPBF Datasheet HTML 1Page - Linear Technology LTC6257IMS-TRPBF Datasheet HTML 2Page - Linear Technology LTC6257IMS-TRPBF Datasheet HTML 3Page - Linear Technology LTC6257IMS-TRPBF Datasheet HTML 4Page - Linear Technology LTC6257IMS-TRPBF Datasheet HTML 5Page - Linear Technology LTC6257IMS-TRPBF Datasheet HTML 6Page - Linear Technology LTC6257IMS-TRPBF Datasheet HTML 7Page - Linear Technology LTC6257IMS-TRPBF Datasheet HTML 8Page - Linear Technology LTC6257IMS-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LTC6255/LTC6256/LTC6257

625567f
5V electricAl chArActeristics
Theldenotesthespecificationswhichapplyoverthefulloperating
temperaturerange,otherwisespecificationsareatTA=25°C.VSUPPLY=5V,VCM=VOUT=VSUPPLY/2,CL=10pF,VSHDNisunconnected.
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CMRR
CommonModeRejectionRatio
VCM=0.3Vto3.5V
l
80
76
100
dB
dB
IVR
InputVoltageRange
l
–0.1
5.1
V
PSRR
PowerSupplyRejectionRatio
VCM=0.4V,VSRangesFrom1.8Vto5V
l
85
81
100
dB
dB
AV
LargeSignalGain
VO=0.5Vto4.5V,RLOAD=100k
l
50
28
200
V/mV
V/mV
VO=0.5Vto4.5V,RLOAD=10k
l
25
8
50
V/mV
V/mV
VOL
OutputSwingLow(InputOverdrive30mV).
MeasuredfromV
NoLoad
l
6
25
35
mV
mV
ISINK=100µA
l
10
30
40
mV
mV
ISINK=1mA
l
30
75
95
mV
mV
VOH
OutputSwingHigh(InputOverdrive30mV).
MeasuredfromV+
NoLoad
l
24
55
60
mV
mV
ISOURCE=100µA
l
30
80
90
mV
mV
ISOURCE=1mA
l
75
150
170
mV
mV
ISC
OutputShort-CircuitCurrent
l
17
8
35
mA
mA
IS
SupplyCurrentperAmplifier
l
57
42
65
73
88
µA
µA
SupplyCurrentinShutdown
l
6
7
12
µA
µA
ISHDN
ShutdownPinCurrent
VSHDN=0.6V
VSHDN=1.5V
l
l
–1400
–900
–1000
–500
nA
nA
VIL
SHDNInputLowVoltage
Disable
l
0.6
V
VIH
SHDNInputHighVoltage
Enable
l
1.5
V
tON
Turn-OnTime
5
µs
tOFF
Turn-OffTime
3
µs
BW
–3dBClosedLoopBandwidth
AV=1
4.5
MHz
GBW
Gain-BandwidthProduct
f=200kHz
l
2.5
2
6.5
MHz
MHz
tS
SettlingTime,0.5Vto4.5V,UnityGain
0.1%
0.01%
4
6
µs
µs
SR
SlewRate
AV=–1,VOUT=0.5Vto4.5V,CLOAD=10pF,
RF=RG=10kΩ
l
1.0
0.75
1.8
V/µs
V/µs
FPBW
FullPowerBandwidth(Note8)
4VP-P
140
kHz
THD+N
TotalHarmonicDistortionandNoise
f=500Hz,AV=2,RL=4kΩ,VOUTP-P=1V
VIN=2.25Vto2.75V
0.0022
93
%
dB
ILEAK
OutputLeakageCurrentinShutdown
VSHDN=0V,VOUT=0V
VSHDN=0V,VOUT=5V
l
l
–400
–400
400
400
nA
nA


Similar Part No. - LTC6257IMS-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6257 LINER-LTC6257 Datasheet
1Mb / 28P
   1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
LTC6257 LINER-LTC6257 Datasheet
1Mb / 26P
   30MHz, 240關A Power Efficient Rail-to-Rail I/O Op Amps
LTC6257 LINER-LTC6257 Datasheet
700Kb / 30P
   280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
LTC6257 LINER-LTC6257_15 Datasheet
466Kb / 24P
   6.5MHz, 65A Power Efficient Rail-to-Rail I/O Op Amps
More results

Similar Description - LTC6257IMS-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6256 LINER-LTC6256_15 Datasheet
466Kb / 24P
   6.5MHz, 65A Power Efficient Rail-to-Rail I/O Op Amps
LTC6255 LINER-LTC6255_15 Datasheet
466Kb / 24P
   6.5MHz, 65A Power Efficient Rail-to-Rail I/O Op Amps
LTC6257 LINER-LTC6257_15 Datasheet
466Kb / 24P
   6.5MHz, 65A Power Efficient Rail-to-Rail I/O Op Amps
LTC6261 LINER-LTC6261 Datasheet
1Mb / 26P
   30MHz, 240關A Power Efficient Rail-to-Rail I/O Op Amps
LTC6258 LINER-LTC6258 Datasheet
1Mb / 28P
   1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
logo
Analog Devices
LTC6258 AD-LTC6258 Datasheet
1Mb / 28P
   1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
LTC6432-15 AD-LTC6432-15 Datasheet
1Mb / 20P
   1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
logo
Linear Technology
LTC6247 LINER-LTC6247_15 Datasheet
492Kb / 24P
   180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6246 LINER-LTC6246_15 Datasheet
492Kb / 24P
   180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6246 LINER-LTC6246 Datasheet
487Kb / 24P
   180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com