Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6256HTS8-TRPBF Datasheet(PDF) 2 Page - Linear Technology

Part # LTC6256HTS8-TRPBF
Description  6.5MHz, 65關A Power Efficient Rail-to-Rail I/O Op Amps
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6256HTS8-TRPBF Datasheet(HTML) 2 Page - Linear Technology

  LTC6256HTS8-TRPBF Datasheet HTML 1Page - Linear Technology LTC6256HTS8-TRPBF Datasheet HTML 2Page - Linear Technology LTC6256HTS8-TRPBF Datasheet HTML 3Page - Linear Technology LTC6256HTS8-TRPBF Datasheet HTML 4Page - Linear Technology LTC6256HTS8-TRPBF Datasheet HTML 5Page - Linear Technology LTC6256HTS8-TRPBF Datasheet HTML 6Page - Linear Technology LTC6256HTS8-TRPBF Datasheet HTML 7Page - Linear Technology LTC6256HTS8-TRPBF Datasheet HTML 8Page - Linear Technology LTC6256HTS8-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTC6255/LTC6256/LTC6257

625567f
Absolute MAxiMuM rAtings
SupplyVoltage:V+–V...........................................5.5V
InputVoltage................................... V–0.2toV++0.2
InputCurrent:+IN,–IN,SHDN(Note2)...............±10mA
OutputCurrent:OUT........................................... ±20mA
OutputShort-CircuitDuration(Note3)............ Indefinite
OperatingTemperatureRange
(Note4).................................................. –40°Cto125°C
(Note1)
TOP VIEW
KC PACKAGE
8-LEAD (2mm 2mm) PLASTIC UTDFN
5
6
7
8
9
V
4
3
2
1
OUTA
–INA
+INA
V
V+
OUTB
–INB
+INB
TJMAX=125°C,θJA=89°C/W(NOTE6)
EXPOSEDPAD(PIN9)ISV,MUSTBESOLDEREDTOPCB
1
2
3
6
5
4
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC TSOT-23
V+
SHDN
–IN
OUT
V
+IN
TJMAX=150°C,θJA=192°C/W(NOTE6)
1
2
3
4
8
7
6
5
TOP VIEW
TS8 PACKAGE
8-LEAD PLASTIC TSOT-23
V+
OUTB
–INB
+INB
OUTA
–INA
+INA
V
TJMAX=150°C,θJA=195°C/W(NOTE6)
1
2
3
4
OUTA
–INA
+INA
V
8
7
6
5
V+
OUTB
–INB
+INB
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TJMAX=150°C,θJA=163°C/W(NOTE6)
1
2
3
4
5
OUTA
–INA
+INA
V
SHDNA
10
9
8
7
6
V+
OUTB
–INB
+INB
SHDNB
TOP VIEW
MS PACKAGE
10-LEAD PLASTIC MSOP
TJMAX=150°C,θJA=160°C/W(NOTE6)
1
2
3
4
5
6
7
8
OUTA
–INA
+INA
V+
+INB
–INB
OUTB
NC
16
15
14
13
12
11
10
9
OUTD
–IND
+IND
V
+INC
–INC
OUTC
NC
TOP VIEW
MS PACKAGE
16-LEAD PLASTIC MSOP
+
+
TJMAX=150°C,θJA=125°C/W(NOTE6)
pin conFigurAtion
SpecifiedTemperatureRange
(Note5).................................................. –40°Cto125°C
StorageTemperatureRange.................. –65°Cto150°C
JunctionTemperature........................................... 150°C
LeadTemperature(Soldering,10sec)
S6,TS8,MS8,MSonly.........................................300°C


Similar Part No. - LTC6256HTS8-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6256 LINER-LTC6256 Datasheet
437Kb / 20P
   Dual Micropower, 5V/關s Precision Rail-to-Rail Output Amplifier
LTC6256 LINER-LTC6256 Datasheet
770Kb / 22P
   Dual Micropower, 1.4V/關s Precision Rail-to-Rail Output Amplifier
LTC6256 LINER-LTC6256 Datasheet
1Mb / 28P
   1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
LTC6256 LINER-LTC6256 Datasheet
1Mb / 26P
   30MHz, 240關A Power Efficient Rail-to-Rail I/O Op Amps
LTC6256 LINER-LTC6256 Datasheet
700Kb / 30P
   280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
More results

Similar Description - LTC6256HTS8-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6256 LINER-LTC6256_15 Datasheet
466Kb / 24P
   6.5MHz, 65A Power Efficient Rail-to-Rail I/O Op Amps
LTC6255 LINER-LTC6255_15 Datasheet
466Kb / 24P
   6.5MHz, 65A Power Efficient Rail-to-Rail I/O Op Amps
LTC6257 LINER-LTC6257_15 Datasheet
466Kb / 24P
   6.5MHz, 65A Power Efficient Rail-to-Rail I/O Op Amps
LTC6261 LINER-LTC6261 Datasheet
1Mb / 26P
   30MHz, 240關A Power Efficient Rail-to-Rail I/O Op Amps
LTC6258 LINER-LTC6258 Datasheet
1Mb / 28P
   1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
logo
Analog Devices
LTC6258 AD-LTC6258 Datasheet
1Mb / 28P
   1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
LTC6432-15 AD-LTC6432-15 Datasheet
1Mb / 20P
   1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
logo
Linear Technology
LTC6247 LINER-LTC6247_15 Datasheet
492Kb / 24P
   180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6246 LINER-LTC6246_15 Datasheet
492Kb / 24P
   180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6246 LINER-LTC6246 Datasheet
487Kb / 24P
   180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com