Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6992HDCB6-3-PBF Datasheet(PDF) 9 Page - Linear Technology

Part # LTC6992HDCB6-3-PBF
Description  TimerBlox Voltage-Controlled Pulse Width Modulator (PWM)
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6992HDCB6-3-PBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC6992HDCB6-3-PBF Datasheet HTML 5Page - Linear Technology LTC6992HDCB6-3-PBF Datasheet HTML 6Page - Linear Technology LTC6992HDCB6-3-PBF Datasheet HTML 7Page - Linear Technology LTC6992HDCB6-3-PBF Datasheet HTML 8Page - Linear Technology LTC6992HDCB6-3-PBF Datasheet HTML 9Page - Linear Technology LTC6992HDCB6-3-PBF Datasheet HTML 10Page - Linear Technology LTC6992HDCB6-3-PBF Datasheet HTML 11Page - Linear Technology LTC6992HDCB6-3-PBF Datasheet HTML 12Page - Linear Technology LTC6992HDCB6-3-PBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
LTC6992-1/LTC6992-2/
LTC6992-3/LTC6992-4
9
69921234p
TYPICAL PERFORMANCE CHARACTERISTICS
NDIV = 1 Duty Cycle vs VMOD/ VSET
NDIV > 1 Duty Cycle vs VMOD/ VSET
NDIV > 1 Duty Cycle vs VMOD/ VSET
NDIV = 1 Duty Cycle Error vs Ideal
Duty Cycle Error vs DIVCODE
Duty Cycle Error vs DIVCODE
Duty Cycle Error vs DIVCODE
NDIV > 1 Duty Cycle Error vs Ideal
NDIV > 1 Duty Cycle Error vs Ideal
VMOD/VSET (V/V)
0
0.2
0
40
80
70
60
50
90
100
0.8
0.6
0.4
1
30
20
10
6992 G29
DIVCODE = 0
3 PARTS
LTC6992-1/
LTC6992-4
LTC6992-2/
LTC6992-4
LTC6992-1/LTC6992-3
LTC6992-2/
LTC6992-3
VMOD/VSET (V/V)
0
0.2
0
40
80
70
60
50
90
100
0.8
0.6
0.4
1
30
20
10
6992 G30
DIVCODE = 4
3 PARTS
LTC6992-1/
LTC6992-4
LTC6992-2/
LTC6992-4
LTC6992-1/LTC6992-3
LTC6992-2/
LTC6992-3
VMOD/VSET (V/V)
0
0.2
0
40
80
70
60
50
90
100
0.8
0.6
0.4
1
30
20
10
6992 G31
DIVCODE = 11
3 PARTS
LTC6992-1/
LTC6992-4
LTC6992-2/
LTC6992-4
LTC6992-1/LTC6992-3
LTC6992-2/
LTC6992-3
IDEAL DUTY CYCLE (%)
–5
0
4
3
2
1
5
50
25
0
100
–1
–2
–3
–4
75
6992 G32
DIVCODE = 0
3 PARTS
PART A
PART B
PART C
IDEAL DUTY CYCLE (%)
–5
0
4
3
2
1
5
50
25
0
100
–1
–2
–3
–4
75
6992 G33
DIVCODE = 4
3 PARTS
PART A
PART B
PART C
IDEAL DUTY CYCLE (%)
–5
0
4
3
2
1
5
50
25
0
100
–1
–2
–3
–4
75
6992 G34
DIVCODE = 11
3 PARTS
PART A
PART B
PART C
V+ = 3.3V, RSET = 200k, and TA = 25°C, unless
otherwise noted.
DIVCODE
02
–5
–1
3
2
1
0
4
5
8
6
4
12
14
–2
–3
–4
10
6992 G26
VMOD/VSET = 0.2 (12.5%)
3 PARTS
DIVCODE
02
–5
–1
3
2
1
0
4
5
8
6
4
12
14
–2
–3
–4
10
6992 G27
VMOD/VSET = 0.5 (50%)
3 PARTS
DIVCODE
02
–5
–1
3
2
1
0
4
5
8
6
4
12
14
–2
–3
–4
10
6992 G28
VMOD/VSET = 0.8 (87.5%)
3 PARTS


Similar Part No. - LTC6992HDCB6-3-PBF

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC6992HDCB-1#TRMPBF AD-LTC6992HDCB-1#TRMPBF Datasheet
1Mb / 34P
   Voltage-Controlled Pulse Width Modulator (PWM)
LTC6992HDCB-2#TRMPBF AD-LTC6992HDCB-2#TRMPBF Datasheet
1Mb / 34P
   Voltage-Controlled Pulse Width Modulator (PWM)
LTC6992HDCB-3#TRMPBF AD-LTC6992HDCB-3#TRMPBF Datasheet
1Mb / 34P
   Voltage-Controlled Pulse Width Modulator (PWM)
LTC6992HDCB-4#TRMPBF AD-LTC6992HDCB-4#TRMPBF Datasheet
1Mb / 34P
   Voltage-Controlled Pulse Width Modulator (PWM)
More results

Similar Description - LTC6992HDCB6-3-PBF

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC6992-1 AD-LTC6992-1 Datasheet
1Mb / 34P
   Voltage-Controlled Pulse Width Modulator (PWM)
logo
Linear Technology
LTC6992-2 LINER-LTC6992-2_15 Datasheet
533Kb / 34P
   Voltage-Controlled Pulse Width Modulator
LTC6992-4 LINER-LTC6992-4_15 Datasheet
533Kb / 34P
   Voltage-Controlled Pulse Width Modulator
LTC6992-3 LINER-LTC6992-3_15 Datasheet
533Kb / 34P
   Voltage-Controlled Pulse Width Modulator
LTC6992-1 LINER-LTC6992-1_15 Datasheet
533Kb / 34P
   Voltage-Controlled Pulse Width Modulator
logo
Renesas Technology Corp
HIP6007 RENESAS-HIP6007 Datasheet
554Kb / 10P
   Buck Pulse-Width Modulator (PWM) Controller
logo
Intersil Corporation
HIP6007 INTERSIL-HIP6007 Datasheet
100Kb / 10P
   Buck Pulse-Width Modulator (PWM) Controller
HIP6013 INTERSIL-HIP6013_05 Datasheet
297Kb / 11P
   Buck Pulse-Width Modulator (PWM) Controller
logo
Renesas Technology Corp
HIP6013 RENESAS-HIP6013 Datasheet
601Kb / 11P
   Buck Pulse-Width Modulator (PWM) Controller
logo
Intersil Corporation
HIP6013 INTERSIL-HIP6013 Datasheet
103Kb / 11P
   Buck Pulse-Width Modulator (PWM) Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com