Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6256IMS-PBF Datasheet(PDF) 1 Page - Linear Technology

Part # LTC6256IMS-PBF
Description  6.5MHz, 65關A Power Efficient Rail-to-Rail I/O Op Amps
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6256IMS-PBF Datasheet(HTML) 1 Page - Linear Technology

  LTC6256IMS-PBF Datasheet HTML 1Page - Linear Technology LTC6256IMS-PBF Datasheet HTML 2Page - Linear Technology LTC6256IMS-PBF Datasheet HTML 3Page - Linear Technology LTC6256IMS-PBF Datasheet HTML 4Page - Linear Technology LTC6256IMS-PBF Datasheet HTML 5Page - Linear Technology LTC6256IMS-PBF Datasheet HTML 6Page - Linear Technology LTC6256IMS-PBF Datasheet HTML 7Page - Linear Technology LTC6256IMS-PBF Datasheet HTML 8Page - Linear Technology LTC6256IMS-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LTC6255/LTC6256/LTC6257

625567f
ApplicAtions
n
MicropowerActiveFilters
n
PortableInstrumentation
n
BatteryorSolarPoweredSystems
n
AutomotiveElectronics
n
GainBandwidthProduct:6.5MHz
n
–3dBBandwidth(AV=+1):4.5MHz
n
LowQuiescentCurrent:65µA
n
StableforCapacitiveLoadUpto100nF
n
OffsetVoltage:350µVMaximum
n
Rail-to-RailInputandOutput
n
SupplyVoltageRange:1.8Vto5.25V
n
InputBiasCurrent:35nAMaximum
n
CMRR/PSRR:100dB/100dB
n
ShutdownCurrent:7µAMaximum
n
OperatingTemperatureRange:–40°Cto125°C
n
Singlein6-LeadTSOT-23Package
n
Dualin8-LeadMS8,MS10,TS0T-23,2mm
×2mm
ThinDFNPackages
n
QuadinMS16Package
typicAl ApplicAtion
Description
6.5MHz, 65µA Power
Efficient Rail-to-Rail I/O
Op Amps
The LTC®6255/LTC6256/LTC6257 are single/dual/quad
operational amplifiers with low noise, low power, low
supply voltage, rail-to-rail input/output. They are unity
gainstablewithcapacitiveloadupto100nF.Theyfeature
6.5MHzgain-bandwidthproduct,1.8V/µsslewratewhile
consumingonly65µAofsupplycurrentperamplifierop-
eratingonsupplyvoltagesrangingfrom1.8Vto5.25V.The
combinationoflowsupplycurrent,lowsupplyvoltage,high
gainbandwidthproductandlownoisemakestheLTC6255
familyuniqueamongrail-to-railinput/outputopampswith
similarsupplycurrents.Theseoperationalamplifiersare
idealforlowpowerandlownoiseapplications.
Forapplicationsthatrequirepower-down,LTC6255and
LTC6256 in S6 and MS10 packages offer shutdown
pins which reduces the current consumption to 7µA
maximum.
TheLTC6255familycanbeusedasplug-inreplacements
formanycommerciallyavailableopampstoreducepower
ortoimproveinput/outputrangeandperformance.
L
,LT,LTC,LTM,LinearTechnologyandtheLinearlogoareregisteredtrademarksand
Over-The-TopisatrademarkofLinearTechnologyCorporation.Allothertrademarksarethe
propertyoftheirrespectiveowners.
LowPower,LowDistortionADCDriver
FeAtures
LTC6255DrivingLTC2361ADC
VIN = –1dBFS, 5kHz
fS = 125kSps
SNR = 72.5dB
SFDR = 89dB
tACQ = 5µs
tCONV = 3µs
FREQUENCY (kHz)
625567 TA01b
0
10
20
30
40
50
60
0
–30
–50
–10
–110
–20
–40
–60
–70
–80
–90
–100
LTC6255
VIN
5mV TO 2V
3.3V
3.3V
10k
1%
22pF
6.34k, 1%
324
1%
470pF
NPO
GND
CS
SDO
SCK
OVDD
VDD
AIN
ISUPPLY = 540µA TOTAL AT 125kSps
VREF
625567 TA01a
LTC2361


Similar Part No. - LTC6256IMS-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6256 LINER-LTC6256 Datasheet
437Kb / 20P
   Dual Micropower, 5V/關s Precision Rail-to-Rail Output Amplifier
LTC6256 LINER-LTC6256 Datasheet
770Kb / 22P
   Dual Micropower, 1.4V/關s Precision Rail-to-Rail Output Amplifier
LTC6256 LINER-LTC6256 Datasheet
1Mb / 28P
   1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
LTC6256 LINER-LTC6256 Datasheet
1Mb / 26P
   30MHz, 240關A Power Efficient Rail-to-Rail I/O Op Amps
LTC6256 LINER-LTC6256 Datasheet
700Kb / 30P
   280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
More results

Similar Description - LTC6256IMS-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6256 LINER-LTC6256_15 Datasheet
466Kb / 24P
   6.5MHz, 65A Power Efficient Rail-to-Rail I/O Op Amps
LTC6255 LINER-LTC6255_15 Datasheet
466Kb / 24P
   6.5MHz, 65A Power Efficient Rail-to-Rail I/O Op Amps
LTC6257 LINER-LTC6257_15 Datasheet
466Kb / 24P
   6.5MHz, 65A Power Efficient Rail-to-Rail I/O Op Amps
LTC6261 LINER-LTC6261 Datasheet
1Mb / 26P
   30MHz, 240關A Power Efficient Rail-to-Rail I/O Op Amps
LTC6258 LINER-LTC6258 Datasheet
1Mb / 28P
   1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
logo
Analog Devices
LTC6258 AD-LTC6258 Datasheet
1Mb / 28P
   1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
LTC6432-15 AD-LTC6432-15 Datasheet
1Mb / 20P
   1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
logo
Linear Technology
LTC6247 LINER-LTC6247_15 Datasheet
492Kb / 24P
   180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6246 LINER-LTC6246_15 Datasheet
492Kb / 24P
   180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6246 LINER-LTC6246 Datasheet
487Kb / 24P
   180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com